PART |
Description |
Maker |
P8254 82C54 IS82C54 IS82C54-12 IS82C54-10 CP82C54 |
CMOS Programmable Interval Timer 3 TIMER(S), PROGRAMMABLE TIMER, CQCC28 CMOS Programmable Interval Timer 3 TIMER(S), PROGRAMMABLE TIMER, PDIP24 CMOS Programmable Interval Timer 3 TIMER(S), PROGRAMMABLE TIMER, PQCC28 CMOS Programmable Interval Timer 3 TIMER(S), PROGRAMMABLE TIMER, CDIP24 CMOS Programmable Interval Timer 3 TIMER(S), PROGRAMMABLE TIMER, PDSO24
|
Intersil, Corp. INTERSIL[Intersil Corporation] http://
|
IL1776-11 |
MICROPOWER PROGRAMMABLE OPERATIONAL AMPLIFIER
|
IK Semicon Co., Ltd
|
TSX561 TSX561A TSX561AILT TSX564IPT TSX561IYLT TSX |
Micropower, wide bandwidth 16V CMOS op-amps Micropower, wide bandwidth, 16 V CMOS operational amplifiers
|
ST Microelectronics STMicroelectronics
|
ST5R25 ST5R33 ST5R50 |
MICROPOWER VFM STPE-UP DC/DC CONVERTER ; No. of Macrocells:64; IC Generic Number:; No. of Outputs:68; Number of Inputs:68; Operating Temp. Max:70 C; Operating Temp. Min:0 C; Propagation Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:102; Package/Case:144-TQFP; Leaded Process Compatible:No; Number of Circuits:1728 Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:32; Package/Case:44-PLCC; Mounting Type:Surface Mount
|
ST Microelectronics
|
HN613256FP HN613256P HN613256 |
word x 8-bit CMOS Mask Programmable Read Only Memory 32768 word x 8 Bit CMOS Programmable ROM
|
Hitachi Semiconductor Renesas Technology
|
IL1776 |
From old datasheet system MICROPOWER PROGRAMMABLE OPERATIONAL AMPLIFIER
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
OP32EZ OP32EP OP32FP OP32FZ OP32GP OP32GZ OP-32 OP |
High-Speed(Avcl = 10) Programmable Micropower Operational Amplifier High-Speed(Avcl => 10) Programmable Micropower Operational Amplifier High-Speed(Avcl => 10) Programmable Micropower Operational Amplifier High-Speed(Avcl => 10) Programmable Micropower Operational Amplifier
|
AD[Analog Devices]
|
LS127-390-RM LS127-4R7-RM LS127-470-RM LS127-560-R |
4.5mV Micropower Rail-to-Rail CMOS Operational Amplifier, 8L PDIP 1 ELEMENT, 3.5 uH, GENERAL PURPOSE INDUCTOR, SMD 2.0mV Micropower Rail-to-Rail CMOS Operational Amplifier, 8L CDIP 1 ELEMENT, 39 uH, GENERAL PURPOSE INDUCTOR, SMD Surface Mount Power Inductors 1 ELEMENT, 7.6 uH, GENERAL PURPOSE INDUCTOR, SMD 4.5mV Micropower Rail-to-Rail CMOS Operational Amplifier, 8L SOIC 1 ELEMENT, 6.1 uH, GENERAL PURPOSE INDUCTOR, SMD Surface Mount Power Inductors 1 ELEMENT, 12 uH, GENERAL PURPOSE INDUCTOR, SMD Single Precision High Speed Micropower CMOS Timer, 8L PDIP 1 ELEMENT, 220 uH, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 150 uH, GENERAL PURPOSE INDUCTOR, SMD Dual N-Channel EPAD Matched Pair MOSFET Array, Vgs= -3.5 V, Depletion Mode, 8L PDIP, EPAD Enabled 1 ELEMENT, 15 uH, GENERAL PURPOSE INDUCTOR, SMD
|
http:// ICE Components, Inc. ICE COMPONENTS INC
|
6264C-45M/BUAJC 6264C-35M/BUAJC 6264C-70M/BUAJC 62 |
Dual Mode™ 5V Programmable Micropower Voltage Regulators 145°C Precision SMBus-Compatible Remote/Local Sensors with Overtemperature Alarms Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms Dual Mode™ 5V Programmable Micropower Voltage Regulators x8的SRAM x8 SRAM x8的SRAM
|
Xicon Passive Components Ecliptek, Corp.
|
AD8617ARMZ AD8613AKSZ-R2 AD8613AKSZ-REEL AD8613AUJ |
Low Cost Micropower, Low Noise CMOS Rail-to-Rail Input/Output Operational Amplifier; No of Pins: 8; Temperature Range: Industrial DUAL OP-AMP, 2200 uV OFFSET-MAX, 0.35 MHz BAND WIDTH, PDSO8 Low Cost Micropower, Low Noise CMOS Rail-to-Rail, Input/Output Operational Amplifiers
|
Analog Devices, Inc.
|