PART |
Description |
Maker |
MIC5255 MIC5255-2.5BM5 MIC5255-2.5YM5 MIC5255-2.6B |
150mA Low Noise UCap CMOS LDO 150mA Low Noise UCap CMOS LDO 2.9 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 150mA Low Noise UCap CMOS LDO 2.85 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 4.5V to 20V, 6A Synchronous Step Down SWIFT Converter 16-HTSSOP -40 to 150 3.3 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 IGBT Modules up to 600V PIM 2.7 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 150mA Low Noise UCap CMOS LDO 2.7 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 4.5V to 20V, 6A Synchronous Step Down SWIFT Converter 16-HTSSOP -40 to 150 Dual 3A Non-Synchronous Buck Converter with Integrated High Side MOSFET, 600 kHz 14-HTSSOP -40 to 125 T1/E1 Transformer 5.5V to 36V, 5A, 500kHz Step Down SWIFT Converter 8-SO PowerPAD -40 to 125
|
Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor] MICREL INC
|
NCP583XV15T2G NCP583XV25T2G NCP583SQ33T1G NCP583SQ |
Ultra−Low Iq 150 mA CMOS LDO Regulator with Enable 1.5 V FIXED POSITIVE LDO REGULATOR, 0.9 V DROPOUT, PDSO6 Ultra−Low Iq 150 mA CMOS LDO Regulator with Enable 2.5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PDSO6 Ultra−Low Iq 150 mA CMOS LDO Regulator with Enable 3.3 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO4 Ultra−Low Iq 150 mA CMOS LDO Regulator with Enable 2.8 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO4
|
ON Semiconductor
|
UEP2A222MDD UEP2A221MED.PD UEP2A221MHD UEP2A332MED |
5 V / 150 mA LDO w/ Reset, Delay, Adjustable Reset and Early Warning USB Positive Overvoltage Protection Controller Overvoltage Protection Device 200 mA, Ultra-Low Noise, High PSSR, BiCMOS RF LDO Regulator Wide Bandwidth, 4-Channel 2:1 Video Switch Dual Output, High Accuracy, Low Dropout Regulator 1.5A Ultra-low Voltage Fast Transient Response Low Dropout Regulator 铝电解电容器 ALUMINUM ELECTROLYTIC CAPACITORS 铝电解电容器 ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, NON-POLARIZED, 25 V, 1000 uF, THROUGH HOLE MOUNT 80 mA CMOS Low Iq, Low-Dropout Voltage Regulator 铝电解电容器 Post Driver Regulator 铝电解电容器 150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable 铝电解电容器 500mA CMOS LDO 铝电解电容器 100 mA, 5.0V, LDO w/ Reset, Delay, and Early Warning 铝电解电容器 3.4 A, Step-Up/Step-Down/Inverting Switching Regulator (50-300 kHz) (ext temp - Auto) 铝电解电容器
|
Nichicon Corporation Nichicon, Corp. Microchip Technology, Inc.
|
FAN2535S285X FAN2534 FAN2534S26X FAN2534S30X FAN25 |
150 mA CMOS LDO Regulator with Fast Start, Enable
|
FAIRCHILD[Fairchild Semiconductor]
|
ADP150ACBZ-3.0-R7 ADP150ACBZ-2.6-R7 ADP150CB-3.3-E |
Ultralow Noise, 150 mA CMOS Linear Regulator; Package: 4 ball WLCSP (.8x.8mm); No of Pins: 4; Temperature Range: Ind 2.5 V FIXED POSITIVE LDO REGULATOR, 0.16 V DROPOUT, PBGA4 Ultralow Noise, 150 mA CMOS Linear Regulator; Package: 5 ld TSOT; No of Pins: 5; Temperature Range: Ind 3 V FIXED POSITIVE LDO REGULATOR, 0.16 V DROPOUT, PDSO5 Ultralow Noise, 150 mA CMOS Linear Regulator; Package: 4 ball WLCSP (.8x.8mm); No of Pins: 4; Temperature Range: Ind 3 V FIXED POSITIVE LDO REGULATOR, 0.16 V DROPOUT, PBGA4 Ultralow Noise, 150 mA CMOS Linear Regulator; Package: 4 ball WLCSP (.8x.8mm); No of Pins: 4; Temperature Range: Ind 3.3 V FIXED POSITIVE LDO REGULATOR, 0.16 V DROPOUT, PBGA4 Ultralow Noise, 150 mA CMOS Linear Regulator; Package: 5 ld TSOT; No of Pins: 5; Temperature Range: Ind 3.3 V FIXED POSITIVE LDO REGULATOR, 0.16 V DROPOUT, PDSO5 Ultralow Noise, 150 mA CMOS Linear Regulator; Package: 4 ball WLCSP (.8x.8mm); No of Pins: 4; Temperature Range: Ind 2.85 V FIXED POSITIVE LDO REGULATOR, 0.16 V DROPOUT, PBGA4 2.6 V FIXED POSITIVE LDO REGULATOR, 0.16 V DROPOUT, PBGA4 0.80 X 0.80 MM, 0.40 MM PITCH, ROHS COMPLIANT, WLCSP-4 Ultralow Noise, 150 mA CMOS Linear Regulator; Package: 5 ld TSOT; No of Pins: 5; Temperature Range: Ind 2.5 V FIXED POSITIVE LDO REGULATOR, 0.16 V DROPOUT, PDSO5
|
http:// Analog Devices, Inc. ANALOG DEVICES INC
|
FAN2503S30X FAN2503S33X FAN2502 FAN2502S25X FAN250 |
Low-dropout Voltage Regulator 2.8 V FIXED POSITIVE LDO REGULATOR, 0.18 V DROPOUT, PDSO5 150 mA CMOS LDO Regulators 2.6 V FIXED POSITIVE LDO REGULATOR, 0.18 V DROPOUT, PDSO5 PLUG.PCB TERMINAL 8213 B /2 OB RoHS Compliant: Yes 1.32 V-6.68 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.18 V DROPOUT, PDSO5 2.7 V FIXED POSITIVE LDO REGULATOR, 0.18 V DROPOUT, PDSO5
|
http:// FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
TC2054-1.8VCTTR TC2055-1.8VCTTR TC2186-1.8VCTTR TC |
2.8 V FIXED POSITIVE LDO REGULATOR, 0.14 V DROPOUT, PDSO5 50 mA, 100 mA, and 150 mA CMOS LDOs with Shutdown and Error Output
|
Microchip Technology
|
TC1186-5.0VCT713 TC1054 TC1054_07 TC1054-1.8VCT713 |
2.8 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and ERROR Output
|
MICROCHIP[Microchip Technology]
|
TC1016-1.85VCTTR TC1016-1.8VLTTR TC1016-2.85VLTTR |
80 mA, Tiny CMOS LDO With Shutdown 2.85 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO5 3 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO5 2.8 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO5
|
Microchip Technology Inc.
|
ILC7084AIM5ADJX ILC7083 ILC7083AIK30X ILC7083AIKAD |
RES 2.1K-OHM 5% 0.125W 200PPM THICK-FILM SMD-0805 5K/REEL-7IN-PA 2.5 V-12 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO5 JT 32C 32#20 SKT PLUG 3 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO8 150mA SOT-23 Low Noise CMOS RF-LDO?/a> Regulator 150mA SOT-23 Low Noise CMOS RF-LDO Regulator 150mA SOT-23 Low Noise CMOS RF-LDO⑩ Regulator 150mA SOT-23 Ultra Low Noise CMOS RF-LDO
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
NCP170BMX170TCG NCP170AMX135TCG NCP170AMX310TCG NC |
Ultra┸Low IQ 150 mA CMOS LDO Regulator
|
ON Semiconductor
|
NCV4269D1R2 |
5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output 5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8
|
ON Semiconductor
|
|