PART |
Description |
Maker |
TB0720H-13-F TB2300H-13-F |
100A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE 88 V, 50 A, SILICON SURGE PROTECTOR 100A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE 265 V, 50 A, SILICON SURGE PROTECTOR
|
Diodes, Inc.
|
TB0640L10 TB0640L TB2300L TB3100L TB3500L TB1500L |
30A BIDIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
|
Diodes Incorporated
|
TB0640L TB1100L TB2300L TB3100L TB2600L TB0900L TB |
(TB0640L - TB3500L) BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
|
Diodes Incorporated
|
T400BB-LC |
Low Capacitance Bi-Directional Surface Mount Thyristor Surge Protective Device
|
Weitron Technology
|
T350CB-LC T110AB-LC07 T400BB-LC T350BB-LC T400CB-L |
Low Capacitance Bi-Directional Surface Mount Thyristor Surge Protective Device Low Capacitance Bi-Directional Surface Mount Thyristor Surge Protective Device
|
Weitron Technology http://
|
TB0900M-13-F TB0720M-13-F TB3100M-13-F TB3500M-13- |
50A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
|
DIODES[Diodes Incorporated]
|
TB0720L-13-F TB3100L-13-F TB0900L-13-F TB3500L-13- |
30A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
|
DIODES[Diodes Incorporated]
|
STH03F-SERIES STHA3F-SERIES STA05F-SERIES STAA5F-S |
Transient Surge Protection Thyristor; Package/Case:DO-214AA; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Repetitive Reverse Voltage Max, Vrrm:220V; Capacitance:30pF; Holding Current:150mA; Leakage Current:5uA Transient Surge Protection Thyristor; Thyristor Type:Sidac; Current, It av:2.2A; Package/Case:6-SOIC; Reel Quantity:1500; Capacitance:25pF; Current Rating:2.2A; Forward Current:5A; Forward Voltage:160V; Holding Current:150mA RoHS Compliant: NA Transient Surge Protection Thyristor; Package/Case:6-SOIC; Current, It av:2.2A; Reel Quantity:1500; Capacitance:40pF; Current Rating:2.2A; Forward Current:5A; Forward Voltage:180V; Holding Current:50uA; Mounting Type:Surface Mount Peripheral IC 外围芯片 Transient Surge Protection Thyristor; Package/Case:DO-214AA; Repetitive Reverse Voltage Max, Vrrm:120V; Capacitance:80pF; Holding Current:50mA; Leakage Current:5uA; Mounting Type:Through Hole; On-State Saturation Voltage:4V 外围芯片 Transient Surge Protection Thyristor; Package/Case:DO-214AA; Current, It av:2.2A; Reel Quantity:2500; Capacitance:20pF; Current Rating:2.2A; Forward Current:5A; Forward Voltage:90V; Holding Current:120mA; Mounting Type:Through Hole 外围芯片 Transient Surge Protection Thyristor; Package/Case:DO-214AA; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Reel Quantity:2500; Repetitive Reverse Voltage Max, Vrrm:120V; Capacitance:40pF; Holding Current:150mA 外围芯片
|
Sanken Electric Co., Ltd. TE Connectivity, Ltd. Keystone Electronics, Corp.
|
KT15R25 |
Surge Protectors / Thyristor Surge Suppressors (Three Terminal Type)
|
Shindengen
|
PP0800SB-LF-T PP0800SC-LF-T PP0800SC-T PP0720SC-LF |
THYRISTOR SURGE SUPPRESSOR 20 A, SILICON SURGE PROTECTOR, DO-214AA THYRISTOR SURGE SUPPRESSOR 32 A, SILICON SURGE PROTECTOR, DO-214AA THYRISTOR SURGE SUPPRESSOR
|
http:// PROTEC[Protek Devices]
|