PART |
Description |
Maker |
PR36MF2XNSZ |
Zero Cross type DIP 8pin Triac output SSR
|
Sharp Electrionic
|
PR33MF51NIPF PR33MF51YIPF PR33MF51NSZF PR33MF51YSZ |
Non-Zero Cross type DIP 8pin Triac output SSR
|
Sharp Electrionic Components
|
PR39MF51YPLF |
Non-Zero Cross type DIP 8pin Triac output SSR
|
Sharp
|
PR31MA11NXPF PR31MA11NTZF |
Non-Zero Cross type DIP 6pin SSR TRIGGER OUTPUT SOLID STATE RELAY, 5000 V ISOLATION-MAX LEAD FREE, PLASTIC, DIP-6
|
Sharp Electrionic Components Sharp Electronics, Corp.
|
PC3SF21YVZ PC3SF21YVZAF PC3SF21YXP PC3SF21YTZ PC3S |
VDRM : 600V, Reinforced insulation type Zero cross type DIP 6pin Phototriac Coupler for triggering
|
Sharp Electrionic Components Sharp Electrionic Compo...
|
PC4SF11YVZ |
VDRM : 800V, Reinforced insulation type Non-zero cross type DIP 6pin Phototriac Coupler for triggering
|
Sharp Electrionic Components
|
PC4SD21NTZCF PC4SD21NTZDF PC4SD21NXZCF PC4SD21YXPD |
VDRM : 800V Zero cross type DIP 6pin Phototriac Coupler for triggering
|
Sharp Microelectronics of the Americas Sharp Electrionic Components
|
EL3031 EL3032 EL3033 EL303X EL3043 EL3042 EL3041 E |
5 PIN DIP ZERO CROSS TRIAC DRIVER 6 PIN DIP ZERO CROSS TRIAC DRIVER PHOTOCOUPLER
|
Everlight Electronics Co., Ltd Everlight Electronics C...
|
MOC3062-M MOC3063-M MOC3061-M |
6-Pin DIP Zero-Cross Optoisolators Triac Driver Output (600 Volts Peak) 6-Pin DIP Zero-Cross Optoisolators Triac Drivers Output (600 Volts Peak)
|
Fairchild Semiconductor
|
EC1300HS-24.000M EC1345HSETT-50.000M EC1300HST-125 |
OSCILLATORS 100PPM 0 70 3.3V 4 24.000MHZ NC HCMOS/TTL HALF 8PIN DIP CRYSTAL OSCILLATOR, CLOCK, 24 MHz, HCMOS OUTPUT OSCILLATORS 50PPM -40 85 3.3V 4 50.000MHZ NC CMOS HALF 8PIN DIP CRYSTAL OSCILLATOR, CLOCK, 50 MHz, HCMOS OUTPUT OSCILLATORS 100PPM 0 70 3.3V 4 125.000MHZ NC CMOS HALF 8PIN DIP CRYSTAL OSCILLATOR, CLOCK, 125 MHz, HCMOS OUTPUT OSCILLATORS 100PPM 0 70 3.3V 4 50.000MHZ NC HCMOS/TTL HALF 8PIN DIP CRYSTAL OSCILLATOR, CLOCK, 50 MHz, HCMOS OUTPUT OSCILLATORS 25PPM 0 70 3.3V 4 50.000MHZ NC CMOS HALF 8PIN DIP CRYSTAL OSCILLATOR, CLOCK, 50 MHz, HCMOS OUTPUT OSCILLATORS 50PPM 0 70 3.3V 4 50.000MHZ TS HCMOS/TTL HALF 8PIN DIP OSCILLATORS 100PPM 0 70 3.3V 4 50.000MHZ TS HCMOS/TTL HALF 8PIN DIP CRYSTAL OSCILLATOR, CLOCK, 0.25 MHz, HCMOS OUTPUT
|
Ecliptek, Corp. ECLIPTEK CORP
|