PART |
Description |
Maker |
SUM50F SUM20F SUM25F SUM30F SUM35F SUM40F |
0.5 AMPS 2000 - 5000 VOLTS 180 nsec HIGH VOLTAGE RECTIFIER
|
http:// SSDI[Solid States Devices, Inc]
|
CFB949AQ CFD1275AQ CFB949AP CFD1275AP CFD1275R CFB |
2.000W Power PNP Plastic Leaded Transistor. 80V Vceo, 2.000A Ic, 2000 - 5000 hFE. Complementary CFD1275AQ 2.000W Power NPN Plastic Leaded Transistor. 80V Vceo, 2.000A Ic, 2000 - 5000 hFE. Complementary CFB949AQ 2.000W Power PNP Plastic Leaded Transistor. 80V Vceo, 2.000A Ic, 4000 - 10000 hFE. Complementary CFD1275AP 2.000W Power NPN Plastic Leaded Transistor. 80V Vceo, 2.000A Ic, 4000 - 10000 hFE. Complementary CFB949AP 2.000W Power NPN Plastic Leaded Transistor. 60V Vceo, 2.000A Ic, 1000 - 2500 hFE. Complementary CFB949R 2.000W Power PNP Plastic Leaded Transistor. 60V Vceo, 2.000A Ic, 1000 - 10000 hFE. Complementary CFD1275 2.000W Power PNP Plastic Leaded Transistor. 60V Vceo, 2.000A Ic, 4000 - 10000 hFE. Complementary CFD1275P 2.000W Power PNP Plastic Leaded Transistor. 80V Vceo, 2.000A Ic, 2000 - 5000 hFE. Complementary CFD1275AR 2.000W Power PNP Plastic Leaded Transistor. 80V Vceo, 2.000A Ic, 1000 - 10000 hFE. Complementary CFD1275A 2.000W Power NPN Plastic Leaded Transistor. 60V Vceo, 2.000A Ic, 1000 - 10000 hFE. Complementary CFB949 2.000W Power NPN Plastic Leaded Transistor. 60V Vceo, 2.000A Ic, 2000 - 5000 hFE. Complementary CFB949Q
|
Continental Device India Limited
|
5.0SMLJ90A 5.0SMLJ100A 5.0SMLJ110A 5.0SMLJ11A 5.0S |
Transient Voltage Suppressor 11 to 170 Volts 5000 Watt 5000 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB
|
Micro Commercial Compon... MCC[Micro Commercial Components] Micro Commercial Components Corp. Micro Commercial Components, Corp.
|
1N6529 1N6535 1N6531 1N6533 |
2,000 V - 10,000 V Rectifiers 2000 V - 10000 V Rectifiers
|
ETC[ETC]
|
HER202G HER201G |
Passivated High Efficient Rectifiers 50 to 1000 Volts 2.0 Amp Glass 2 A, 100 V, SILICON, RECTIFIER DIODE, DO-15 5000 GATE 3.3 VOLT LOGIC CELL ARRAY - NOT RECOMMENDED for NEW DESIGN
|
Micro Commercial Components, Corp.
|
R2000 |
High Voltage Silicon Rectifiers Reverse Voltage 1200 to 2000 Volts Forward Current 0.2 to 0.5 Ampere
|
GOOD-ARK Electronics
|
5KP7.0A 5KP6.0A 5KP8.0A 5KP6.5CA 5KP9.0CA 5KP8.0CA |
Silicon Avalanche Diodes - 5000 Watt Axial Leaded Transient Voltage Suppressor 硅雪崩二极管- 5000瓦特轴向引线型瞬态电压抑制器 DIODE FAST REC 400V 20A DO-5 硅雪崩二极管- 5000瓦特轴向引线型瞬态电压抑制器 5000 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
Littelfuse, Inc. Surge Components, Inc.
|
ZAPD-21 ZAPD-21-N |
500 MHz - 2000 MHz RF/MICROWAVE COMBINER, 1 dB INSERTION LOSS ROHS COMPLIANT, CASE F14 Power Splitter/Combiner 2 Way-0 50ヘ 500 to 2000 MHz Power Splitter/Combiner 2 Way-0 50惟 500 to 2000 MHz Power Splitter/Combiner 2 Way-0 50Ω 500 to 2000 MHz
|
Mini-Circuits
|
5KP64 5KP10 5KP9.0A 5KP7.0A 5KP8.0A 5KP14A |
RES 25 OHM 5% 225W TUBULAR WW MOSFET N-CH 250V 14A D2PAK 5000 W, UNIDIRECTIONAL, SILICON, TVS DIODE Unidirectional and bidirectional Transient Voltage Suppressor diodes 5000 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
SEMIKRON
|
AP77016-B04 |
uSAP77016-B04 G.723.1 Audio CODEC Middleware | User's Manual[10/2000] uSAP77016B04 g.723.1使用音频CODEC中间件|用户手册[10/2000]
|
Glenair, Inc.
|
1N6519 1N6513 1N6515 1N6517 |
2,000 V - 10,000 V Rectifiers 0.5 A - 2.0 A Forward Current 70 ns Recovery Time 2000 V - 10000 V Rectifiers 0.5 A - 2.0 A Forward Current 70 ns Recovery Time
|
ETC[ETC]
|
3495H-642 3491H-644 |
5000 MHz - 10000 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.6 dB INSERTION LOSS-MAX 1000 MHz - 2000 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 1.6 dB INSERTION LOSS-MAX
|
HERLEY NEW YORK
|