PART |
Description |
Maker |
SD530S SD550S SD5100S SD560S SD580S SD520S SD540S |
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 5 Ampere) (SD520S - SD5100S) SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
|
Panjit International Inc PANJIT[Pan Jit International Inc.]
|
SK24DC SK25DC SK28DC SK23DC |
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
|
EIC discrete Semiconductors DC Components Co., Ltd.
|
BAT54WS-7 BAT54WS |
SURFACE MOUNT SCHOTTKY BARRIER DIODE 0.75A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
|
DIODES[Diodes Incorporated]
|
SS100 SS14 SS13 SS12 SS16 S100 |
Surfase mount schottky barrier rectifier. Max recurrent peak reverse voltage 100 V. Max average forward current 1.0 A. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
|
PanJit International Inc. PanJit Semiconductors Pan Jit International Inc.
|
SDM40E20L08 SDM40E20LA-7 SDM40E20LS-7-F SDM40E20LC |
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE DIODE SCHOTTKY 20V 300MW SOT23 0.4 A, 20 V, 2 ELEMENT, SILICON, SIGNAL DIODE DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
|
Diodes Incorporated Diodes Inc.
|
SPJ-63S SPB-G56S MPE-24H SPB-64S SPB-G34 SPB-G34S |
Schottky Barrier Diodes (Power Surface Mount) 30V / 40V / 60V Schottky Barrier Diodes (Power Surface Mount) 30V, 40V, 60V 6 A, SILICON, RECTIFIER DIODE Schottky Barrier Diodes (Power Surface Mount) 30V, 40V, 60V 肖特基二极管(电源表面贴装)30V的,40V的,60V Schottky Barrier Diodes (Power Surface Mount) 30V, 40V, 60V 5 A, 40 V, SILICON, RECTIFIER DIODE Schottky Barrier Diodes (Power Surface Mount) 30V, 40V, 60V 3 A, 40 V, SILICON, RECTIFIER DIODE
|
http:// Sanken Electric Co., Ltd. Sanken Electric Co.,Ltd. SANKEN[Sanken electric]
|
MBR0520LT1G MBR0520LT3 MBR0520LT3G MBR0520LT1 |
Surface Mount Schottky Barrier Power Rectifier(0.5A,20V表贴型肖特基势垒功率整流 Surface Mount Schottky Power Rectifier Plastic SOD−123 Package
|
ONSEMI[ON Semiconductor]
|
MBR0530T3 MBR0530T1 MBR0530T3G MBR0530T1G |
Surface Mount Schottky Power Rectifier Plastic SOD−123 Package Surface Mount Schottky Barrier Power Rectifier(0.5A,30V表贴型肖特基势垒功率整流
|
ONSEMI[ON Semiconductor]
|
SD101AW SD101BW SD101CW |
SCHOTTKY BARRIER SWITCHING DIODE (SD101AW - SD101CW) SURFACE MOUNT SCHOTTKY BARRIER DIODE
|
DIODES[Diodes Incorporated]
|
MBRS320T3 MBRS330 MBRS360 MBRS360T3 MBRS330T3 MBRS |
SCHOTTKY BARRIER RECTIFIERS 肖特 Surface Mount Schottky Power Rectifier
|
http:// ONSEMI[ON Semiconductor]
|
SK23A SK24A SK25A |
Surface Mount SchottkyBarrier Rectifiers Surface Mount Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 2.0 Amperes
|
GOOD-ARK Electronics
|