PART |
Description |
Maker |
PC3SH21YIPB PC3SH21YFZ |
1 CHANNEL TRIAC OUTPUT WITH ZERO CRSVR OPTOCOUPLER SMT, PLASTIC, DIP-4 VDRM : 600V, Reinforced insulation type Zero cross type DIP 4pin Phototriac Coupler for triggering
|
Sharp Electronics, Corp. Sharp Electrionic Components
|
CSR13G564JS M39003-01-8224 M39003-01-2254 M39003-0 |
LOADED FOR CROSS REF. ONLY MIL PN: M39003/01-5675 Solid-Electrolyte TANTALEX Capacitors, Military MIL-PRF-39003/01 Qualified, Style CSR13 Solid-Electrolyte TANTALEX? Capacitors, Military MIL-PRF-39003/01 Qualified, Style CSR13 LOADED FOR CROSS REF. ONLY MIL PN: M39003/01-8124 LOADED FOR CROSS REF. ONLY MIL PN: M39003/01-7123 LOADED FOR CROSS REF. ONLY MIL PN: M39003/01-6033 LOADED FOR CROSS REF. ONLY MIL PN: M39003/01-2490 LOADED FOR CROSS REF. ONLY MIL PN: M39003/01-6229 LOADED FOR CROSS REF. ONLY MIL PN: M39003/01-8228
|
Vishay Sprague Vishay Siliconix
|
PC3ST21NSZ |
VDRM : 600V, Zero cross type DIP 4pin Phototriac Coupler for triggering
|
Sharp Electrionic Component...
|
PC4SD21NTZCF PC4SD21NTZDF PC4SD21NXZCF PC4SD21YXPD |
VDRM : 800V Zero cross type DIP 6pin Phototriac Coupler for triggering
|
Sharp Microelectronics of the Americas Sharp Electrionic Components
|
S202S12F |
IT(rms)?A, Built-in snubber circuit Zero Cross type SIP 4pin Triac output SSR
|
Sharp Electrionic Components
|
1MC04030 |
Miniature Single- and Multistage thermoelectric coolers with pellets cross-section 0.4x0.4 mm. Each TEC type is available with five different heights as options
|
RMT Ltd.
|
1MC04-060-12 1MC04-060-15 1MC04-060-05 1MC04-060-1 |
Thermoelectric Module Miniature Single- and Multistage thermoelectric coolers with pellets cross-section 0.4x0.4 mm. Each TEC type is available with five different heights as options
|
RMT Ltd.
|
1MC06-017-05 1MC06-017-08 1MC06-017-15 1MC06-017-1 |
Thermoelectric Module Miniature Single- and Multistage thermoelectric coolers with pellets cross-section 0.6x0.6 mm. Each TEC type is available with five different heights as options.
|
RMT Ltd.
|
1MC06-012-05 1MC06-012-08 1MC06-012-10 1MC06-012-1 |
Thermoelectric Module Miniature Single- and Multistage thermoelectric coolers with pellets cross-section 0.6x0.6 mm. Each TEC type is available with five different heights as options.
|
RMT Ltd.
|