PART |
Description |
Maker |
P8SG-XXXXZH30M P8SG-0505ZH30M P8SG-053R6ZH30M P8SG |
Input voltage:24V, output voltage /-7.2V ( /-100mA), 3KV isolated 1.5W regulated single output Input voltage:24V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated single output Input voltage:24V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage /-3.6V ( /-200mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 3千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
PWR6011 PWR6016 PWR6018 PWR6010 PWR6012 PWR6017 PW |
1.8 Watt regulated DC/DC converter. Nom.input voltage 15VDC, rated output voltage 5VDC, rated output current 360mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage -15VDC, rated output current -60mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage -12VDC, rated output current -75mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage 5VDC, rated output current 360mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 5VDC, rated output voltage -15VDC, rated output current -60mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 5VDC, rated output voltage -12VDC, rated output current -75mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 5VDC, rated output voltage 5VDC, rated output current 360mA. Analog IC 模拟IC 1.8 WATT UNREGULATED DC/DC CONVERTER 2-OUTPUT 1.8 W DC-DC REG PWR SUPPLY MODULE DIODE ZENER SINGLE 500mW 2.5Vz 20mA-Izt 0.05 100uA-Ir 1Vr DO35-GLASS 5K/AMMO 2-OUTPUT 1.8 W DC-DC REG PWR SUPPLY MODULE
|
Molex, Inc. Bourns, Inc. CANDD[C&D Technologies]
|
P8SG-247R2EM P8SG-0505EM P8SG-1205EM P8SG-1212EM P |
Input voltage:24V, output voltage 7.2V (200mA), 1KV isolated 1.5W regulated single output 1 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24 1千伏隔震1.5糯稳压单输出DIP24
|
PEAK[PEAK electronics GmbH]
|
PZ8GG-1515EH30 PZ8GG-0505EH30 PZ8GG-0512EH30 PZ8GG |
Input voltage:15V, output voltage 12V (125mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage 15V (100mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage 12V (125mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage 5V (300mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage 15V (100mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage 12V (125mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage 5V (300mA), 3KV isolated 1.5W regulated single output Input voltage:15V, output voltage 5V (300mA), 3KV isolated 1.5W regulated single output PZ8GgxxxxEH30 3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT SIP12 PZ8GgxxxxEH30 3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT SIP12
|
PEAK[PEAK electronics GmbH]
|
MAX682 MAX682ESA MAX683 MAX684EUA MAX683EUA MAX684 |
From old datasheet system 3.3V-Input to Regulated 5V-Output Charge Pumps(3.3V输入电压,可调,5V输出电荷 3.3V-Input to Regulated 5V-Output Charge Pumps 0.1 A SWITCHED CAPACITOR REGULATOR, 1300 kHz SWITCHING FREQ-MAX, PDSO8
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products, Inc.
|
FKC03-24D05 FKC03-24D12 FKC03-24D15 FKC03-12D15 FK |
3 WATTS REGULATED OUTPUT POWER
|
Power Mate Technology Co., LTD
|
FKC03-12D05 FKC03-12S05 FKC03-12S12 FKC03-12S15 FK |
3 WATTS REGULATED OUTPUT POWER
|
RSG Electronic Components GmbH RSG Electronic Componen...
|
DR1P5-05S05 DR1P5-05D05 DR1P5-05D12 DR1P5-05D15 DR |
1.5 WATTS REGULATED OUTPUT POWER
|
Power Mate Technology Co., LTD
|
MW4012-760 MW4018-760 |
(MW40xx-xxx) Medical Grade - Single Output Regulated Power Supplies
|
ETC
|
LTC4088-1 LTC4088-2 LTC4088EDE-1-PBF LTC4088EDE-1- |
High Effi ciency Battery Charger/USB Power Manager with Regulated Output Voltage
|
Linear Technology
|
MAX1673 MAX1673ESA 1825 |
Regulated, 125mA Output, Charge Pump DC-DC Inverter From old datasheet system Regulated, 125mA-Output, Charge-Pump DC-DC Inverter Regulated / 125mA-Output / Charge-Pump DC-DC Inverter
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
MAX8671X MAX8671XETL |
PMIC with Integrated Charger and Smart Power Selector for Handheld Devices Five Regulated Output Voltages and Li Charger with Smart Power Control that Allows a System to Oper
|
Maxim Integrated Products
|