PART |
Description |
Maker |
FSTU162450 FSTU162450MTD FSTU162450GX FSTU162450MT |
CBT/FST/QS/5C/B SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO56 Configurable 4-Bit to 20-Bit Bus Switch with .2V Undershoot Protection and 25з Series Resistors in Outputs (Preliminary) Configurable 4-Bit to 20-Bit Bus Switch with .2V Undershoot Protection and 25 Series Resistors in Outputs (Preliminary)
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor]
|
FSTUD32450G FSTUD32450 FSTUD32450GX FSTUD32450GXNL |
Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting CBT/FST/QS/5C/B SERIES, QUAD 10-BIT DRIVER, TRUE OUTPUT, PBGA114
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor] FAIRCHILD SEMICONDUCTOR CORP
|
SSTUH32866EC_G SSTUH32866 SSTUH32866EC SSTUH32866E |
1.8 V high output drive 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2 RDIMM applications
|
Philips NXP Semiconductors N.V.
|
LPC4370FET100 |
32-bit ARM Cortex-M4 2 x M0 MCU 282 kB SRAM Ethernet two HS USBs 80 Msps 12-bit ADC configurable peripherals
|
NXP Semiconductors
|
FSTUD32450GX |
Configurable 4-Bit to 40-Bit Bus Switch
|
Fairchild Semiconductor
|
MC14531BCL MC14531BCP MC14531BD MC14531B ON0912 |
12-Bit Parity Tree 4000/14000/40000 SERIES, 12-BIT PARITY GENERATOR/CHECKER, CONFIGURABLE OUTPUT, PDIP16 ORDERING INFORMATION From old datasheet system
|
Motorola Mobility Holdings, Inc. Motorola, Inc. ON Semi MOTOROLA[Motorola, Inc]
|
M38023E7 M38022E3 M38021E2 M38025M2 M38025M1 M3802 |
RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer 1-Ch. 10-Bit 1.25 MSPS ADC 8-Ch., DSP/SPI, Hardware Configurable, Low Power 24-SOIC -40 to 85 TRANS PREBIASED NPN 200MW SOT-23 Screwless Socket Brdg.(50 pk) 8-BIT SINGLE-CHIP MICROCOMPUTER R1 单芯位CMOS微机 Single Output LDO, 500mA, Fixed(2.5V), Tight Output Accuracy of 2%, Thermal Overload Protection 20-TSSOP 0 to 125 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Sem... http:// Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
FXL5T244BQX FXL5T244 |
Low Voltage Dual Supply 5-Bit Signal Translator with Configurable Voltage Supplies with Configurable Voltage Supplies 低电压双电源5位信号翻译与配置电压供应可配置电压供 Low Voltage Dual Supply 5-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
ICSSSTUBF32866A ICSSSTUBF32866AZLFT |
25-Bit Configurable Registered Buffer for DDR2
|
Integrated Circuit Systems
|
IDT74SSTUBF32869A |
14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
|
Integrated Device Technology
|
ICSSSTUAF32868A ICSSSTUAF32868AHLFT |
28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
|
Integrated Device Technology
|