PART |
Description |
Maker |
APL5835-18D APL5835-EC-TU APL5835 APL5835-18DC-TR |
2.7 V, 450 mA low dropout linear regulator of adjustable and fixed voltage 450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages 3A Fixed Low Dropout Linear Regulator (LDO) 2.6 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 1.8 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PBCY3 3A Fixed Low Dropout Linear Regulator (LDO) 3.3 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 3A固定低压差线性稳压器(LDO Multi Turn Trimmer; Series:70; Track Resistance:500ohm; Resistance Tolerance: 10%; Power Rating:1W; Operating Temperature Range:-55 C to C; Resistor Element Material:Cermet; Temperature Coefficient:100 ppm RoHS Compliant: Yes 四百五十○毫安低压差线性稳压器,可调式和固定电
|
ANPEC Electronics Corporation ANPEC[Anpec Electronics Coropration] Anpec Electronics, Corp.
|
CS5257A-1 CS5257A-1GDP5 CS5257A-1GDPR5 CS5257A-1GT |
7A LDO 5-Pin Adjustable Linear Regulator
|
ZF Electronics Corporation CHERRY[Cherry Semiconductor Corporation]
|
CS5253-1GDP5 CS5253-1GDPR5 |
3A LDO 5-Pin Adjustable Linear Regulator
|
ON Semiconductor
|
CS5210-1-D |
10 A LDO 3-Pin Adjustable Linear Regulator
|
ON Semiconductor
|
CS5253-1-D |
3.0 A LDO 5-Pin Adjustable Linear Regulator
|
ON Semiconductor
|
CS52510-1 CS52510-1GT5 |
10A LDO 5-Pin Adjustable Linear Regulator
|
Cherry Semiconductor Co... CHERRY[Cherry Semiconductor Corporation]
|
IRU1206 IRU1206-18 IRU1206-18CD IRU1206-18CY IRU12 |
1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS 1A非常低压差正,固定和可调调节 (IRU1206 - IRU1209) 1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS 1A Fixed LDO Linear Regulator in a TO-252 (D-PAK) 2-Leads package 1A Fixed LDO Linear Regulator in a SOT-223 3-Leads package 1A Fixed LDO Linear Regulator in a SOIC 8-Lead package 1A Adj LDO Linear Regulator in a SOIC 8-Lead package
|
International Rectifier, Corp. IRF[International Rectifier]
|
NCV8502D100R2 NCV8502PDW100R2 NCV8502DADJ NCV8502P |
Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG 1.242 V-1.318 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8
|
ONSEMI[ON Semiconductor] 可调正电压单路输出LDO稳压
|
MAX6469TA15BD3 |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, DSO8
|
Maxim Integrated Products, Inc.
|
IRU1117CS IRUB1117CD IRUB1117CS IRUB1117CY IRU1117 |
0.8A Adj LDO Linear Regulator in a SOIC 8-Lead package 0.8A Adj LDO Linear Regulator in a SOT-223 3-Leads package 800mA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR 800mA的低压差型正,可调式稳压 RES 0805 3K60 0.1W 1% 150V 100PPM/C
|
Analog Integrations, Corp. IRF[International Rectifier]
|
FAN1084T FAN1084D FAN1084D33 FAN1084MC33 FAN1084T1 |
4.5A Adjustable/Fixed Low Dropout Linear Regulator 4.5A Adjustable Low Dropout Voltage Regulator (LDO) 4.5A Adjustable/Fixed Low Dropout Linear Regulator 1.5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSFM3 4.5A Adjustable/Fixed Low Dropout Linear Regulator 1.5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|