PART |
Description |
Maker |
1310F |
200 V - 1000 V Single Phase Bridge
|
Voltage Multipliers
|
MB6S MB10S MB4S |
Single Phase 0.8 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 200 to 1000 Volts Current 0.8 Amperes Single Phase 0.8 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 200 to 1000 Volts Current 0.8 Amperes
|
Kingtronics International Company Kingtronics Internation...
|
MB2S MB10S |
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers Reverse Voltage 200 to 1000 Volts Forward Current 0.5 Ampere
|
GOOD-ARK Electronics
|
MP5005-BP MP501 MP502-BP MP506-B MP5010-BP MP504-B |
50 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE 50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
|
Micro Commercial Components 天津环球磁卡股份有限公司 Micro Commercial Compon...
|
SPD4947SM |
1 AMPS 200-1000 VOLTS 150-200 nsec FAST RECOVERY RECTIFIER
|
Solid States Devices, I...
|
1102UFE 1106E 1102FE 1102E 1106FE 1110FE 1110UFE |
200 V single phase bridge 1.4-1.5 A forward current, 70 ns recovery time 600 V single phase bridge 1.4-1.5 A forward current, 3000 ns recovery time 200 V single phase bridge 1.4-1.5 A forward current, 150 ns recovery time 200 V single phase bridge 1.4-1.5 A forward current, 3000 ns recovery time 600 V single phase bridge 1.4-1.5 A forward current, 150 ns recovery time 1000 V single phase bridge 1.4-1.5 A forward current, 150 ns recovery time 1000 V single phase bridge 1.4-1.5 A forward current, 70 ns recovery time
|
Voltage Multipliers
|
1106B 1102UFB 1106FB 1102FB 1102B 1110FB 1110UFB 1 |
600 V single phase bridge 1.4-1.5 A forward current, 3000 ns recovery time 200 V single phase bridge 1.4-1.5 A forward current, 70 ns recovery time 600 V single phase bridge 1.4-1.5 A forward current, 150 ns recovery time 200 V single phase bridge 1.4-1.5 A forward current, 150 ns recovery time 200 V single phase bridge 1.4-1.5 A forward current, 3000 ns recovery time 1000 V single phase bridge 1.4-1.5 A forward current, 150 ns recovery time 1000 V single phase bridge 1.4-1.5 A forward current, 70 ns recovery time 600 V single phase bridge 1.4-1.5 A forward current, 70 ns recovery time
|
Voltage Multipliers
|
CS220-12P CS220-12B CS220-12D CS220-12M CS220-12N |
SILICON CONTROLLED RECTIFIER 12 AMP, 200 THRU 1000 VOLTS 12 A, 1000 V, SCR, TO-220AB SILICON CONTROLLED RECTIFIER 12 AMP, 200 THRU 1000 VOLTS 12 A, 200 V, SCR, TO-220AB SILICON CONTROLLED RECTIFIER 12 AMP, 200 THRU 1000 VOLTS 12 A, 800 V, SCR, TO-220AB SILICON CONTROLLED RECTIFIER 12 AMP/ 200 THRU 1000 VOLTS
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
SPD55501 SPD5554SMSS SPD5554SMSTX SPD5554SMSTXV SP |
5 AMPS, 200 thru 1000 VOLTS 2 レsec STANDARD RECOVERY RECTIFIER 5 A, 1000 V, SILICON, RECTIFIER DIODE 5 AMPS, 200 thru 1000 VOLTS 2 レsec STANDARD RECOVERY RECTIFIER 1.3 A, 1000 V, SILICON, RECTIFIER DIODE
|
Solid States Devices, Inc Solid State Devices, Inc.
|
HER208G-AP HER205G HER203G-BP |
2 A, 1000 V, SILICON, RECTIFIER DIODE, DO-15 ROHS COMPLIANT, PLASTIC PACKAGE-2 2.0 Amp Glass Passivated High Efficient Rectifiers 50 to 1000 Volts 2 A, 200 V, SILICON, RECTIFIER DIODE, DO-15
|
Micro Commercial Components, Corp.
|
3402B 3402FB |
200 V - 1,000 V Three Phase Bridge 18.0 A - 20.0 A Forward Current 70 ns - 3000 ns Recovery Time 3 PHASE, 20 A, SILICON, BRIDGE RECTIFIER DIODE
|
Electronic Theatre Controls, Inc. Voltage Multipliers, Inc.
|