PART |
Description |
Maker |
SUM50UFSMS SUM20UF SUM20UFSMS SUM25UF SUM25UFSMS S |
0.4 AMPS 2000 - 5000 VOLTS 60 nsec HIGH VOLTAGE ULTRA FAST RECTIFIER
|
SSDI[Solid States Devices, Inc]
|
HER201G HER208G HER202G HER203G HER204G HER205G HE |
5000 GATE 3.3 VOLT LOGIC CELL ARRAY - NOT RECOMMENDED for NEW DESIGN 2.0安培。玻璃钝化高效整流二极管 2.0 AMPS. GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
|
Jinan Gude Electronic Device Co., Ltd. JGD[Jinan Gude Electronic Device]
|
TB-874-HAR-1 TB-871-HARD-2 TB-872-HARD-2 TB-872-HA |
5000 MHz - 10000 MHz RF/MICROWAVE SGL POLE EIGHT THROW SWITCH, 2.5 dB INSERTION LOSS 2000 MHz - 18000 MHz RF/MICROWAVE SGL POLE EIGHT THROW SWITCH, 4.1 dB INSERTION LOSS 5000 MHz - 10000 MHz RF/MICROWAVE SGL POLE EIGHT THROW SWITCH, 2.6 dB INSERTION LOSS 5000 MHz - 10000 MHz RF/MICROWAVE SGL POLE EIGHT THROW SWITCH, 2.4 dB INSERTION LOSS 5000 MHz - 10000 MHz RF/MICROWAVE SGL POLE EIGHT THROW SWITCH, 2.7 dB INSERTION LOSS 2000 MHz - 18000 MHz RF/MICROWAVE SGL POLE EIGHT THROW SWITCH, 3.9 dB INSERTION LOSS
|
Crane Connectors
|
1N4933THRU1N4937 1N4935 |
FAST RECOVERY RECTIFIERS 50-600 VOLTS 1.0 AMPERE FAST RECOVERY RECTIFIERS 5000 VOLTS 1.0 AMPERE
|
Motorola, Inc.
|
NCD330K15KVNPOCTRF NCD330C15KVNPOCTRF NCD330K15KVN |
CAPACITOR, CERAMIC, 15000 V, C0G, 0.000033 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, 3000 V, C0G, 0.0001 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, 2000 V, C0G, 0.0001 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, 5000 V, C0G, 0.0001 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, 2000 V, C0G, 0.0000015 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, 10000 V, SL, 0.0001 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, 3000 V, SL, 0.0001 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, 2000 V, SL, 0.0001 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, 5000 V, SL, 0.0001 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, 15000 V, SL, 0.0001 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT
|
NIC Components, Corp.
|
5KP64 5KP10 5KP9.0A 5KP7.0A 5KP8.0A 5KP14A |
RES 25 OHM 5% 225W TUBULAR WW MOSFET N-CH 250V 14A D2PAK 5000 W, UNIDIRECTIONAL, SILICON, TVS DIODE Unidirectional and bidirectional Transient Voltage Suppressor diodes 5000 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
SEMIKRON
|
UPD789406A UPD789167Y UPD789177Y UPD78F9468 UPD789 |
78K/0S Series Instructions | User's Manual[11/2000] 78K/0S系列说明|用户手册[11/2000]
|
STMicroelectronics N.V.
|
4246 PE4246 PE4246-EK 4246-52 4246-00 4246-01 4246 |
Absorptive SPST UltraCMOS?/a> RF Switch: DC - 5000 MHz Absorptive SPST UltraCMOS RF Switch: DC - 5000 MHz Absorptive SPST UltraCMOSRF Switch: DC - 5000 MHz Absorptive SPST UltraCMOS⑩ RF Switch: DC - 5000 MHz
|
PEREGRINE[Peregrine Semiconductor Corp.]
|
MPSA92RL1G MPSA93RLRMG MPSA93G MPSA92G MPSA92RLRPG |
High Voltage Transistors Small Signal High Voltage PNP; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bulk; Qty per Container: 5000 500 mA, 200 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal High Voltage PNP; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Ammunition Box; Qty per Container: 2000 500 mA, 200 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal High Voltage PNP; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bulk; Qty per Container: 5000 500 mA, 300 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal High Voltage PNP; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Ammunition Box; Qty per Container: 2000 500 mA, 300 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Rectron Semiconductor
|
ZN2PD2-50 |
Power Splitter/Combiner 2 Way-0 50楼? 500 to 5000 MHz Power Splitter/Combiner 2 Way-0 50惟 500 to 5000 MHz Power Splitter/Combiner 2 Way-0 50Ω 500 to 5000 MHz
|
Mini-Circuits
|
|