PART |
Description |
Maker |
TB-874-HAR-1 TB-871-HARD-2 TB-872-HARD-2 TB-872-HA |
5000 MHz - 10000 MHz RF/MICROWAVE SGL POLE EIGHT THROW SWITCH, 2.5 dB INSERTION LOSS 2000 MHz - 18000 MHz RF/MICROWAVE SGL POLE EIGHT THROW SWITCH, 4.1 dB INSERTION LOSS 5000 MHz - 10000 MHz RF/MICROWAVE SGL POLE EIGHT THROW SWITCH, 2.6 dB INSERTION LOSS 5000 MHz - 10000 MHz RF/MICROWAVE SGL POLE EIGHT THROW SWITCH, 2.4 dB INSERTION LOSS 5000 MHz - 10000 MHz RF/MICROWAVE SGL POLE EIGHT THROW SWITCH, 2.7 dB INSERTION LOSS 2000 MHz - 18000 MHz RF/MICROWAVE SGL POLE EIGHT THROW SWITCH, 3.9 dB INSERTION LOSS
|
Crane Connectors
|
BYD43 BYD43-16 BYD43-18 BYD43-20 BYD43U BYD43V BYD |
Fast soft-recovery rectifiers 0.3 A, 2000 V, SILICON, SIGNAL DIODE From old datasheet system
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
HMC61110 |
60 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 10000 MHz 1 MHz - 10000 MHz RF/MICROWAVE THRESHOLD DETECTOR, 15 dBm INPUT POWER-MAX
|
http:// HITTITE MICROWAVE CORP Hittite Microwave Corporation
|
SXF6521 |
2,000 V - 5,000 V Rectifiers 0.15 A - 0.50 A Forward Current 70 ns Recovery Time 0.5 A, 2000 V, SILICON, SIGNAL DIODE
|
Voltage Multipliers, Inc.
|
XC4013E-1BG225C XC4010E-2BG225C XC4005E-4PQ100I XC |
13000 GATE LOGIC CELL ARRAY - NOT RECOMMENDED for NEW DESIGN FPGA, 576 CLBS, 10000 GATES, 166 MHz, PBGA225 10000 GATE LOGIC CELL ARRAY - NOT RECOMMENDED for NEW DESIGN FPGA, 400 CLBS, 7000 GATES, 125 MHz, PBGA225 5000 GATE LOGIC CELL ARRAY - NOT RECOMMENDED for NEW DESIGN FPGA, 100 CLBS, 2000 GATES, 125 MHz, PQFP100 FPGA, 400 CLBS, 7000 GATES, 125 MHz, PQFP208
|
Xilinx, Inc. XILINX INC
|
BY127-15 |
High Voltage Glass Passivated Junction Rectifiers Reverse Voltage 1250 to 2000 Volts Forward Current 1.0 Ampere
|
GOOD-ARK Electronics
|
PDA17-AS20-103BK PDA17-SS20-103AK PDA17-SS15-104BF |
Panel Mount Potentiometers 10K 20% 17mm Linear RESISTOR, POTENTIOMETER, CARBON FILM, 1 TURN(S), 0.1 W, 10000 ohm Panel Mount Potentiometers 10K 20% 17mm Audio RESISTOR, POTENTIOMETER, CARBON FILM, 1 TURN(S), 0.1 W, 10000 ohm RESISTOR, POTENTIOMETER, CARBON FILM, 1 TURN(S), 0.1 W, 100000 ohm ROHS COMPLIANT RESISTOR, POTENTIOMETER, CARBON FILM, 1 TURN(S), 0.1 W, 1000000 ohm ROHS COMPLIANT RESISTOR, POTENTIOMETER, CARBON FILM, 1 TURN(S), 0.1 W, 50000 ohm ROHS COMPLIANT RESISTOR, POTENTIOMETER, CARBON FILM, 1 TURN(S), 0.1 W, 2000 ohm ROHS COMPLIANT RESISTOR, POTENTIOMETER, CARBON FILM, 1 TURN(S), 0.1 W, 500000 ohm ROHS COMPLIANT Slide Potentiometers 5K 20% 7mm Switch Solder Lug RESISTOR, POTENTIOMETER, CARBON FILM, 1 TURN(S), 0.1 W, 5000 ohm RESISTOR, POTENTIOMETER, CARBON FILM, 1 TURN(S), 0.1 W, 20000 ohm ROHS COMPLIANT RESISTOR, POTENTIOMETER, CARBON FILM, 1 TURN(S), 0.1 W, 10000 ohm ROHS COMPLIANT RESISTOR, POTENTIOMETER, CARBON FILM, 1 TURN(S), 0.1 W, 200000 ohm ROHS COMPLIANT Panel Mount Potentiometers 5K 20% 17mm Linear RESISTOR, POTENTIOMETER, CARBON FILM, 1 TURN(S), 0.1 W, 5000 ohm
|
Bourns, Inc.
|
IRH015020LW02 IRJ008010LW02 IRJ015020LW02 IRH05405 |
1500 MHz - 2000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7 dB CONVERSION LOSS-MAX 800 MHz - 1000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7.5 dB CONVERSION LOSS-MAX 5400 MHz - 5900 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7 dB CONVERSION LOSS-MAX 9500 MHz - 10500 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 8 dB CONVERSION LOSS-MAX 2300 MHz - 2500 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7 dB CONVERSION LOSS-MAX 8500 MHz - 9600 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 8 dB CONVERSION LOSS-MAX 2000 MHz - 4000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7.5 dB CONVERSION LOSS-MAX 12000 MHz - 15000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 8.5 dB CONVERSION LOSS-MAX 2100 MHz - 2300 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7 dB CONVERSION LOSS-MAX 3700 MHz - 4200 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7 dB CONVERSION LOSS-MAX 1000 MHz - 2000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7.5 dB CONVERSION LOSS-MAX 16000 MHz - 19000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 9 dB CONVERSION LOSS-MAX 10000 MHz - 12000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 8.5 dB CONVERSION LOSS-MAX
|
MITEQ INC
|
XC5215-6HQ240C XC5215-6HQ208C XC5200-4PC84C XC5206 |
TV 6C 6#12 SKT RECP TV 6C 6#220 PIN RECP FPGA, 120 CLBS, 4000 GATES, 83 MHz, CPGA156 CTV 6C 6#22D PIN RECP 现场可编程门阵列 Field Programmable Gate Arrays 现场可编程门阵列 Field Programmable Gate Arrays FPGA, 64 CLBS, 2000 GATES, 10 MHz, PQFP64 ARTESYN PART 现场可编程门阵列 Field Programmable Gate Arrays FPGA, 120 CLBS, 4000 GATES, 83 MHz, PQFP100 Field Programmable Gate Arrays FPGA, 484 CLBS, 15000 GATES, 83 MHz, PQFP208 ECONOLINE: RZ - 1kVDC Isolation- SMD Package Styles- 5V, 12V and 15V Output- UL94V-0 Package Material- No Heatsink Required- No Extern. Components- Toroidal Magnetics- Efficiency to 62% FPGA, 324 CLBS, 10000 GATES, 83 MHz, PQFP208 Field Programmable Gate Arrays FPGA, 484 CLBS, 15000 GATES, 83 MHz, PQFP160 Field Programmable Gate Arrays FPGA, 324 CLBS, 10000 GATES, 83 MHz, CPGA223 Low-cost, register/latch rich, SRAM based
|
Xilinx, Inc. XILINX INC
|
94SVP157X0016F8 94SVP827X06R3F12 |
CAP 150UF 16VDC 20% 10 X 8MM SMD 0.035 OHM 2670MA 2000 HR - Tape and Reel Cap Aluminum 820uF 6.3V 20% (10 X 12.7mm) SMD 0.014 Ohm 5040mA 2000 hr 105C
|
Vishay Sprague
|
1N5618U 1N5622U 1N5614U 1N5620U |
600 V rectifier 1.5 A forward current, 2000 ns recovery time 1000 V rectifier 1.5 A forward current, 2000 ns recovery time 200 V rectifier 1.5 A forward current, 2000 ns recovery time 800 V rectifier 1.5 A forward current, 2000 ns recovery time
|
Voltage Multipliers
|
|