PART |
Description |
Maker |
RTC8593 |
(RTC-8583 / RTC-8593) IC-Bus Compatible Real Time Clock Module
|
EPSON Electronics
|
V3021 V30218P V30218S |
Ultra Low Power 1-Bit 32 kHz RTC
|
ETC
|
M41ST84Y |
512 BIT (64 X 8) SERIAL RTC WITH SUPERVISORY FUNCTIONS
|
ST Microelectronics
|
V3021SO8A V3021SO8B V3021XSO8B V3021 V30218P V3021 |
Ultra Low Power 1-Bit 32 kHz RTC
|
http:// EMMICRO[EM Microelectronic - MARIN SA]
|
M4T32-BR12SH M41ST85 M41ST85W M41ST85WMH M41ST85WM |
5.0 OR 3.0V, 512 bit 64 x 8 SERIAL RTC and NVRAM SUPERVISOR
|
STMICROELECTRONICS[STMicroelectronics]
|
MAX1414CAI MAX1407 MAX1414 MAX1409 MAX1407CAI MAX1 |
" Low- Power, 16-Bit Multichannel DAS with Internal Reference,10-Bit DACs, and RTC" Low-Power, 16-Bit Multichannel DAS with Internal Reference,10-Bit DACs, and RTC
|
MAXIM[Maxim Integrated Products]
|
STR91XFAX46 STR91XFAX47 STR91XFAX4X STR912FAW46 ST |
ARM966E-S垄芒 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA ARM966E-S 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA ARM966E-S?/a> 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA ARM966E-S?16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
|
STMicroelectronics
|
STR910FAZ32H6 STR912FAZ42H6 STR910FAW32 STR910FAW3 |
32-bit MCU ARM966E-S 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA ARM966E-S™ 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
|
ST Microelectronics
|
MAX11358BETL MAX11358BCTL |
16-Bit Data-Acquisition System with ADC, DAC, UPIOs, RTC, Voltage Monitors, and Temp Sensor
|
Maxim Integrated Products
|
MAX1359BETLT |
16-Bit, Data-Acquisition System with ADC, DAC, UPIOs, RTC, Voltage Monitors, and Temp Sensor
|
MAXIM - Dallas Semiconductor
|
STR910FM94X6T STR910FM32X6 STR910FM92X6T STR910FW9 |
ARM966E-S TM 16/32-BIT FLASH MCU WITH ETHERNET, USB, CAN, AC MOTOR CONTROL, 4 TIMERS, ADC, RTC, DMA
|
STMICROELECTRONICS[STMicroelectronics]
|
|