PART |
Description |
Maker |
BY359-1500 BY359-1500S |
Damper diode fast/ high-voltage SCREWDRIVER, SENSO PH NO.1 X 80SCREWDRIVER, SENSO PH NO.1 X 80; Tip type:Phillips; Length, blade:80mm; Driver type:Phillips No 1; Handle type:COLOUR CODED; Tip Size:No.1 Damper diode fast, high-voltage
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
ADUM1200WSRZ-RL7 ADUM1200WTRZ-RL7 ADUM1201WTRZ-RL7 |
Dual-Channel Digital Isolator (2/0 Channel Directionality); No of Pins: 8; Temperature Range: Military SPECIALTY ANALOG CIRCUIT, PDSO8 Dual-Channel Digital Isolator (1/1 Channel Directionality); No of Pins: 8; Temperature Range: Industrial SPECIALTY ANALOG CIRCUIT, PDSO8
|
Analog Devices, Inc. ANALOG DEVICES INC
|
MAX6656 MAX6655-MAX6656 MAX6655MEE MAX6656MEE MAX6 |
Dual Remote/Local Temperature Sensors and Four-Channel Voltage Monitors 4-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO16 From old datasheet system
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
AD7507JN AD7507SE AD7507SD/883B AD7507SE/883B AD75 |
7ns, Low Power, Single Supply, Ground-Sensing Comparator; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C Dual 400MHz Current Feedback Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Dual 400MHz Current Feedback Amplifier; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C 8-Channel Analog Multiplexer Nanopower Precision Shunt Voltage Reference; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Low Cost Dual and Triple 300MHz Current Feedback Amplifiers with Shutdown; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS Single 400MHz Current Feedback Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 7ns, Low Power, Single Supply, Ground-Sensing Comparator; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C 8通道模拟多路复用
|
Analog Devices, Inc.
|
TC620CVOA TC620 TC621 TC621XEPA TC620XCOA TC620XCP |
5V, dual trip point temperature sensors, low true control output (TC620 / TC621) Dual Trip Point Temperature Sensors The TC620 and TC621 are programmable logic output temperature detectors designed for use in thermal management applications. The TC620 features an on-board temperature sensor, while the TC621 connects to an external NTC thermistor for remo
|
MICROCHIP[Microchip Technology]
|
MAX6640ATE MAX6640 MAX6640AEE |
2-Channel Temperature Monitor with Dual Automatic PWM Fan-Speed Controller
|
MAXIM[Maxim Integrated Products]
|
MAX663907 MAX6639 MAX6639AEE MAX6639ATE |
2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
|
Maxim Integrated Products
|
AD6600ST/PCB AD6600 AD6600ST AD6600PCB AD6600AST A |
Dual Channel, Gain-Ranging ADC with RSSI Dual Channel/ Gain-Ranging ADC with RSSI 20 Characters x 4 Lines, 5x7 Dot Matrix Character and Cursor Diversity Receiver Chipset; Package: LQFP (10x10mm); No of Pins: 44; Temperature Range: Industrial 2-CH 11-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQFP44
|
Analog Devices, Inc.
|
AD5172BRMZ100-RL7 AD5173BRMZ2.5-RL7 AD5172BRMZ10-R |
256-Position One-Time Programmable Dual Channel I2C Digital Potentiometer; Package: MSOP; No of Pins: 10; Temperature Range: Automotive DUAL 100K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO10 256-Position One-Time Programmable Dual-Channel I2C Compatible Digital Potentiometer; Package: MSOP; No of Pins: 10; Temperature Range: Automotive DUAL 2.5K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO10 256-Position One-Time Programmable Dual Channel I2C Digital Potentiometer; Package: MSOP; No of Pins: 10; Temperature Range: Automotive DUAL 10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO10 256-Position, One-Time Programmable, Dual-Channel, I2C Digital Potentiometers
|
Analog Devices, Inc.
|
ADG722BRM-REEL |
CMOS, Low Voltage, 4 O Dual SPST Switch in 3 mm × 2 mm LFCSP; Package: MSOP; No of Pins: 8; Temperature Range: Industrial DUAL 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO8
|
Analog Devices, Inc.
|
ADG722ACPZ-REEL ADG723BRM-REEL ADG722BRMZ-REEL ADG |
CMOS, Low Voltage, 4 O Dual SPST Switch in 3 mm × 2 mm LFCSP; Package: LFCSP (3x2x.75mm); No of Pins: 8; Temperature Range: Industrial DUAL 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO8 CMOS, Low Voltage, 4 O Dual SPST Switch in 3 mm × 2 mm LFCSP; Package: MSOP; No of Pins: 8; Temperature Range: Industrial DUAL 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO8
|
Analog Devices, Inc. ANALOG DEVICES INC
|