PART |
Description |
Maker |
1N6527 1N6521 1N6525 1N6523 |
2,000 V - 10,000 V Rectifiers 2000 V - 10000 V Rectifiers
|
ETC[ETC]
|
PE4220 PE4220-EK 4220-52 4220 4220-00 4220-21 4220 |
SPDT UltraCMOS RF Switch DC - 2500 MHz SPDT UltraCMOSRF Switch DC - 2500 MHz SPDT UltraCMOS⑩ RF Switch DC - 2500 MHz
|
PEREGRINE[Peregrine Semiconductor Corp.]
|
SP4-2512/883 SP2-2512/883 SP4-2510-2 SP3-2512-2 SP |
OP-AMP, 10000 uV OFFSET-MAX, 12 MHz BAND WIDTH, CQCC20 CERAMIC, LCC-20 OP-AMP, 10000 uV OFFSET-MAX, 12 MHz BAND WIDTH, MBCY8 METAL CAN-8 OP-AMP, 8000 uV OFFSET-MAX, 12 MHz BAND WIDTH, CQCC20 OP-AMP, 10000 uV OFFSET-MAX, 12 MHz BAND WIDTH, PDIP8
|
Ecliptek, Corp.
|
SM2325-53LD |
2300-2500 MHz 200 Watt Peak Power Amplifier 2300 MHz - 2500 MHz RF/MICROWAVE NARROW BAND HIGH POWER AMPLIFIER
|
Stealth Microwave, Inc. MICRONETICS INC
|
AD845JRZ-16-REEL7 5962-8964501PA2 AD845JNZ |
Precision, 16 MHz CBFET Op Amp OP-AMP, 2500 uV OFFSET-MAX, 16 MHz BAND WIDTH, PDIP8 OP-AMP, 2500 uV OFFSET-MAX, 16 MHz BAND WIDTH, PDSO16 SOIC-16 OP-AMP, 2500 uV OFFSET-MAX, 16 MHz BAND WIDTH, PDSO16 ROHS COMPLIANT, MS-013AA, SOIC-16
|
ANALOG DEVICES INC Analog Devices, Inc.
|
NTD10 |
0.3 A, 10000 V, SILICON, SIGNAL DIODE
|
|
NAND1282R4A2AN6T |
8M X 16 FLASH 1.8V PROM, 10000 ns, PDSO48
|
NUMONYX
|
SFT1305 |
10000 mA, 45 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
SANYO SEMICONDUCTOR CO LTD
|
UPA2520T1H-T2-AT |
10000 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
|
HFA1102Y |
OP-AMP, 10000 uV OFFSET-MAX, UUC8
|
HARRIS SEMICONDUCTOR
|
|