PART |
Description |
Maker |
IS9-2100ARH/PROTO 5962F9953602QXC IS9-2100ARH-Q IS |
High Frequency Half Bridge Driver, Rad-Hard, without UVLO RES POWER .036 OHM 3W 5% SMT Radiation Hardened High Frequency Half Bridge Driver 1.5 A HALF BRDG BASED MOSFET DRIVER, CDFP16
|
Intersil Corporation Intersil, Corp.
|
FAN7382 FAN7382M |
Half-Bridge Gate Driver(SOURCING/SINKING : 350mA/650mA) From old datasheet system FAN7382 Half Bridge Gate Driver
|
Fairchild Semiconductor Corporation
|
IR2153D IR2153DS IR2153S IR2153DPBF IR2153PBF IR21 |
Half Bridge Driver, LO In Phase with RT, Programmable Oscillating Frequency, 1.2us Deadtime in a 8-lead SOIC package with bootstrap diode Half Bridge Driver, LO In Phase with RT, Programmable Oscillating Frequency, 1.2us Deadtime in a 8-lead PDIP package Half Bridge Driver, LO In Phase with RT, Programmable Oscillating Frequency, 1.2us Deadtime in a 8-pin DIP package with bootstrap diode From old datasheet system SELF-OSCILLATING HALF-BRIDGE DRIVER DUAL MOSFET DRIVER,CMOS,DIP,8PIN,PLASTIC
|
International Rectifier
|
IR53HD420 IR53HD420-P2 IR53H420 IR53H420-P2 |
HALF BRIDGE BASED PRPHL DRVR, PSIP7 SELF-OSCILLATING HALF BRIDGE(82.40 k) 500V Self-Oscilliating Half-Bridge Hybrid MOSFET and Gate Driver in a 9 Lead SIP w/o #5and8 package
|
IRF[International Rectifier]
|
ISL6571 ISL6571CR ISL6571CR-T ISL6571EVAL1 |
MOSFET Driver with Integrated FETs, Synchronous Half-Bridge, 1MHz Freq, use with HIP6301 Controller Complementary MOSFET Driver and Synchronous Half-Bridge Switch
|
INTERSIL[Intersil Corporation]
|
LA6575H |
Operational Amplifiers: BTL: 4ch, H-bridge: 1ch 5-Channel Driver for MD and CD Player Five-Channel Driver (four BTL channels plus one H bridge channel) for MD and CD Player 五通道驱动器(4桥接单声道,外加)的MDCD一个H桥通道播放
|
Sanyo Semicon Device Sanyo Electric Co., Ltd.
|
LA6242H |
Operational Amplifiers: BTL: 4ch, driver Four-Channel Bridge Driver for CD Player 四通道桥的CD播放机驱动程
|
Sanyo Semicon Device Samsung Semiconductor Co., Ltd.
|
TA8440HQ |
Full-bridge Driver (H-Switch) for DC Motor (Driver for Switching between Forward and Reverse Rotation)
|
Toshiba Corporation
|
TA7288P07 TA7288P |
Sequential Dual-Bridge Driver (Driver for Switching between Forward and Reverse Rotation) for DC Motor
|
Toshiba Semiconductor
|
IR21531D IR21531DS IR21531S |
DUAL MOSFET DRIVER,CMOS,DIP,8PIN,PLASTIC SELF-OSCILLATING HALF-BRIDGE DRIVER From old datasheet system
|
International Rectifier
|
HIP2101IB HIP2101IBZ HIP2101IRZ HIP2101IR4 HIP2101 |
100V/2A Peak/ Low Cost/ High Frequency Half Bridge Driver 100V/2A Peak, Low Cost, High Frequency Half Bridge Driver 100V/2A Peak Low Cost High Frequency Half Bridge Driver Driver, Half Bridge, 100V/2A Peak, TTL Inputs, High Frequency, Drives N-Channel
|
INTERSIL[Intersil Corporation]
|