PART |
Description |
Maker |
AD5398BCPZ-REEL7 |
120 mA Current Sinking 10-Bit I
|
Analog Devices
|
EVAL-AD5398EB AD5398 AD5398BCPZ-REEL AD5398BCPZ-RE |
120 mA, Current Sinking, 10-Bit, I2C DAC
|
Analog Devices, Inc. AD[Analog Devices]
|
AT5510 AT5510G-PBF AT5510N-GRE |
120mA, Current Sinking, 10-bit I2C DAC for VCM Driver
|
Aimtron Technology
|
ATMEGA8535 ATMEGA8535-16AC ATMEGA8535-16AI ATMEGA8 |
-bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, PQFP44 Multi-Color LED; LED Color:Green; Luminous Intensity:10ucd; Viewing Angle:120 ; Forward Current:20mA; Forward Voltage:2.1V; Operating Temperature Range:-55 C to C; Color:Green; Input Current:20mA; Leaded Process Compatible:No RoHS Compliant: No 8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash
|
Atmel, Corp. Atmel Corp. ATMEL Corporation
|
Z8937320ASC Z8937320VSC Z8937320FSC Z8927320VSC Z8 |
16-BIT, 20 MHz, OTHER DSP, PQCC44 Triac; Thyristor Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:20mA; Current, It av:16A; Gate Trigger Current Max, Igt:20mA; Holding Current:35mA RoHS Compliant: Yes 16-BIT DIGITAL SIGNAL PROCESSORS WITH A/D CONVERTER
|
ZILOG INC Zilog, Inc.
|
3EZ12D5 3EZ4.3D5 3EZ10D5 3EZ5.6D5 3EZ100D5 3EZ110D |
3 W, silicon zener diode. Nominal voltage 200 V, current 3.7 mA, -1% tolerance. 3 W, silicon zener diode. Nominal voltage 200 V, current 3.7 mA, -4% tolerance. 3 W, silicon zener diode. Nominal voltage 200 V, current 3.7 mA, -20% tolerance. 3 W, silicon zener diode. Nominal voltage 130 V, current 5.8 mA, -3% tolerance. 3 W, silicon zener diode. Nominal voltage 130 V, current 5.8 mA, -1% tolerance. 3 W, silicon zener diode. Nominal voltage 130 V, current 5.8 mA, -2% tolerance. 3 W, silicon zener diode. Nominal voltage 190 V, current 4.0 mA, -10% tolerance. 3 W, silicon zener diode. Nominal voltage 190 V, current 4.0 mA, -4% tolerance. 3 W, silicon zener diode. Nominal voltage 190 V, current 4.0 mA, -20% tolerance. 3 W, silicon zener diode. Nominal voltage 120 V, current 6.3 mA, -1% tolerance. 3 W, silicon zener diode. Nominal voltage 120 V, current 6.3 mA, -3% tolerance. 3 W, silicon zener diode. Nominal voltage 140 V, current 5.3 mA, -1% tolerance. 3 W, silicon zener diode. Nominal voltage 140 V, current 5.3 mA, -2% tolerance. 3 W, silicon zener diode. Nominal voltage 180 V, current 4.2 mA, -3% tolerance. 3 W, silicon zener diode. Nominal voltage 180 V, current 4.2 mA, -4% tolerance. 3 W, silicon zener diode. Nominal voltage 180 V, current 4.2 mA, -1% tolerance. 3 W, silicon zener diode. Nominal voltage 180 V, current 4.2 mA, -20% tolerance. surface mount silicon Zener diodes 硅表面贴装齐纳二极管 3 W, silicon zener diode. Nominal voltage 160 V, current 4.7 mA, -20% tolerance. 3 W, silicon zener diode. Nominal voltage 160 V, current 4.7 mA, -1% tolerance. 3 W, silicon zener diode. Nominal voltage 160 V, current 4.7 mA, -10% tolerance. 3 W, silicon zener diode. Nominal voltage 180 V, current 4.2 mA, -10% tolerance. 3 W, silicon zener diode. Nominal voltage 180 V, current 4.2 mA, -2% tolerance. 3 W, silicon zener diode. Nominal voltage 140 V, current 5.3 mA, -4% tolerance. 3 W, silicon zener diode. Nominal voltage 140 V, current 5.3 mA, -3% tolerance. 3 W, silicon zener diode. Nominal voltage 140 V, current 5.3 mA, -10% tolerance. 3 W, silicon zener diode. Nominal voltage 120 V, current 6.3 mA, -4% tolerance. 3 W, silicon zener diode. Nominal voltage 120 V, current 6.3 mA, -2% tolerance. 3 W, silicon zener diode. Nominal voltage 190 V, current 4.0 mA, -3% tolerance. 3 W, silicon zener diode. Nominal voltage 130 V, current 5.8 mA, -20% tolerance. 3 W, silicon zener diode. Nominal voltage 130 V, current 5.8 mA, -10% tolerance. 3 W, silicon zener diode. Nominal voltage 130 V, current 5.8 mA, -4% tolerance. 3 W, silicon zener diode. Nominal voltage 200 V, current 3.7 mA, -2% tolerance. 3 W, silicon zener diode. Nominal voltage 200 V, current 3.7 mA, -3% tolerance. 3 W, silicon zener diode. Nominal voltage 200 V, current 3.7 mA, -10% tolerance. 3W SILICON ZENER DIODE
|
JGD[Jinan Gude Electronic Device] 济南固锝电子器件有限公司 Jinan Gude Electronic Device Co., Ltd. 娴???洪??靛??ㄤ欢?????? http:// Jinan Gude Electronic D...
|
MX27C1000PI-70 MX27C1000QI-70 MX27C1000MI-55 MX27C |
Single Output LDO, 3.0A, Fixed(1.8V), Fast Transient Response, Low Quiescent Current 5-TO-220 -40 to 125 Single Output LDO, 3.0A, Fixed(2.5V), Fast Transient Response, Low Quiescent Current 5-TO-220 -40 to 125 FPGA - 200000 SYSTEM GATE 2.5 VOLT - NOT RECOMMENDED for NEW DESIGN 128K X 8 OTPROM, 90 ns, PDSO32 1M-BIT [128K x 8] CMOS EPROM 128K X 8 OTPROM, 70 ns, PQCC32 1M-BIT [128K x 8] CMOS EPROM 128K X 8 OTPROM, 120 ns, PQCC32
|
Macronix International Co., Ltd.
|
AM29F400BB-120DGC AM29F400BB-120DGC1 AM29F400BB-12 |
4 megabit CMOS 5.0 volt-only boot sector flash memory- die revision 1 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory-Die Revision 1 LED Lamp; Bulb Size:T-1; LED Color:Blue; Luminous Intensity:250ucd; Viewing Angle:40 ; Forward Current:20mA; Forward Voltage:3.8V; Operating Temperature Range:-40 C to 85 C; Color:Blue; Leaded Process Compatible:Yes RoHS Compliant: Yes LED Lamp; Bulb Size:T-1; LED Color:White; Luminous Intensity:750ucd; Viewing Angle:35 ; Forward Current:20mA; Forward Voltage:3.5V; Operating Temperature Range:-40 C to C; Color:White; Leaded Process Compatible:Yes RoHS Compliant: Yes LED Lamp; Bulb Size:1.8mm; LED Color:Blue; Luminous Intensity:150mcd; Viewing Angle:30 ; Forward Current:20mA; Forward Voltage:3.5V; Operating Temperature Range:-20 C to 80 C; Leaded Process Compatible:Yes RoHS Compliant: Yes LED Lamp; Bulb Size:1.8mm; LED Color:Red; Luminous Intensity:40ucd; Viewing Angle:30 ; Forward Current:20mA; Forward Voltage:2V; Operating Temperature Range:-30 C to C; Color:Red; Leaded Process Compatible:Yes RoHS Compliant: Yes LED Lamp; LED Color:Blue; Luminous Intensity:29mcd; Viewing Angle:120 ; Forward Current:20mA; Forward Voltage:3.8V; Operating Temperature Range:-30 C to 85 C; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes LED Lamp; Bulb Size:1.8mm; LED Color:Orange; Luminous Intensity:750mcd; Viewing Angle:30 ; Forward Current:20mA; Forward Voltage:2.1V; Operating Temperature Range:-30 C to C; Leaded Process Compatible:Yes RoHS Compliant: Yes LED Lamp; Bulb Size:T-1 3/4; LED Color:Blue; Luminous Intensity:900ucd; Viewing Angle:20 ; Forward Current:20mA; Forward Voltage:3.5V; Operating Temperature Range:-40 C to 85 C; Color:Blue; Leaded Process Compatible:Yes RoHS Compliant: Yes LED Lamp; Bulb Size:T-1 3/4; LED Color:White; Luminous Intensity:1700ucd; Viewing Angle:20 ; Forward Current:20mA; Forward Voltage:3.5V; Operating Temperature Range:-40 C to 85 C; Color:White; Leaded Process Compatible:Yes RoHS Compliant: Yes Displays; Color:Yellow/Green; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Lens Color:White; Luminous Intensity (MSCP):6/14ucd RoHS Compliant: Yes LED Lamp; Bulb Size:5mm; LED Color:Red/Green; Luminous Intensity:2.7ucd; Viewing Angle:120 ; Forward Current:10mA; Forward Voltage:2.1V; Operating Temperature Range:-25 C to 85 C; Color:Red/Green; Leaded Process Compatible:Yes RoHS Compliant: Yes LED Lamp; LED Color:Green; Luminous Intensity:15ucd; Viewing Angle:140 ; Forward Current:20mA; Forward Voltage:2.1V; Operating Temperature Range:-40 C to 85 C; Color:Green; Leaded Process Compatible:Yes RoHS Compliant: Yes Am29F400B KGD (Known Good Die) Supplement 4兆位12x 8-Bit/256x 16位).0伏的CMOS只,引导扇区快闪记忆体模修订1 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory-Die Revision 1 4兆位12亩x 8-Bit/256亩x 16位).0伏的CMOS只,引导扇区快闪记忆体模修订1 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory-Die Revision 1 512K X 8 FLASH 5V PROM, 120 ns, UUC43 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory-Die Revision 1 512K X 8 FLASH 5V PROM, 90 ns, UUC43 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory-Die Revision 1 512K X 8 FLASH 5V PROM, 70 ns, UUC43 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only/ Boot Sector Flash Memory-Die Revision 1
|
http:// AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
ACS710 |
120 kHz Bandwidth, High Voltage Isolation Current Sensor with Integrated Overcurrent Detection
|
Allegro MicroSystems
|
SC210KSIT |
120 kHz Bandwidth, High Voltage Isolation Current Sensor with Integrated Overcurrent Detection
|
SEC Electronics Inc.
|
|