PART |
Description |
Maker |
MAX108CHC-D |
±5V, 1.5Gsps, 8-Bit, Ultra High-Speed, A to D Converter with On-Chip 2.2GHz Track/Hold Amplifier 1-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, PBGA192
|
Maxim Integrated Products, Inc.
|
DS100BR111A DS100BR111A-14 |
<font color=red>[Old version datasheet]</font> Ultra Low Power 10.3 Gbps 2-Channel Repeaters with Input Equalization and Output De-Emphasis
|
TI store
|
BCM8124 |
10 GBPS 1:16 DEMUX WITH CDR AND LIMITING AMPLIFIER 10 Gbps:16 Demux的CDR和限幅放大器
|
Broadcom, Corp.
|
NU-73B94B-P-AG NU-73B94B-PG |
3.3V, 1.244 Gbps 1310 nm Burst-Mode TX / 2.488 Gbps 1490 nm Continuous RX 2X5 SFF Package, ITU-T G.984.2 Class B G-PON ONU Transceiver
|
Optoway Technology Inc
|
LTC6401-8 LTC6401CUD-8-PBF LTC6401CUD-8-TRPBF LTC6 |
2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz; Package: QFN; No of Pins: 16; Temperature Range: -40°C to 85°C 1-CH 16-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC16 2.2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
|
Linear Technology, Corp.
|
LT-74D73D-PG |
3.3V, 1.25 Gbps 1490 nm Continuous-Mode TX / 1.25 Gbps 1310 nm Burst-Mode RX 2X5 SFF Package, GE-PON OLT Transceiver (IEEE 802.3ah-2004 1000BASE PX10)
|
Optoway Technology Inc.
|
SY89872U0708 |
2.5V, 2GHz ANY DIFF. IN-TO-LVDS
|
Micrel Semiconductor
|
VSC7280 |
Dual XAUI - Dual XGMII Octal 0.95 Gbps to 3.25 Gbps Transceiver
|
Vitesse Semiconductor Corporation
|
YMU757B |
1-4 CABLE/SATELLITE TV SPLITTER, 2GHZ
|
Yamaha Corporation
|
TD6116P TD6118P TD6120P TD6122P TD6124P TD6126P EE |
1.2GHz PRESCALER From old datasheet system
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
MAX2754 MAX2754EUA |
1.2GHz VCO with Linear Modulation Input
|
Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|