PART |
Description |
Maker |
AS2830 AS2830YR-X AS2830AT AS2830AR-3.3 AS2830YU-X |
3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response 3A Low Dropout Voltage Regulator
Adjustable & Fixed Output,
Fast Response PositiveFixedVoltageRegulator 3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response A低压差线性稳压器可调 Positive Adjustable Voltage Regulator 积极可调电压稳压 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 三端固定电压调节 5 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO2
|
SIPEX[Sipex Corporation]
SIPEX
Cypress Semiconductor, Corp. Analog Devices, Inc.
|
SPX2732T SPX2732T-3.3 SPX2732T-5.0 SPX2732U SPX273 |
3.3 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSFM5 3A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response A高电流低压差稳压器可调节 3A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response 3A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output Fast Response
|
TE Connectivity, Ltd. SIPEX[Sipex Corporation]
|
LX8385-00CP LX8385-00IP LX8385-00CDD LX8385-00IDD |
1.2 V-8 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 1.2 V-8 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSFM3 3.3 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2 Low Drop Out Regulator - Positive Fixed; Package: TO-263_Power; IO (A): 3; VIN (V): 10; DV: 1.5; 5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 Low Drop Out Regulator - Positive Fixed; Package: TO-263_Power; IO (A): 3; VIN (V): 10; DV: 1.3; 5 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2 Positive Adjustable Voltage Regulator Analog IC THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS Low Drop Out Regulator - Positive Adjustable
|
MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP Microsemi, Corp.
|
LM1086S-3.0 LM1086S-3.3 LM1086T-3.0 LM1086T-3.3 LM |
1.5A LOW DROPOUT VOLTAGE REGULATOR (Adjustable & Fixed) 1.5A LOW DROPOUT VOLTAGE REGULATOR (Adjustable & Fixed)
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers http://
|
CS5204-1GDP3 CS5204-1GDPR3 CS5204-3GDP3 CS5204-3GD |
4.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators 3.3 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 4.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators 1.25 V-13 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO3 4.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators 3.3 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO3 4.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators 4.0可调,和3.3 V5.0 V固定线性稳压器 4A Adjustable, and 3.3V and 5V Fixed Linear Regulators
|
ONSEMI[ON Semiconductor]
|
LM2931AZ-5.0RPG LM2931Z-5.0RPG LM2931Z-5.0G LM2931 |
100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Dropout Voltage Regulator with 60V Load Dump Protection; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PBCY3 Resistor Wirewound 20.5 OHM 5% 4W 20PPM AXIAL Thru-Hole T/R 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO2 100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO2 100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8 100mA, 5.0V Output, Low Dropout Voltage Regulator with 60V Load Dump Protection; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8
|
ON Semiconductor TE Connectivity, Ltd.
|
LM1085R-X.X LM1085T-X.X |
3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
|
List of Unclassifed Manufacturers ETC
|
S1117AQ S1117-2.5Q S1117-1.8Q S1117-5.0Q S1117-1.5 |
Adjustable and Fixed LDO Voltage Regulator
|
AUK corp
|
S1117APIC S1117-2.5PIC S1117-1.8PIC S1117-5.0PIC S |
Adjustable and Fixed LDO Voltage Regulator
|
AUK corp
|
S1117A S1117-2.5 S1117-1.8 S1117-3.3 S1117-5.0 S11 |
Adjustable and Fixed LDO Voltage Regulator
|
AUK corp
|