PART |
Description |
Maker |
LD1086XX90 LD1086XX80 LD1086XX50 LD1086XX36 LD1086 |
9 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO3 1.5A LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS 1.5A LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
|
STMicroelectronics ST Microelectronics
|
KA278RA05 KA278RA05TUAS001 |
2A Adjustable/Fixed 5V Low Dropout Voltage Regulator (LDO) From old datasheet system Low Dropout Voltage Regulator (Fixed & Adjustable)
|
FAIRCHILD[Fairchild Semiconductor]
|
ADP1109AN ADP1109AN-33 ADP1109AN-5 ADP1109AR ADP11 |
Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-DC Converter Micropower Low Cost Fixed 3.3 V/ 5 V/ 12 V and Adjustable DC-to-DC Converter CIR 55C 55#16 PIN RECP WALL Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter 1.2 A SWITCHING REGULATOR, 120 kHz SWITCHING FREQ-MAX, PDIP8 Voltage-Mode SMPS Controller 1.2 A SWITCHING REGULATOR, 155 kHz SWITCHING FREQ-MAX, PDSO8
|
Analog Devices, Inc. http://
|
LM2931AZ-5.0RPG LM2931Z-5.0RPG LM2931Z-5.0G LM2931 |
100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Dropout Voltage Regulator with 60V Load Dump Protection; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PBCY3 Resistor Wirewound 20.5 OHM 5% 4W 20PPM AXIAL Thru-Hole T/R 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO2 100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO2 100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8 100mA, 5.0V Output, Low Dropout Voltage Regulator with 60V Load Dump Protection; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8
|
ON Semiconductor TE Connectivity, Ltd.
|
RC2951 RC2951M-3.3 |
Fixed & Adjustable Voltage Regulator Adjustable Micropower Voltage Regulator
|
Fairchild Semiconductor
|
S1117-XXPIC S1117APIC S1117-15PIC S1117-18PIC S111 |
Adjustable and Fixed Voltage Regulator
|
AUK[AUK corp]
|
S1117-XXQ S1117AQ S1117-15Q S1117-18Q S1117-25Q S1 |
Adjustable and Fixed Voltage Regulator
|
AUK[AUK corp]
|
LM1085R-X.X LM1085T-X.X |
3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
|
List of Unclassifed Manufacturers ETC
|
LT1117IST-2.85 LT1117IST-5 LT1117IST-3.3 LT1117-5 |
800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V,3.3V, 5V; Package: SOT; No of Pins: 3; Temperature Range: -40°C to 85°C 2.85 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO4 800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V,3.3V, 5V; Package: DD PAK; No of Pins: 3; Temperature Range: 0°C to 70°C 5 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO3 800mA Low Dropout Positive Regulators Adjustable and Fixed 5V(800mA,低压差固定5V)正输出稳压 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
|
Linear Technology, Corp. Linear Technology Corporation
|
S1117APIC S1117-2.5PIC S1117-1.8PIC S1117-5.0PIC S |
Adjustable and Fixed LDO Voltage Regulator
|
AUK corp
|
LM1117 LM1117T LM1117S LM1117T-1.5 LM1117T-1.8 LM1 |
1A LOWDROP OUT VOLTAGE REGULATOR (ADJUSTABLE & FIXED)
|
List of Unclassifed Manufacturers ETC[ETC]
|
ICL7663ACPA-2 |
Fixed & Adjustable Voltage Regulator
|
|