PART |
Description |
Maker |
FDS3992_04 FDS3992 FDS3992NL FDS399204 |
Dual N-Channel PowerTrench? MOSFET 100V, 4.5A, 62m?/a> Dual N-Channel PowerTrench㈢ MOSFET 100V, 4.5A, 62mз Discrete Commercial N-Channel PowerTrench MOSFET, 100V, 4.5A, 0.062 Ohms @ VGS = 10V, SO-8 Package
|
FAIRCHILD[Fairchild Semiconductor]
|
IRHQ567110 IRHQ567110P IRHQ563110 IRHQ563110N IRHQ |
100V 300kRad Hi-Rel Dual 2N and 2P -Channel TID Hardened MOSFET in a 28-pin LCC package 100V Dual 2N- and 2P- Channel MOSFET in a 28-pin LCC package 100V的双n -2P -通道MOSFET的采8引脚LCC封装 RADIATION HARDENED 100V, COMBINATION 2N-2P-CHANNEL POWER MOSFET SURFACE MOUNT (LCC-28) RADIATION HARDENED POWER MOSFET 100V 100kRad Hi-Rel Dual 2N and 2P -Channel TID Hardened MOSFET in a 28-pin LCC package
|
HIROSE ELECTRIC Co., Ltd. IRF[International Rectifier]
|
FDMQ8203 |
100V Dual N-Channel and Dual P-Channel PowerTrenchMOSFET, GreenBridgeSeries of High-Efficiency Bridge Rectifiers GreenBridgeTM Series of High-Efficiency Bridge Rectifiers Dual N-Channel and Dual P-Channel PowerTrench? MOSFET N-Channel: 100 V, 6 A, 110 mΩ P-Channel: -80 V, -6 A, 190 mΩ
|
Fairchild Semiconductor
|
IRF5NJ9540 IRF5NJB9540 |
-100V Single P-Channel Hi-Rel MOSFET in a SMD-0.5 package SURFACE MOUNT (SMD-0.5) 100V, P-CHANNEL POWER MOSFET P-CHANNEL(Vdss=-100V, Rds(on)=0.117ohm, Id=-18A)
|
International Rectifier
|
IRF5Y1310CM |
100V Single N-Channel Hi-Rel MOSFET in a TO-257AA package THRU-HOLE (TO-257AA) 100V, N-CHANNEL POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.044ohm, Id=18A*)
|
IRF[International Rectifier]
|
KDS3601 |
100V Dual N-Channel PowerTrench MOSFET
|
Guangdong Kexin Industrial Co.,Ltd
|
IRHG6110SCS |
100V Dual 2N- and 2P- Channel MOSFET in a MO-036AB package
|
International Rectifier
|
FQU8P10 FQD8P10 FQD8P10TF FQD8P10TM FQU8P10TU |
100V P-Channel QFET 100V P-Channel MOSFET 6.6 A, 100 V, 0.53 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-252
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
FDD3690 |
100V N-Channel PowerTrench MOSFET 100V N-Channel PowerTrench MOSFET DIODE ZENER SINGLE 1000mW 6.8Vz 37mA-Izt 0.05 10uA-Ir 4Vr DO41-GLASS 5K/REEL 22 A, 100 V, 0.064 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252
|
http:// FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
LT1804CDD LT1803CS5TRMPBF LT1804IDD LT1805 LT1805C |
Single/Dual/Quad 100V/µs, 85MHz, Rail-to-Rail Input and Output Op Amps Single/Dual/Quad 100V/s, 85MHz, Rail-to-Rail Input and Output Op Amps Single/Dual/Quad 100V/µs, 85MHz, Rail-to-Rail Input and Output Op Amps; Package: DFN; No of Pins: 8; Temperature Range: 0°C to 70°C 2 CHANNEL, VIDEO AMPLIFIER, PDSO8 Single/Dual/Quad 100V/µs, 85MHz, Rail-to-Rail Input and Output Op Amps; Package: SO; No of Pins: 14; Temperature Range: 0°C to 70°C 4 CHANNEL, VIDEO AMPLIFIER, PDSO14 Single/Dual/Quad 100V/µs, 85MHz, Rail-to-Rail Input and Output Op Amps; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C 1 CHANNEL, VIDEO AMPLIFIER, PDSO5 Single/Dual/Quad 100V/ms, 85MHz, Rail-to-Rail Input and Output Op Amps
|
Linear Technology, Corp.
|
|