PART |
Description |
Maker |
PB-CMKD6000-1509 |
75V, 250mA Dual Pair In Series
|
Central Semiconductor C...
|
CMKD6000 |
SURFACE MOUNT DUAL PAIR, IN SERIES ULTRA LOW LEAKAGE SILICON SWITCHING DIODES
|
Central Semiconductor Corp
|
CMKD7000E CMKD7000E-15 |
SURFACE MOUNT DUAL PAIR OF SERIES CONFIGURED ULTRA-HIGH SPEED SILICON SWITCHING DIODES
|
Central Semiconductor C...
|
75341-4444 75465-2104 75237 75650 75649-0104 75827 |
1.85 by 1.85mm (.073 by .073隆卤) Pitch GbX* Backplane Connector System in 2, 3, 4 and 5-Pair Columns 1.85 by 1.85mm (.073 by .073?? Pitch GbX* Backplane Connector System in 2, 3, 4 and 5-Pair Columns 1.85 by 1.85mm (.073 by .073? Pitch GbX* Backplane Connector System in 2, 3, 4 and 5-Pair Columns GbX 2-Pair L-Series 25-Col Right BP Assy 125 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT GbX 2-Pair L-Series 25-Col Left BP Ass'y 125 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT GbX 2-Pair 25-Col. Right End BP Assembly 100 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT 752354104 GbX 2-Pair 10 Column Left Backplane Assy
|
Molex Electronics Ltd. http:// Molex, Inc. MOLEX INC
|
IDT70V09 IDT70V09L IDT70V09L15PF IDT70V09L15PFI ID |
128K x 8 3.3V Dual-Port RAM HIGH-SPEED 3.3V 128K x 8 DUAL-PORT STATIC RAM From old datasheet system Twisted Pair Flat Cable, 1700/34 28 AWG, .050 (1.27) 高.3 128K的8双端口静态RAM Twisted Pair Flat Cable, 1700/36 28 AWG, .050 (1.27) 128K X 8 DUAL-PORT SRAM, 20 ns, PQFP100
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
CMST5086 CMST5087 |
SURFACE MOUNT SUPERmini PNP SILICON TRANSISTORS
|
Central Semiconductor Corp
|
CMST5088 CMST5089 |
SUPERmini. SURFACE MOUNT NPN SILICON TRANSISTORS
|
CENTRAL[Central Semiconductor Corp]
|
MAX14569 |
Dual-Pair LLT
|
Maxim Integrated Products
|
CD4007C |
Dual Complementary Pair Plus Inverter
|
Fairchild
|