PART |
Description |
Maker |
CMLT5078E CMLT5087E CMLT5088E |
SMD Small Signal Transistor Dual PNP Low Noise Amplifier SMD Small Signal Transistor Dual NPN & PNP Low Noise Amplifier SMD Small Signal Transistor Dual NPN Low Noise Amplifier ENHANCED SPECIFICATION PICOmini SURFACE MOUNT SILICON DUAL TRANSISTORS
|
Central Semiconductor Corp
|
CZTA42 CZTA92 |
SMD Small Signal Transistor PNP High Voltage SMD Small Signal Transistor NPN High Voltage SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTOR
|
CENTRAL[Central Semiconductor Corp]
|
2SB1236ATV3 2SD1866TV6C 2SD1866TV3C 2SC4016TV2 2SD |
1500 mA, 160 V, PNP, Si, SMALL SIGNAL TRANSISTOR 2000 mA, 70 V, NPN, Si, SMALL SIGNAL TRANSISTOR 500 mA, 32 V, NPN, Si, SMALL SIGNAL TRANSISTOR 5000 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
|
BF337 BFR36 2N5785 2N6192 BC460 BFX34 BFS89 BFS95 |
Small Signal Transistors 200 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors Si, NPN, RF SMALL SIGNAL TRANSISTOR, TO-39 Leaded Small Signal Transistor General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. N.A. CENTRAL[Central Semiconductor Corp]
|
BSP17 Q67000-S220 BSP17Q67000-S220 |
TRANSISTOR MOSFET SMD SOT 223 N KANAL INNOLINE: RP100-S_DI - Single Output up to 25A Dual Outputs Total Power up to 100W- Input/Output 1.6kVDC Isolation- Adjustable Output Voltage SIPMOS Small-Signal Transistor (N channel Enhancement mode Avalanche rated) SIPMOS ? Small-Signal Transistor From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group] Infineon
|
BSS119 Q67000-S007 Q67000-S063 |
SIPMOS Small-Signal Transistor (N channel Enhancement mode) 170 mA, 100 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 16 Characters x 1 Lines, 5x7 Dot Matrix Character and Cursor SIPMOS ? Small-Signal Transistor From old datasheet system
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
MPSA42 MPSA43 |
500 mA, 300 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 TRANSISTOR 500 mA, 200 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92, PLASTIC PACKAGE-3, BIP General Purpose Small Signal
|
VISHAY SEMICONDUCTORS
|
2N3799A 2N3962 2N4390 2N3701 2N5057 2N3576 2N4068 |
Small Signal Transistors Si, PNP, RF SMALL SIGNAL TRANSISTOR, TO-18 Small Signal Transistors 150 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 1000 mA, 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
BFR90A BFR90AGELB |
TRANSISTOR RF SMALL SIGNAL TRANSISTOR, TO-50, ROHS COMPLIANT, PLASTIC PACKAGE-3, BIP RF Small Signal Silicon NPN Planar RF Transistor
|
Vishay Semiconductors Vishay Siliconix
|
GS9012 |
TRANSISTOR 500 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-226AA, PLASTIC, TO-92, 3 PIN, BIP General Purpose Small Signal
|
Vishay Semiconductors
|
BC556 BC558-BULK BC556-BULK |
TRANSISTOR 100 mA, 65 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92, PLASTIC PACKAGE-3, BIP General Purpose Small Signal
|
Vishay Semiconductors
|
|