PART |
Description |
Maker |
HCF4510 HCF4510B HCF4510BEY HCF4510BM013TR HCF4510 |
JOYSTICK, BUSH MOUNT, 5A; Current, contact rating:6A; Angle:12(degree); Centres, fixing:36mm; Current, contact @ contact voltage AC max:6A; Depth, external:44mm; Diameter, bush:22mm; IP rating:IP65; Length / Height, external:64mm; RoHS Compliant: Yes PRESETTABLE UP/DOWN COUNTERS 预置向上/向下计数
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
ATF1500A ATF1500A-10AI ATF1500A-10JC ATF1500A-10JI |
High Performance E2 PLD FLASH PLD, 20 ns, PQCC44 High Performance E2 PLD FLASH PLD, 12 ns, PQCC44 High Performance E2 PLD FLASH PLD, 10 ns, PQCC44 Connector Cover; Enclosure Material:Thermoplastic; For Use With:Amphenol Tuchel Ecomate Male Receptacles RoHS Compliant: Yes Crimp Pin Contact; Series:44; Operating Temperature Range /-:-40 C to 125 C; Voltage Rating:205V RoHS Compliant: Yes
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
EKC |
Aluminum Electrolytic Capacitors, Radial Style, Extremely Long Lifetime, Extended Temperature Range, Very High AC Rating, Polarized AI Electrolytic Capacitor, High C-U Product, Small Dimensions
|
Vishay
|
UES2606E3 UES2604RE3 UES2604RHR2 UES2605 UES2605RE |
HIGH EFFICIENCY RECTIFIERS 30A Center-Tap
|
Microsemi Corporation
|
T92P11A22-240 T92P11A22-120 |
POWER/SIGNAL RELAY, DPDT, MOMENTARY, 4000mW (COIL), 30A (CONTACT), 28VDC (CONTACT), PANEL MOUNT ROHS COMPLIANT
|
Buchanan / Tyco Electronics
|
PHB 256PHB400K2R 256PHB330K4R 336PHB250K2J 105PHB2 |
High Current - High voltage ?Good Pulse Current rating High Current - High voltage ?Good Pulse Current rating
|
Illinois Capacitor, Inc...
|
FGW30N120H |
Discrete IGBT (High-Speed V series) 1200V / 30A
|
Fuji Electric
|
FBR562ND06-W1 FBR562ND12-W FBR562ND09-W1 |
HIGH POWER TWIN RELAY 1 POLE x 2-30A (FOR AUTOMOTIVE APPLICATIONS)
|
Fujitsu Component Limited.
|
RJK6018DPM-00T1 |
600V - 30A - MOS FET High Speed Power Switching
|
Renesas Electronics Corporation
|
39-53-2194 39-53-2234 39-53-2044 |
1.25 FFC ZIF Hsg Assy 19Ckt 19 CONTACT(S), FEMALE, RIGHT ANGLE FFC/FPC CONNECTOR, SOLDER 1.25 FFC ZIF Hsg Assy 23Ckt 23 CONTACT(S), FEMALE, RIGHT ANGLE FFC/FPC CONNECTOR, SOLDER SOCKET, FFC/FPC 1.25MM ZIF 4WAYSOCKET, FFC/FPC 1.25MM ZIF 4WAY; Ways, No. of:4; Pitch:1.25mm; Current rating:1A; Flammability rating:UL94V-0; Material, contact:Phosphor Bronze Alloy; Plating, contact:Tin-Lead; Poles, No. of:4;
|
Molex, Inc. MOLEX INC
|
ISPGDX160-7Q208 ISPGDX160A-7Q208 ISPGDX120A-7Q160 |
Aluminum Electrolytic Radial Lead High Ripple, Long Life Capacitor; Capacitance: 22uF; Voltage: 400V; Case Size: 12.5x20 mm; Packaging: Bulk Aluminum Electrolytic Radial Lead High Ripple, Long Life Capacitor; Capacitance: 15uF; Voltage: 400V; Case Size: 12.5x20 mm; Packaging: Bulk JT 100C 100#22D PIN RECP In-System Programmable Generic Digital CrosspointTM DSP-CROSSBAR SWITCH, PQFP100 Electrical Outlet Connector; Contact Plating:Nickel; Current Rating:30A RoHS Compliant: Yes DSP-CROSSBAR SWITCH, PQFP208 In-System Programmable Generic Digital CrosspointTM DSP-CROSSBAR SWITCH, PQFP208 Aluminum Electrolytic Radial Lead High Ripple, Long Life Capacitor; Capacitance: 33uF; Voltage: 400V; Case Size: 16x20 mm; Packaging: Bulk DSP-CROSSBAR SWITCH, PBGA272 In-System Programmable Generic Digital CrosspointTM DSP-CROSSBAR SWITCH, PQFP160 In-System Programmable Generic Digital CrosspointTM DSP-CROSSBAR SWITCH, PBGA272
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp. JDS Uniphase, Corp.
|