Part Number Hot Search : 
KBJ25B X05S47 SB1545 MN101C 571007 F092011 M7403 X05S47
Product Description
Full Text Search
  ideal Datasheet PDF File

For ideal Found Datasheets File :: 57052    Search Time::2.14ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Linear
Part No. LTC1660 1660I
OCR Text ...y compact size make the LTC1660 ideal for battery-powered applications, while its straightforward usability, high performance and wide supply range make it an excellent choice as a general purpose converter. , LTC and LT are registered tra...
Description Micropower Octal 10-Bit DAC
From old datasheet system

File Size 212.24K  /  8 Page

View it Online

Download Datasheet





    Fujitsu
Part No. MB40166 E428500
OCR Text ...rence voltage circuit, they are ideal for video signal processing. 28 pin, Plastic SOP (FPT-28P-M01) * * * * * * * * * Resolution Linearity Error Maximum Conversion Rate Analog Input Voltage Range 0 to 1.0 V (MB40176) Analog Output...
Description AD/DA CONVERTER
From old datasheet system

File Size 177.08K  /  20 Page

View it Online

Download Datasheet

    SIPEX[Sipex Corporation]
Part No. SP4491UEB SP4491EU SP4491
OCR Text ...h these conditions in mind, the ideal signal to drive an EL lamp is a high voltage sine wave. Traditional approaches to achieve this type of waveform include discrete circuits incorporating a transformer, transistors and several resistors a...
Description Two Panel Electroluminscent Lamp Driver

File Size 154.02K  /  13 Page

View it Online

Download Datasheet

    AD5165 AD5165BUJZ100-R2 AD5165BUJZ100-R7 AD5165EVAL

Analog Devices, Inc.
AD[Analog Devices]
Part No. AD5165 AD5165BUJZ100-R2 AD5165BUJZ100-R7 AD5165EVAL
OCR Text ...ower during standby mode and is ideal for battery-operated applications. Wiper settings are controlled through a simple 3-wire interface. The interface is similar to the SPI(R) digital interface except for the inverted chip-select function ...
Description Circular Connector; No. of Contacts:4; Series:D38999; Body Material:Metal; Connecting Termination:Crimp; Connector Shell Size:13; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:13-4
256-Position/ Ultralow Power 1.8 V Logic-Level Digital Potentiometer
256-Position, Ultralow Power 1.8 V Logic-Level Digital Potentiometer

File Size 443.53K  /  16 Page

View it Online

Download Datasheet

    Philips
Part No. 74F30244 74F30244_3
OCR Text ...r) 74F30244 FEATURES * ideal for driving transmission lines or backplanes. 160mA IOL ideal for applications with impedance as low as 30 DESCRIPTION The 74F30244 is a high current open collector octal buffer composed of eight i...
Description Octal 30 Ohm line driver with enable, non-inverting (open collector)
From old datasheet system
Octal 30W line driver with enable,

File Size 79.02K  /  10 Page

View it Online

Download Datasheet

    Linear
Part No. LTC1655 1655I
OCR Text ...een the measured change and the ideal 1LSB change for any two adjacent codes. The DNL error between any two codes is calculated as follows: DNL = (VOUT - LSB)/LSB Where VOUT is the measured voltage difference between two adjacent codes. Dig...
Description 16-Bit Rail-to-Rail Micropower DAC in SO-8 Package
From old datasheet system

File Size 211.05K  /  8 Page

View it Online

Download Datasheet

    MAX3768CUB MAX3268CUB MAX3269CUB MAX3264 MAX3264C_D MAX3264CUE MAX3265 MAX3265C_D MAX3265CUB MAX3265CUE MAX3265EUE MAX32

MAXIM[Maxim Integrated Products]
Maxim Integrated Products, Inc.
Part No. MAX3768CUB MAX3268CUB MAX3269CUB MAX3264 MAX3264C_D MAX3264CUE MAX3265 MAX3265C_D MAX3265CUB MAX3265CUE MAX3265EUE MAX3268C_D MAX3269C_D MAX3765CUB MAX3268C/D MAX3264C/D MAX3269C/D MAX3265C/D
OCR Text ... package, making these circuits ideal for GBIC receivers. The MAX3268/ MAX3269/MAX3768 feature standards-compliant positive-referenced emitter-coupled logic (PECL) data outputs and are available in a tiny 10-pin MAX package that is ideal fo...
Description 3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
From old datasheet system

File Size 341.69K  /  17 Page

View it Online

Download Datasheet

    SY100EL16V SY10EL16VBKCTR SY10EL16VBZC SY10EL16VBZCTR SY10EL16VDKCTR SY10EL16VAZCTR SY10EL16VAZC SY100EL16VAZC SY100EL16

Micrel Semiconductor, Inc.
Micrel Semiconductor,Inc.
MICREL[Micrel Semiconductor]
Part No. SY100EL16V SY10EL16VBKCTR SY10EL16VBZC SY10EL16VBZCTR SY10EL16VDKCTR SY10EL16VAZCTR SY10EL16VAZC SY100EL16VAZC SY100EL16VDXC SY100EL16VDKCTR SY100EL16VDZC SY100EL16VDZCTR SY100EL16VAKCTR SY100EL16VAZCTR SY100EL16VBKCTR SY100EL16VBZC SY100EL16VBZCTR SY100EL16VCKCTR SY100EL16VCZC SY100EL16VCZCTR SY10EL16VFZCTR SY100EL16VEKCTR SY100EL16VEZC SY100EL16VEZCTR SY100EL16VFKCTR SY100EL16VFZC SY100EL16VFZCTR SY10EL16VA SY10EL16VAKCTR SY10EL16VCKCTR SY10EL16VCZC SY10EL16VCZCTR SY10EL16VDXC SY10EL16VDZC SY10EL16VDZCTR SY10EL16VEKCTR SY10EL16VEZC SY10EL16VEZCTR SY10EL16VFKCTR SY10EL16VFZC SY10EL16V
OCR Text ...gain vs. standard EL16 or EL16V ideal for Pulse Amplifier and Limiting Amplifier applications Data synchronous Enable/Disable (/EN) on QHG and /QHG provides for complete glitchless gating of the outputs ideal for gating timing signals Compl...
Description ENHANCED DIFFERENTIAL RECEIVER LINE RECEIVER, PDSO8

File Size 157.66K  /  9 Page

View it Online

Download Datasheet

For ideal Found Datasheets File :: 57052    Search Time::2.14ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of ideal

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.8607528209686