PART |
Description |
Maker |
SPJ400S SPJ200S |
High Voltage Rectifier Stacks 50mA ?3000ns ?Axial Leaded
|
Voltage Multipliers Inc...
|
SPJ300F |
(SPJxx0F) Rectifier Stacks
|
VMI
|
SP250F SP200F |
(SP200F / SP250F) Rectifier Stacks
|
VMI
|
SCPHN20 SCPHN26 SCPHN10 SCPHN16 SCPHN30 SCPHN6 |
High Voltage,High Current,High Density Standard Recovery Rectifier(????靛?16000V锛?俯搴?5???骞冲??存??垫?5.5A,楂??锛?ぇ?垫?,楂??搴??????㈠??存??? 5.5 A, 16000 V, SILICON, RECTIFIER DIODE High Voltage,High Current,High Density Standard Recovery Rectifier(反向电压6000V,温5℃时平均整流电流5.5A,高压,大电流,高密度,标准恢复整流 STANDARD RECOVERY HIGH VOLTAGE, HIGH CURRENT RECTIFIER
|
Semtech Corporation
|
RHS2N2096WEZGW5996 RHS2N2096WEZGU5224 GFMM GFMM-15 |
High Voltage Ceramic Capacitor Stacks
|
Vishay Siliconix
|
LHV37 LHV37D12 LHV37D16 LHV37D20 LHV37D24 LHV37D28 |
High Voltage Rectifier; Package: SEE_FACTORY; IO (A): 75; IFSM (A): 1500; Vrwm (V): 36000; IR (µA): 6000; High Voltage Rectifier Assembly
|
MICROSEMI CORP-COLORADO Microsemi Corporation http://
|
RS605 RS604 RS601 RS602 RS603 RS607 RS606 |
6 Amp Single Phase Bridge Rectifier 50 to 1000 Volts B6I Stacks up to 500V AC or 800V DC 2 Inverter parallel
|
Micro Commercial Compon... MCC[Micro Commercial Components] Micro Commercial Components Corp.
|
HTZ150C6K HTZ150C7K HTZ150C8K HTZ150C9K |
6000V high voltage diode rectifier module 7200V high voltage diode rectifier module 8400V high voltage diode rectifier module 9600V high voltage diode rectifier module
|
IXYS
|
GI751 GI756 GI750 GI752 GI758 GI754 |
Aluminum Electrolytic Radial Lead Extremely Low Impedance Capacitor; Capacitance: 470uF; Voltage: 63V; Case Size: 12.5x25 mm; Packaging: Bulk High Voltage Plastic Rectifier(高压塑胶整流 HIGH CURRENT PLASTIC RECTIFIER
|
GE Security, Inc. GE[General Semiconductor]
|
F15 F25 F20 F30 |
Axialleaded Hermetically Sealed High Voltage Fast Rectifier Diode(????靛?2000V锛?钩??????娴?50mA锛?酱??????瀵?????楂??蹇???㈠??存?浜??绠々 Fast Recovery Axial Rectifier1500 V-3000 VIo=0.35 A RECTIFIER, up to 3kV, 350mA, 250ns Axialleaded Hermetically Sealed High Voltage Fast Rectifier Diode(反向电压2000V,平均正向电50mA,轴向引脚,密封型,高压快速恢复整流二极管) Axialleaded Hermetically Sealed High Voltage Fast Rectifier Diode(反向电压2500V,平均正向电50mA,轴向引脚,密封型,高压快速恢复整流二极管) Axialleaded Hermetically Sealed High Voltage Fast Rectifier Diode(反向电压3000V,平均正向电50mA,轴向引脚,密封型,高压快速恢复整流二极管) Axialleaded Hermetically Sealed High Voltage Fast Rectifier Diode(反向电压1500V,平均正向电50mA,轴向引脚,密封型,高压快速恢复整流二极管) Fast Recovery Axial Rectifier.1500 V-3000 V.Io=0.35 A 快速恢复轴向Rectifier.1500 V000五,木卫一\u003d 0.35
|
Semtech Corporation Microsemi, Corp.
|
HFM208A HFM201A HFM202A HFM203A HFM204A HFM205A HF |
2 A, 50 V, SILICON, RECTIFIER DIODE, DO-214AC SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes HIGH EFFICIENCY RECTIFIER 50V 2.0A
|
RECTRON LTD Rectron Semiconductor
|