PART |
Description |
Maker |
G936T83T G936 G936T21B G936T21T G936T22B G936T22T |
3.6 V, 500 mA low dropout regulator 3.6V 500mA/400mA Low Dropout Regulator Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
|
GMT[Global Mixed-mode Technology Inc] Global Mixed-mode Technology Inc.
|
MIC39500-2.5WT MIC39500-2.5WU MIC39500-1.8BT MIC39 |
5A 渭Cap Low-Voltage Low-Dropout Regulator 5A μCap Low-Voltage Low-Dropout Regulator 5A Low-Voltage Low-Dropout Regulator, RoHS Compliant 5-pin TO-263 2.5 V FIXED POSITIVE LDO REGULATOR, 0.575 V DROPOUT, PSSO5 5A Low-Voltage Low-Dropout Regulator, RoHS Compliant 5-pin TO-220 1.8 V FIXED POSITIVE LDO REGULATOR, 0.575 V DROPOUT, PSFM5
|
Micrel Semiconductor, Inc.
|
8178 A8178LLR A8178LLT |
Low-Dropout, 7.7 V Preregulator(浣??宸??7.7V棰?ǔ???) Low-Dropout, 7.7 V Preregulator(低压差,7.7V预稳压器) 低压差,7.7 V前置稳压器(低压差,7.7V预稳压器 LOW-DROPOUT, 7.7 V PREREGULATOR 低压差,7.7 V前置稳压 DCMM37SM LOW-DROPOUT/ 7.7 V PREREGULATOR LOW-DROPOUT 7.7 V PREREGULATOR From old datasheet system
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|
MIIC5271 MIIC5271BM5 MIIC5271-3.0BM5 MIIC5271-5.0B |
UCAP NEGATIVE LOW DROPOUT REGULATOR μCap Negative Low-Dropout Regulator Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
|
MICREL[Micrel Semiconductor] Micrel Semiconductor,Inc. http://
|
AS1117M3 AS1117U-5.0 AS1117T-2.5 AS1117S-5.0 AS111 |
ADJUSTABLE POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 3.3 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 Analog IC 模拟IC Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 800mA Low Dropout Regulator
SCSI-II Active Terminator
|
Alpha Industries, Inc. TE Connectivity, Ltd. SIPEX
|
LND4885 LND4805 LND4808 LND4809 LND4810 LND4812 LN |
400mA,5V low dropout voltage regulator. 400mA,3.3V low dropout voltage regulator, other fixed versions are also available Vout = 2.0V to 5.0V 400mA Low Dropout Voltage Regulators 400mA,8.5V low dropout voltage regulator. 400mA,12V low dropout voltage regulator.
|
List of Unclassifed Manufacturers ETC[ETC] Linear Dimensions Semiconductor LinearDimensions
|
TK71621ASILH TK71621ASCLH TK71634SILH TK71640ASILH |
LOW DROPOUT VOLTAGE REGULATOR 1.5 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO5 LOW DROPOUT VOLTAGE REGULATOR 低压差稳压器 LOW DROPOUT VOLTAGE REGULATOR 3.1 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO5 LOW DROPOUT VOLTAGE REGULATOR 4.3 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO5 LOW DROPOUT VOLTAGE REGULATOR 4.6 V FIXED POSITIVE LDO REGULATOR, 0.31 V DROPOUT, PDSO5 LOW DROPOUT VOLTAGE REGULATOR 4.5 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO5 CIR 11C 11#16 FR SKT RECP LOW DROPOUT VOLTAGE REGULATOR
|
TOKO Inc. TOKO, Inc.
|
APL5912 APL5912-KAC-TU APL5912-KAC-TR APL5912-KAC- |
Low IQ, Low Dropout 900mA Fixed Voltage Regulator 0.8V Reference Ultra Low Dropout (0.2V@5A) Linear Regulator
|
Anpec Electronics Coropration
|
LT1185_06 LT1185 LT1185CQ LT1185CT LT1185IQ LT1185 |
Low Dropout Regulator; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 85°C 2.5 V-25 V ADJUSTABLE NEGATIVE LDO REGULATOR, 1 V DROPOUT, PSFM5 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 2.5 V-25 V ADJUSTABLE NEGATIVE LDO REGULATOR, 1 V DROPOUT, PSSO5
|
LINER[Linear Technology] Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
TK71530 TK715XX TK71519 TK71519S TK71519SCL TK7151 |
LOW DROPOUT VOLTAGE REGULATOR 2.7 V FIXED POSITIVE LDO REGULATOR, 0.28 V DROPOUT, PDSO3 LOW DROPOUT VOLTAGE REGULATOR 4.8 V FIXED POSITIVE LDO REGULATOR, 0.28 V DROPOUT, PDSO3 LOW DROPOUT VOLTAGE REGULATOR 8 V FIXED POSITIVE LDO REGULATOR, 0.33 V DROPOUT, PDSO3 LOW DROPOUT VOLTAGE REGULATOR 低压差稳压器 CAP 220UF 4V ELECT HB SMD
|
TOKO, Inc. TOKO Inc. TOKO[TOKO Inc] TOKO[TOKO, Inc]
|