PART |
Description |
Maker |
PCA3353CH PCA3351C PCA3351CP PCA3352C PCA3352CT PC |
MICROCONTROLLER|8-BIT|8048 CPU|CMOS|QFP|32PIN|PLASTIC 8-bit microcontrollers with DTMF generator and 128 bytes EEPROM
|
NXP Semiconductors
|
SC80C451CCA68 SC80C451CGA68 |
80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless expanded I/O
|
Philips
|
LPC12D27FBD100 |
32-bit ARM Cortex-M0 microcontroller; 128 kB flash and 8 kB SRAM; 4 x 40 segment LCD driver 32位ARM Cortex-M0的微控制器,128KB闪存 KB静态随机存储器;4×40段LCD驱动 32-bit ARM Cortex-M0 microcontroller??28kB flash, 8kB SRAM, LCD, LQFP100 package
|
NXP Semiconductors N.V.
|
MB89P155PFM-103 MB89P155PFM-102 MB89P155PFM-101 MB |
8-BIT, OTPROM, MICROCONTROLLER, PQFP80 Octal Buffers/Drivers With 3-State Outputs 20-CDIP -55 to 125 8-BIT, MROM, 4.2 MHz, MICROCONTROLLER, PQFP80 CAP 1.5F 5.5V SG TYPE GOLD HORZ 8-BIT, MROM, 4.2 MHz, MICROCONTROLLER, PQFP80 8-bit Proprietary Microcontroller 8-BIT, MROM, 4.2 MHz, MICROCONTROLLER, PQFP80 Quadruple 2-Input Exclusive-OR Gates 20-LCCC -55 to 125 8-BIT, MROM, 4.2 MHz, MICROCONTROLLER, PQFP80 8-bit Proprietary Microcontroller 8-BIT, OTPROM, 4.2 MHz, MICROCONTROLLER, PQFP80 CAP 1.0F 5.5V SG TYPE GOLD HORIZ
|
Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited.
|
AT90USB162-16AU ATMEGA48-15AZ TSC80C51CXXX-40CA TS |
8-bit Microcontroller with 8/16K Bytes of ISP Flash and USB Controller 8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, PQFP32 8-BIT, MROM, 40 MHz, MICROCONTROLLER, PDIP40 8-BIT, 30 MHz, MICROCONTROLLER, PQFP44
|
ATMEL Corporation TEMIC SEMICONDUCTORS List of Unclassifed Manufacturers List of Unclassifed Manufac... List of Unclassifed Man...
|
ST7FLITE-SK/RAIS ST7PLITE02F0U6TR ST7PLITES5Y0M6 S |
8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI 8-BIT, MROM, 16 MHz, MICROCONTROLLER, QCC20 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PDSO16 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PDIP16
|
STMicroelectronics
|
W541E261 W541C261 |
4BIT MICROCONTROLLER, 2K ×16 ROM, 128 ×4 RAM 128 -DOT LCD 4BIT MICROCONTROLLER, 2K 】16 ROM, 128 】4 RAM 128 -DOT LCD
|
Winbond
|
ATTINY2313 ATTINY2313-24SJ |
8-BIT, FLASH, 24 MHz, RISC MICROCONTROLLER, PDSO20 0.300 INCH, LEAD FREE, PLASTIC, MS-013AC, SOIC-20 2K Bytes of In-System Self-Programmable Flash, 128 Bytes In-System Programmable EEPROM, 128 Bytes Internal SRAM. USI--Universal Serial Interface, Full Duplex UART. debugWIRE for on-chip-debug. Up to 16 MIPS throughput at 16 MHz.
|
Atmel, Corp.
|
MB89P657APFV-102 MB89P657APFV-105 MB89P657APFV-101 |
Quadruple Bus Buffer Gates With 3- State Outputs 14-CDIP -55 to 125 8-BIT, MROM, 10 MHz, MICROCONTROLLER, PQFP100 LJT 79C 79#22D PIN REAR WALL 8-BIT, OTPROM, 10 MHz, MICROCONTROLLER, PQFP100 8-bit Proprietary Microcontroller 8-BIT, OTPROM, 10 MHz, MICROCONTROLLER, PQFP100
|
Fujitsu Component Limited. Fujitsu, Ltd. Fujitsu Limited
|
LPC11U68JBD48 LPC11U67JBD48 LPC11U68JBD100 LPC11U6 |
32-bit ARM Cortex-M0 microcontroller; up to 256 kB flash and 36 kB SRAM; 4 kB EEPROM; USB; 12-bit ADC 32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash and 20 kB SRAM; 4 kB EEPROM; USB; 12-bit ADC
|
NXP Semiconductors
|
|