PART |
Description |
Maker |
1553160000 |
Terminal Block; Number of Positions:6; Pitch Spacing:0.2"; Wire Size (AWG):26-12; Mounting Type:PC Board; Leaded Process Compatible:Yes; Terminal Block Clamp Type:Screw Clamp 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, SCREW, SOCKET
|
Weidmuller, Corp.
|
1728000000 |
Terminal Block; Number of Positions:8; Pitch Spacing:0.13"; Wire Size (AWG):24-12; Mounting Type:PC Board; Gender:Male; Leaded Process Compatible:Yes; Number of Contacts:8; Number of Rows:2; Terminal Block Clamp Type:Screw Clamp
|
WEIDMULLER
|
38760-0110 38760-0102 |
CB BTS STD 10 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:2; Pitch Spacing:0.375"; Wire Size (AWG):24-12; Mounting Type:Screw; Body Material:Glass-Filled Thermoplastic; Contact Plating:Zinc Chrome; Current Rating:20A; Number of Rows:2
|
Molex, Inc. MOLEX INC
|
25.171.0253.0 25.163.7253.0 25.161.7153.0 25.160.0 |
Terminal Block; No. of Positions:2; Pitch Spacing:5mm; Wire Size (AWG):12-22; Mounting Type:PC Board 16 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
|
Wieland Electric, Inc. WIELAND ELECTRIC INC
|
PA239LR |
Screw and push wire Terminal Block
|
Elettro GiBi
|
67600973 |
Terminal Block; No. of Positions:16; Pitch Spacing:0.2"; Wire Size (AWG):24-14; Mounting Type:PC Board; Leaded Process Compatible:Yes RoHS Compliant: Yes 16 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
1-284510-0 2-284510-0 284510-2 284510-4 284510-3 2 |
TERMINAL BLOCK, PLUG WITH SCREW FLANGE 3.5mm PITCH
|
Tyco Electronics
|
0442024 |
Ground terminal block with screw connection, cross section
|
PHOENIX CONTACT
|
1639000000 |
Terminal Block; Pitch Spacing:0.138"; Wire Size (AWG):28-14; Mounting Type:PCB Right Angle Thru Hole; Leaded Process Compatible:Yes; Number of Contacts:24; Number of Rows:1 24 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, SCREW, SOCKET
|
Weidmuller, Corp.
|
0395430010 |
5.00mm (.197) Pitch Eurostyle Vertical Fixed Mount PCB Terminal Block, with Screw Pressure Clamp, 10 Circuits
|
Molex Electronics Ltd.
|