PART |
Description |
Maker |
LM117A IP117A LM117HVK-883B LM117 IP317 IP117 IP31 |
CAP .068UF 100V METAL FILM BOX 1.25 V-60 V ADJUSTABLE POSITIVE REGULATOR, MBFM2 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR FOR HI-REL APPLICATIONS 1.5放大器阳性您好可调电压调节器- Rel应用 Voltage Regulator 电压调节 1.25 V-60 V ADJUSTABLE POSITIVE REGULATOR, PSFM3 1.5A Adjustable Positive Voltage Regulator 0.5A Adjustable Positive Voltage Regulator
|
TT electronics Semelab, Ltd. Avago Technologies, Ltd. Delta Electronics, Inc. INTERPION SEMICONDUCTOR CO., LTD. NXP Semiconductors N.V. Power Dynamics, Inc. ITT, Corp. TT electronics Semelab Limited SEME-LAB[Seme LAB] http:// SEMELAB LTD
|
ISL6312CRZ-TK |
Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications; Temperature Range: 0°C to 70°C; Package: 48-QFN T&R
|
INTERSIL CORP
|
ISL8700IBZ ISL8701 ISL8701IBZ ISL8702 ISL8702IBZ I |
Adjustable Quad Sequencer; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R DSP-ADDRESS SEQUENCER, PDSO14
|
Intersil Corporation Intersil, Corp.
|
ISL29023IROZ-EVALZ ISL29023IROZ-T7 ISL29023 |
Integrated Digital Ambient Light Sensor with Interrupt Function; Temperature Range: -40°C to 85°C; Package: 6-ODFN T&R SPECIALTY ANALOG CIRCUIT, PDSO6
|
Intersil, Corp. Intersil Corporation
|
EDI8F32256C EDI8F32256C-MN EDI8G32256C-MM |
256Kx32 Static RAM CMOS, High Speed Module(256Kx32高速CMOS静态RAM模块) SRAM Modules TFT-LCD DC/DC with Integrated Amplifiers; Temperature Range: -40°C to 85°C; Package: 32-QFN T&R SRAM模块
|
White Electronic Designs Corporation 3M Company
|
OM1322STM OM1322N2M OM1322NKM OM1322NMM OM1322NTM |
1.2 V-37 V ADJUSTABLE NEGATIVE REGULATOR, MSFM3 Hi-Rel Adjustable Voltage 3-Terminal Negative Regulator 1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703403 1.5放大器的负电压调节器调节批准降序703403
|
Omnirel International Rectifier ETC[ETC] List of Unclassifed Manufacturers TE Connectivity, Ltd.
|
NTE1927 |
Automotive Catalog Dual Operational Amplifier 8-TSSOP -40 to 125 2.2 V-30 V ADJUSTABLE NEGATIVE REGULATOR, MBFM4 Integrated Circuit 4-Terminal Negative Adjustable Voltage Regulator
|
NTE Electronics, Inc. NTE[NTE Electronics]
|
LT1086_04 LT1086 LT1086CH LT1086CK LT1086CK-12 LT1 |
1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V; Package: DD PAK; No of Pins: 3; Temperature Range: -55° to 125°C 1.2 V-15 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO3 1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V; Package: TO-220; No of Pins: 3; Temperature Range: 0°C to 70°C 3.6 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSFM3
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp. LINER[Linear Technology] http://
|
EM4022V11WS11 EM4022V21WS11 EM4022 EM4022V10WS11 E |
Analog Miscellaneous Multi Frequency Contactless Identification Device Anti-Collision compatible with BTG Supertag Category Protocols Enhanced Product (EP) 6.0A Dual Synchronous Buck Regulator with Integrated MOSFETs; Temperature Range: -55°C to 125°C; Package: 50-QFN 模拟杂项 Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability; Temperature Range: -40°C to 85°C; Package: 28-QFN 模拟杂项
|
EMMICRO[EM Microelectronic - MARIN SA] Vishay Intertechnology, Inc.
|
LM431SBCMFX |
Adjustable/2.5V, 1% Tolerance Shunt Regulator; Package: SOT-23F; No of Pins: 3; Container: Tape & Reel 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.495 V, PDSO3
|
Fairchild Semiconductor, Corp.
|