PART |
Description |
Maker |
ICL7663S05 ICL7663SCBAZA ICL7663SACBAZA ICL7663SCP |
CMOS Programmable Micropower Positive Voltage Regulator; Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R 1.3 V-16 V ADJUSTABLE POSITIVE REGULATOR, PDSO8 1.3 V-16 V ADJUSTABLE POSITIVE REGULATOR, PDIP8
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
LM317MSTT3 LM317MBDT LM317MABDT LM317MABDTRK LM317 |
500 mA Adjustable Output,Positive Voltage Regulator 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, PSSO2 5.0 AMP POSITIVE VOLTAGE REGULATOR 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, PSSO2 Three-Terminal Adjustable Output Positive Voltage Regulator 500mA, Adjustable Output, Positive Voltage Regulator
|
http:// ONSEMI[ON Semiconductor]
|
LM317BD2TG LM317D2TR4G LM317TG |
1.5 A Adjustable Output, Positive Voltage Regulator 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, PSSO2 5.0 AMP POSITIVE VOLTAGE REGULATOR 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, PSSO2 1.5 A Adjustable Output, Positive Voltage Regulator 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, PSFM3
|
ON Semiconductor
|
OMR117AHVST OMR117 OMR117AHVNH OMR117AHVNM OMR117A |
Hi-Rel Adjustable Voltage 3-Terminal Positive Radiation Hardened Regulator 100 kRAD RADIATION TOLERANT 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR From old datasheet system
|
International Rectifier List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
OM1860NHM OM1860NKM OM1860NTM OM1860SHM OM1860SKM |
Hi-Rel Adjustable Voltage Low Dropout 3-Terminal Positive Regulator 1.5 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-89981
|
International Rectifier http://
|
LT1963AES8PBF LT1963AIFETRPBF LT1963AIQTR |
1.5A, Low Noise, Fast Transient Response LDO Regulators; Package: SO; No of Pins: 8; Temperature Range: -40°C to 125°C 1.21 V-20 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PDSO8 1.5A, Low Noise, Fast Transient Response LDO Regulators; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 1.21 V-20 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PDSO16 1.21 V-20 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO5
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LD1117-30-AA3-C-R LD1117-30-AB3-A-R LD1117-30-TA3- |
5.0 AMP POSITIVE VOLTAGE REGULATOR LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
|
??『绉???′唤?????? UTC[Unisonic Technologies] 友顺科技股份有限公司
|
LT1085IM-3.6 LT1085-FIXED LT1083-FIXED LT1085CT-12 |
7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators; Package: TO-220; No of Pins: 3; Temperature Range: 0°C to 70°C 5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSFM3 7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators; Package: TO-220; No of Pins: 3; Temperature Range: 0°C to 70°C 12 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSFM3 Positive Fixed Voltage Regulator 3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
|
Linear Technology, Corp.
|
SHD519030 |
POSITIVE ADJUSTABLE 1.5 AMP REGULATOR
|
Sensitron
|
UA78HGA |
Positive Adjustable 5 Amp Voltage Regulator
|
Fairchild
|