PART |
Description |
Maker |
HD74CBT3257 |
Quadruple 2-Bit to 1-Bit FET Multiplexer/Demultiplexer 4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER Datasheet|ADE-205-624B|NOV.27.01|101K
|
Hitachi Semiconductor
|
AT89C51-20PC AT89C51-20JI AT89C51-20PI AT89C51-20Q |
Quadruple 2-Input Positive-NOR Gate 14-SOIC -40 to 125 8-Bit Microcontroller with 4K Bytes Flash 8-BIT, FLASH, 24 MHz, MICROCONTROLLER, PQFP44 8-Bit Microcontroller with 4K Bytes Flash 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PQCC44 Quadruple 2-Input Positive-NOR Gate 14-TSSOP -40 to 125 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDIP40 8-Bit Microcontroller with 4K Bytes Flash 8-BIT, FLASH, 12 MHz, MICROCONTROLLER, PDIP40
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
MAX5873 MAX5874 MAX5875 MAX5876 MAX5877 MAX5878 MA |
Quadruple Line Driver 14-CDIP -55 to 125 12位200Msps、高动态性能、双路DAC,CMOS输入 16-Bit, 250Msps, High-Dynamic-Performance, Dual DAC with LVDS Inputs Replaced by SN55189A : Quadruple Line Receiver 14-CDIP -55 to 125 Quadruple Line Driver 14-CFP -55 to 125 Quadruple Line Driver 20-LCCC -55 to 125
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc.
|
PI3B16232V PI3B16232 PI3B16232A |
3.3V, Synchronous 16-Bit to 32-Bit FET Mux/Demux BusSwitch
|
PERICOM[Pericom Semiconductor Corporation]
|
QS316233PA |
IC LOGIC 16233 16-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER -40 85C TSSOP-56 - OBSOLETE 316233 SERIES, DUAL 8-BIT EXCHANGER, TRUE OUTPUT, PDSO56
|
Integrated Device Technology, Inc.
|
AM29LL800BB-150EC AM29LL800BB-150FIB AM29LL800BB-1 |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 2.2 Volt-only Boot Sector Flash Memory 1M X 8 FLASH 2.2V PROM, 200 ns, PDSO44 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 2.2 Volt-only Boot Sector Flash Memory 1M X 8 FLASH 2.2V PROM, 200 ns, PDSO48 Quadruple Bus Buffer Gates With 3-State Outputs 14-SSOP -40 to 85 1M X 8 FLASH 2.2V PROM, 150 ns, PDSO44 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 2.2 Volt-only Boot Sector Flash Memory 8兆位1 M中的x 8-Bit/512亩x 16位).2伏的CMOS只引导扇区闪
|
Advanced Micro Devices, Inc.
|
KM684000LI KM684000LI-10 KM684000LI-10L KM684000LI |
512Kx8 bit CMOS static RAM, 85ns, low power Quadruple Bilateral Analog Switch 14-TSSOP -40 to 85 524288亩字× 8位高速CMOS静态RAM 524,288K WORD x 8 BIT HIGH SPEED CMOS STATIC RAM 524288亩字× 8位高速CMOS静态RAM RES 1.6K-OHM 1% 0.063W 200PPM THK-FILM SMD-0603 TR-7-PA 512Kx8 bit CMOS static RAM, 100ns, low power 512Kx8 bit CMOS static RAM, 70ns, low power
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
AD1861R-J-REEL7 AD1851R-REEL7 AD1851RZ-J AD1851R-J |
16-Bit/18-Bit, 16 X Fs PCM Audio DACs 16-Bit/18-Bit6 X Fs的PCM音频数模转换 16-Bit/18-Bit/ 16 X Fs PCM Audio DACs LBS Series Full Extension Ball Bearing Slide, with Lock Out RoHS Compliant: Yes CONNECTOR ACCESSORY 16-Bit/18-Bit, 16 3 FS PCM Audio DACs
|
ANALOG DEVICES INC Analog Devices, Inc. http://
|
AM41DL32X4GB70IS AM41DL32X4GB70IT AM41DL32X4GB85IS |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
|
AMD[Advanced Micro Devices] SPANSION
|
W25X80 W25X40 W25X40LSSCG W25X40LSSCZ W25X40LSSI W |
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
|
WINBOND[Winbond]
|
W25X10L W25X20L W25X10LSNEG W25X80L W25X80LZPEG W2 |
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
|
Winbond
|
M6MGT331S8BKT M6MGB331S8BKT |
33,554,432-BIT (2,097,152 - WORD BY 16-BIT /4,194,304-WORD BY 8-BIT) CMOS FLASH MEMORY & 8,388,608-BIT (524,288-WORD BY 16-BIT /1,048,576-WORD BY 8-BI
|
Renesas Electronics Corporation
|