PART |
Description |
Maker |
JSM1F-9V-5 JSM JSM1-12V-4 JSM1-12V-5 JSM1-9V-4 JSM |
Shielded Paired Cable; Number of Conductors:38; Conductor Size AWG:22; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:19; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes Automotive Ultra-Miniature Power Relay
|
NAIS[Nais(Matsushita Electric Works)]
|
126-93-964-41-003 126-93-210-41-001 126-93-210-41- |
Test Prod Wire; Conductor Size AWG:24; No. Strands x Strand Size:45 x 40; Jacket Color:Red; Conductor Material:Copper; Jacket Material:Rubber; Leaded Process Compatible:Yes; Number of Conductors:1; Outer Diameter:0.066" RoHS Compliant: Yes Test Prod Wire; Conductor Size AWG:24; No. Strands x Strand Size:45 x 40; Jacket Color:Black; Conductor Material:Copper; Jacket Material:Rubber; Leaded Process Compatible:Yes; Number of Conductors:1; Outer Diameter:0.066" RoHS Compliant: Yes Dual-in-line sockets Open frame Wire-wrap posts with solder tails 双列直插式插座开放帧线与焊尾包职 HookUp/Lead Wire; Conductor Size AWG:18; No. Strands x Strand Size:65 x 36; Jacket Color:Red; Conductor Material:Copper; Jacket Material:Rubber; Leaded Process Compatible:Yes; Number of Conductors:1 RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Number of Pairs:1; Features:Aluminium Foil/Polyester Tape; Impedance:42ohm; Temperature Max:200 C RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Number of Pairs:1; Features:Aluminium Foil/Polyester Tape; Impedance:42ohm; Leaded Process Compatible:Yes RoHS Compliant: Yes 18 AWG (19X30) TINNED COPPER, THREE CONDUCTORS, FEP INSULATED RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:2; Jacket Material:FEP; Number of Pairs:1; Leaded Process Compatible:Yes RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:6; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Shielding Material:Aluminum Foil/Polyester Tape; Shielding Coverage:100%; Number of Pairs:3 RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Shielding Material:Aluminum Foil/Polyester Tape; Number of Pairs:1; Leaded Process Compatible:Yes RoHS Compliant: Yes Test Prod Wire; Conductor Size AWG:18; No. Strands x Strand Size:65 x 36; Jacket Color:Red; Cable/Wire MIL SPEC:MIL-W-13169B; Conductor Material:Copper; Jacket Material:Rubber; Leaded Process Compatible:Yes; Number of Conductors:1 RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:12; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Shielding Material:Aluminum Foil/Polyester Tape; Shielding Coverage:100%; Number of Pairs:6 RoHS Compliant: Yes
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
ISPLSI1048C ISPLSI1048C-50LG_883 1048C ISPLSI1048C |
Shielded Paired Cable; Number of Conductors:10; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyethylene; Number of Pairs:5; Leaded Process Compatible:Yes; Drop Ship:Yes RoHS Compliant: Yes In-System Programmable High Density PLD
|
Lattice Semiconductor Corporation LATTICE[Lattice Semiconductor]
|
111-99-304 111-99-306 111-99-312 111-99-314 111-99 |
Shielded Paired Cable; Number of Conductors:20; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:10; Leaded Process Compatible:Yes; Drop Ship:Yes RoHS Compliant: Yes 双列的多层印刷电路板打开框架焊尾线插 Shielded Paired Cable; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes 双列的多层印刷电路板打开框架焊尾线插 Shielded Paired Cable; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Drop Ship:Yes RoHS Compliant: Yes 双列的多层印刷电路板打开框架焊尾线插 Dual-in-line sockets for multilayer PCB Open frame Solder tail 双列的多层印刷电路板打开框架焊尾线插 Shielded Paired Cable; Number of Conductors:36; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:18; Leaded Process Compatible:Yes; Drop Ship:Yes RoHS Compliant: Yes 双列的多层印刷电路板打开框架焊尾线插 Shielded Paired Cable; Number of Conductors:50; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:25; Leaded Process Compatible:Yes; Drop Ship:Yes RoHS Compliant: Yes 双列的多层印刷电路板打开框架焊尾线插 Shielded Paired Cable; Number of Conductors:25; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape/Tinned Copper Braid RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:19 x 34; Jacket Color:Green; Approval Bodies:UL; Approval Categories:UL AWM Style 1371; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/6 Type ET RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:25; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:12.5; Leaded Process Compatible:Yes; Drop Ship:Yes RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:12; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:6; Features:Aluminium Foil/Tinned Copper Braid; Impedance:70ohm RoHS Compliant: Yes CABLE, COAX, 3075, 1, SPC, 95, TFL, 0.100,(924391), ROHS MC 1,5/15-GF-3,5 Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:19 x 34; Jacket Color:Light Blue; Approval Bodies:UL; Approval Categories:UL AWM Style 1371; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/6 Type ET RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:19 x 34; Jacket Color:White; Approval Bodies:UL; Approval Categories:UL AWM Style 1371; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/6 Type ET RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:16; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:8; Features:Aluminium Foil/Tinned Copper Braid; Impedance:70ohm RoHS Compliant: Yes MC 1,5/18-GF-3.5 MC 1,5/16-GF-3,5 Shielded Paired Cable; Number of Conductors:36; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape/Tinned Copper Braid RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:14; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:7; Features:Aluminium Foil/Tinned Copper Braid; Impedance:70ohm RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:19 x 34; Jacket Color:Gray; Approval Bodies:UL; Approval Categories:UL AWM Style 1371; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/6 Type ET RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:19 x 34; Jacket Color:Purple; Approval Bodies:UL; Approval Categories:UL AWM Style 1371; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/6 Type ET RoHS Compliant: Yes
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
VN03 VN03011Y VN03012Y 1080 VN03_012Y VN03_011Y |
Shielded Paired Cable; Number of Conductors:12; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape; Number of Pairs:6 RoHS Compliant: Yes 标准高边智能电源固态继电器 ISO HIGH SIDE SMART POWER SOLID STATE RELAY From old datasheet system
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
SLD326YT-3 SLD326YT SLD326YT-1 SLD326YT-2 SLD326YT |
Shielded Paired Cable; Number of Conductors:18; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape; Shielding Coverage:100% RoHS Compliant: Yes 4W High Power Laser Diode
|
SONY[Sony Corporation]
|
DCR5980Z18 DCR5980Z DCR5980Z12 DCR5980Z14 DCR5980Z |
Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape; Shielding Coverage:100% RoHS Compliant: Yes Phase Control Thyristor Target Information
|
Dynex Semiconductor Ltd. DYNEX[Dynex Semiconductor]
|
PC723V0NSZX PC723V0YSZX |
Twisted Paired Computer Cable; Number of Conductors:2; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Foil/Braid; Shielding Coverage:100%; Number of Pairs:1 RoHS Compliant: Yes High Collector-emitter Voltage Type Photocoupler
|
Sharp Corporation Sharp Electrionic Components
|
KYW35A2 KYW35K6 KYW35A05 KYW35A1 KYW35A3 KYW35A4 K |
Paired Cable; Number of Conductors:16; Conductor Size AWG:26; No. Strands x Strand Size:7 x 34; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:8; Conductor Material:Copper; Impedance:110ohm; Jacket Color:Gray RoHS Compliant: Yes Silicon Press-Fit-Diodes
|
DIOTEC SEMICONDUCTOR AG DIOTEC[Diotec Semiconductor] Diotec Elektronische
|
AAT1152IKS-1.8-T1 AAT1152IKS-1.0-T1 AAT1152IKS-3.3 |
850kHz 1A Synchronous Buck DC/DC Converter 850kHz 1A条同步降压DC / DC转换 Paired Cable; Number of Conductors:8; Conductor Size AWG:24; Number of Pairs:4; Jacket Color:White/Black; Leaded Process Compatible:Yes; Spool Length:1000ft RoHS Compliant: Yes Triaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:22; No. Strands x Strand Size:19 x 34; Jacket Material:Polyvinylchloride (PVC); Capacitance:17pF/ft; Conductor Material:Copper; Jacket Color:Black RoHS Compliant: Yes
|
Advanced Analogic Technologies, Inc. ANALOGICTECH[Advanced Analogic Technologies]
|
UPD43256BGW-A12X-9JL UPD43256BGW-A10X-9JL UPD43256 |
Shielded Paired Cable; Number of Conductors:100; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:50; Impedance:75ohm; Voltage Nom.:300V RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Color:Brown; Approval Bodies:UL; Approval Categories:UL AWM Style 1180; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/5 Type EE RoHS Compliant: Yes 256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Color:Red; Approval Bodies:UL; Approval Categories:UL AWM Style 1180; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/5 Type EE RoHS Compliant: Yes SERVSWITCH DVI KVM CABLE 3 256K位CMOS静态RAM 32K的字8位扩展工作温 32K X 8 STANDARD SRAM, 85 ns, PDSO28
|
NEC Corp.
|