PART |
Description |
Maker |
BC846-BC850 Q62702-C1746 Q62702-C1772 Q62702-C1885 |
From old datasheet system NPN Silicon AF Transistors (For AF input stages and driver applications High current gain) High Speed CMOS Logic Dual Monostable Multivibrators with Reset 16-SOIC -55 to 125 High Speed CMOS Logic 3-to-8 Line Decoder Demultiplexer Inverting and Non-Inverting 16-SOIC -55 to 125 High Speed CMOS Logic Quad D-Type Flip-Flops with 3-State Outputs 16-SOIC -55 to 125 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
BL-B3141 BL-B2441 BL-B2141 BL-BX1341 BL-B1121 BL-B |
High Speed CMOS Logic 8-Bit Shift Register with Input Storage 16-SOIC -55 to 125 标准LED节能灯(圆形类型 High Speed CMOS Logic Octal Positive-Edge-Triggered D-Type Inverting Flip-Flops with 3-State Outputs 20-PDIP -55 to 125 标准LED节能灯(圆形类型 STANDARD LED LAMPS(ROUND TYPES) 标准LED节能灯(圆形类型 High Speed CMOS Logic Octal Positive-Edge-Triggered D-Type Flip-Flops with 3-State Outputs 20-TSSOP -55 to 125 High Speed CMOS Logic Octal Inverting Buffers and Line Drivers with 3-State Outputs 20-SOIC -55 to 125 High Speed CMOS Logic Octal Inverting Buffers and Line Drivers with 3-State Outputs 20-PDIP -55 to 125 TBF 5C 5#16S PIN SKT RECP High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrators 16-SOIC -55 to 125
|
?╁??′唤?????? Yellow Stone, Corp. 早安股份有限公司 YSTONE[Yellow Stone Corp]
|
BC859C BC856A BC857 BC856 BC858C BC860 BC859 BC856 |
High Speed CMOS Logic 7-Stage Binary Ripple Counter 14-PDIP -55 to 125 High Speed CMOS Logic 12-Stage Binary Counter 16-SOIC -55 to 125 High Speed CMOS Logic 14-Stage Binary Counter 16-SOIC -55 to 125 SWITCHING AND AMPLIFIER APPLICATIONS PNP Epitaxial Silicon Transistor
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
SAB80C517-16-N-T40/85 SAB80C537-M16 SAB80C517-M-T4 |
8-BIT, MROM, 12 MHz, MICROCONTROLLER, PQFP100 High Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry 16-SOIC -55 to 125 High Speed CMOS Logic 8-Bit Universal Shift Register with 3-State Outputs 20-SOIC -55 to 125 高速CMOS逻辑83态输出通用变换缓存SOIC-20封装 工作温度55℃_125 8-Bit CMOS Single-Chip Microcontroller 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PQCC84 High Speed CMOS Logic 8-Input NAND Gate 14-PDIP -55 to 125 8位CMOS单芯片微控制 8-BIT, MROM, 12 MHz, MICROCONTROLLER, PQCC84
|
Siemens Semiconductor Group SIEMENS AG INFINEON TECHNOLOGIES AG SIEMENS A G http://
|
AT29C020 AT29C020-10 AT29C020-10JC AT29C020-10JI A |
High Speed CMOS Logic Octal Inverting Transparent Latches with 3-State Outputs 20-PDIP -55 to 125 High Speed CMOS Logic Octal Positive-Edge-Triggered Inverting D-Type Flip-Flops with 3-State Outputs 20-SOIC -55 to 125 256K X 8 FLASH 5V PROM, 120 ns, PDSO32 High Speed CMOS Logic Octal Non-Inverting Buffers and Line Drivers with 3-State Outputs 20-TSSOP -55 to 125 256K X 8 FLASH 5V PROM, 100 ns, PDIP32 High Speed CMOS Logic Octal Transparent Latches with 3-State Outputs 20-PDIP -55 to 125 256K X 8 FLASH 5V PROM, 150 ns, PDIP32 High Speed CMOS Logic Octal Transparent Latches with 3-State Outputs 20-SOIC -55 to 125 256K X 8 FLASH 5V PROM, 150 ns, PDSO32 2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
BL-B5134N-1 BL-B1124B BL-B1134G BL-B1134M BL-B1134 |
High Speed CMOS Logic 8-Bit Shift Register with Input Storage 16-SOIC -55 to 125 High Speed CMOS Logic Octal Transparent Inverting Latches with 3-State Outputs 20-SOIC -55 to 125 LED 5MM RT ANG SUP DIFF RED PCMN STANDARD LED LAMPS(ROUND TYPES) 标准LED节能灯(圆形类型 High Speed CMOS Logic Octal Transparent Inverting Latches with 3-State Outputs 20-PDIP -55 to 125 标准LED节能灯(圆形类型
|
?╁??′唤?????? YSTONE[Yellow Stone Corp] 早安股份有限公司 Yellow Stone, Corp.
|
SMBJ18A SMBJ100 SMBJ10A SMBJ48 SMBJ7.5 SMBJ7.0A SM |
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 8-Input Universal Shift/Storage Register with Common Parallel I/O Pins and Asynchronous Reset 20-CDIP -55 to 125 SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 表面贴装瞬态电压抑制器 High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets 16-CDIP -55 to 125 CMOS Dual Binary to 1-of-4 Decoder/Demultiplexer with Outputs High on Select 16-SOIC -55 to 125 CMOS 8-Bit Priority Encoder 16-SOIC -55 to 125 High Speed CMOS Logic Dual 4-Stage Binary Counter 14-CDIP -55 to 125 High Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs 16-CDIP -55 to 125 CMOS 4-Bit Latch/4-to-16 Line Decoder with Output 'High' on Select 24-SOIC -55 to 125
|
Jinan Gude Electronic Devic... 娴???洪??靛??ㄤ欢?????? Jinan Gude Electronic Device Co., Ltd. 济南固锝电子器件有限公司 JGD[Jinan Gude Electronic Device] http:// Jinan Gude Electronic D...
|
AT89S53-16AA AT89S53-24AI AT89S53-16JA AT89S53-33J |
8-Bit Microcontroller with 12K Bytes Flash High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Reset 16-PDIP -55 to 125 High Speed CMOS Logic Dual Negative-Edge-Triggered J-K Flip-Flops with Set and Reset 16-PDIP -55 to 125 High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Reset 16-SOIC -55 to 125 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQCC44 High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Reset 16-SOIC -55 to 125 8-BIT, FLASH, 24 MHz, MICROCONTROLLER, PQCC44
|
Atmel Corp. Atmel, Corp.
|