PART |
Description |
Maker |
ATTINY26 ATTINY26-16MC ATTINY26-16MI ATTINY26-16PC |
8-bit Microcontroller with 2K Bytes Flash 2K Flash Program Memory, 160 Bytes SRAM, 128 Bytes EEPROM, 11 Channel 10-bit A/D converter. Universal Serial Interface. High Frequency PWM. Up to 8 MIPS throughput at 8 MHz. 3-volt operation 2K Flash Program Memory, 128 Bytes SRAM, 128-Byte EEPROM, 11-Channel 10-bit A/D converter. Universal Serial Interface. High Frequency PWM. Up to 16 MIPS throughput at 16 MHz 75 1% 1/16W 0402
|
ATMEL[ATMEL Corporation] Atmel Corp.
|
ATMEGA16107 ATMEGA161L-14 |
Program and Data Memories 8-bit Microcontroller with 16K Bytes of In-System Programmable Flash
|
ATMEL Corporation
|
AT90LS2343-14 AT90LS2323-14 AT90S2323-14 AT90S2343 |
8-Bit Microcontroller with 2K Bytes of In-System Programmable Flash Data and Nonvolatile Program Memory AVR ?High-performance and Low-power RISC Architecture
|
ATMEL Corporation
|
AT90S8535-8PC AT90LS8535-8MI AT90LS8535-4MC AT90LS |
8-bit Microcontroller with 8K Bytes In-System Programmable Flash -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 8 MHz, RISC MICROCONTROLLER, PDIP40 RESISTOR, FIXED, FILM, CH 8-BIT, FLASH, 8 MHz, RISC MICROCONTROLLER, QCC44 Data and Nonvolatile Program Memories
|
Atmel, Corp. Atmel Corp. ATMEL Corporation
|
ATMEGA329P ATMEGA329P_06 ATMEGA3290P ATMEGA3290PV |
8-bit Microcontroller with 32K Bytes In-System Programmable Flash 32-Kbyte self-programming Flash Program Memory, 2-Kbyte SRAM, 1-KByte EEPROM, 8 Channel 10-bit A/D-c
|
ATMEL[ATMEL Corporation]
|
MC68HLC705KJ1C MC68HLC705KJ1CDW MC68HLC705KJ1CS MC |
HCMOS microcontroller unit, 64 bytes RAM, 1240 bytes ROM, 4 MHz
|
Motorola
|
AT89S825307 |
8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM
|
ATMEL Corporation
|
AT89C4051-24PU AT89C4051-12PU AT89C4051-12SU AT89C |
8-BIT, FLASH, 24 MHz, MICROCONTROLLER, PDIP20 0.300 INCH, PLASTIC, DIP-20 8-BIT MICROCONTROLLER WITH 4K BYTES FLASH
|
Atmel, Corp. ATMEL[ATMEL Corporation]
|
PIC12C509-04/P PIC12C509-04/SM PIC12C509-04E/P PIC |
A newer version of this device is available. Please consider PIC12C509A. This powerful (1µsecond instruction execution) yet easy-to-program (only 33 single word instructions) CMOS OTP-based 8-bit microcontroller ... 8-Pin, 8-Bit CMOS Microcontrollers A newer device is available. Please consider PIC12F629. This powerful (1µsecond instruction execution) yet easy-to-program ... This powerful (1µsecond instruction execution) yet easy-to-program (only 33 single word instructions) CMOS ROM-based 8-bit microcontroller packs Microchips powerful PIC architecture into an 8-pin package. Easily adapted for auto A newer version of this device is available. Please consider PIC12C508A. 8-bit CMOS microcontroller, 1024 x 12 ROM program, 41 RAM data, 4MHz
|
Microchip
|