PART |
Description |
Maker |
PDTA144W PDTA144WU PDTA144WE PDTA144WE115 PDTA144W |
PNP resistor-equipped transistors; R1 = 47 kOhm, R2 = 22 kOhm 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP resistor-equipped transistors; R1 = 47 kΩ, R2 = 22 kΩ PNP resistor-equipped transistors; R1 = 47 k楼?, R2 = 22 k楼?
|
Aero-Electric Connector, Inc. NXP Semiconductors N.V.
|
PDTA115ES PDTA115E PDTC115EU PDTA115EE PDTA115EEF |
PNP resistor-equipped transistors; R1 = 100 kOhm, R2 = 100 kOhm; Package: SOT416 (SC-75); Container: Tape reel smd PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW 20 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW 20 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236 From old datasheet system PDTA115E series; PNP resistor-equipped transistors; R1 = 100 kOhm, R2 = 100 kOhm PNP resistor-equipped transistors; R1 = 100 kOhm, R2 = 100 kOhm; Package: SOT883 (SC-101); Container: Tape reel smd
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PEMD14 PUMD14 PEMD14-PUMD14-15 |
NPN/PNP resistor-equipped transistors; R1 = 47 kW, R2 = open NPN-PNP resistor-equipped transistors; R1 = 47 kOhm, R2 = open 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR NPN/PNP resistor-equipped transistors R1 = 47 kW, R2 = open
|
NXP Semiconductors N.V.
|
PDTA143TEF PDTA143TE PDTA143T PDTA143TK PDTA143TM |
100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open PNP resistor-equipped transistors; R1 = 4.7 k楼?, R2 = open
|
NXP Semiconductors
|
PDTA113E PDTA113EE PDTA113EK PDTA113EM PDTA113ES P |
PNP resistor-equipped transistors; R1 = 1 kW, R2 = 1 kW PNP resistor-equipped transistors; R1 = 1 kOhm, R2 = 1 kOhm; Package: SOT23 (TO-236AB); Container: Tape reel smd 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB PNP resistor-equipped transistors; R1 = 1 kOhm, R2 = 1 kOhm 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB PNP resistor-equipped transistors; R1 = 1 kOhm, R2 = 1 kOhm; Package: SOT323 (SC-70); Container: Tape reel smd
|
NXP Semiconductors N.V.
|
PDTA123EE PDTA123EEF PDTA123EK PDTA123EU PDTA123ET |
PNP resistor-equipped transistors; R1 = 2.2 kOhm, R2 = 2.2 kOhm; Package: SOT323 (SC-70); Container: Tape reel smd 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP resistor-equipped transistors; R1 = 2.2 kOhm, R2 = 2.2 kOhm; Package: SOT416 (SC-75); Container: Tape reel smd 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR PDTA123E series; PNP resistor-equipped transistors; R1 = 2.2 kOhm, R2 = 2.2 kOhm
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PDTA143EEF PDTA143EU PDTA143E PDTA143EE PDTA143EK |
PDTA143E series; PNP resistor-equipped transistors; R1 = 4.7 kOhm, R2 = 4.7 kOhm PNP resistor-equipped transistors; R1 = 4.7 k-ohm, R2 = 4.7 k-ohm
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
PEMB11 PEMB11_1 |
PNP resistor-equipped transistors; R1 = 10 kohm/ R2 = 10 kohm From old datasheet system PNP resistor-equipped transistors; R1 = 10 kohm, R2 = 10 kohm
|
Philips Semiconductors NXP Semiconductors
|
PDTC114E PDTC114EE PDTC114EEF PDTC114EK PDTC114EM |
100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236 NPN resistor-equipped transistors; R1 = 10 kOhm, R2 = 10 kOhm NPN配电阻型晶体R1=10千欧姆,R2=10千欧 NPN resistor-equipped transistor; R1 = 10 kΩ, R2 = 10 kΩ NPN resistor-equipped transistor; R1 = 10 k楼?, R2 = 10 k楼?
|
NXP Semiconductors N.V.
|
PDTA143ZMB |
PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = 47 kΩ
|
NXP Semiconductors
|
PDTA123EMB |
PNP resistor-equipped transistor; R1 = 2.2 kΩ, R2 = 2.2 kΩ
|
NXP Semiconductors
|
|