PART |
Description |
Maker |
MAX9075 MAX9075EUK-T MAX9075EXK-T MAX9077 MAX9077E |
Low-Cost, Ultra-Small, 3A Single-Supply Comparators Low-Cost / Ultra-Small / 3A Single-Supply Comparators Low-Cost, Ultra-Small, 3レA Single-Supply Comparators 低成本、超小型3µA、单电源比较 Low-Cost, Ultra-Small, 3レA Single-Supply Comparators COMPARATOR, 8000 uV OFFSET-MAX, 580 ns RESPONSE TIME, PDSO5
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ADTL08207 ADTL082JR ADTL082JR-REEL ADTL082JR-REEL7 |
Low Cost JFET Input Dual Operational Amplifier Low Cost JFET Input Operational Amplifier; Package: MSOP; No of Pins: 8; Temperature Range: Industrial Low Cost JFET Input Operational Amplifiers Low Cost JFET Input Operational Amplifier; Package: SOIC; No of Pins: 14; Temperature Range: Commercial QUAD OP-AMP, 10000 uV OFFSET-MAX, 5 MHz BAND WIDTH, PDSO14 Low Cost JFET Input Operational Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Commercial
|
Analog Devices, Inc. ANALOG DEVICES INC
|
ZPSD311 ZPSD311-B-15J ZPSD311-B-15L ZPSD311-B-15M |
From old datasheet system PSD3XX, ZPSD3XX, ZPSD3XXV, PSD3XXR, ZPSD3XXR, ZPSD3XXRV Low Cost Field Programmable Microcontroller PSD3XX/ZPSD3XX FAMILY LOW COST MICROCONTROLLER PERIPHERALS LowCostFieldProgrammableMicrocontrollerPeripherals Low Cost Field Programmable Microcontroller Peripherals
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
STMICROELECTRONICS
|
IDT79RC4650 79RV4650_DS_45412 IDT79RV4650-150DP ID |
R4650 Low Cost, DSP Capable 64-bit RISC CPU **NOT RECOMMENDED FOR NEW DESIGNS** From old datasheet system Low-Cost 64-bit RISController w/DSP Capability
|
IDT
|
AD1893JST AD1893 AD1893JN AD1893JSTZ |
Low Cost SamplePort 16-Bit ASRC Low Cost SamplePort 16-Bit Stereo Asynchronous Sample Rate Converter
|
AD[Analog Devices]
|
KM7101 |
Ultra-Low Cost, 136uA, 4.9MHz Rail-to-Rail I/O Amplifier From old datasheet system an ultra-low cost, low power, voltage feed-back
|
Fairchild Semiconductor
|
CY23S0904 CY23S09ZXC-1H CY23S05SXC-1H CY23S09SXC-1 |
Low-Cost 3.3V Spread Aware Zero Delay Buffer(低价.3V Spread Aware零延迟缓冲器) Low-Cost 3.3V Spread Aware垄芒 Zero Delay Buffer Low-Cost 3.3V Spread Aware⑩ Zero Delay Buffer Low-Cost 3.3V Spread Aware?Zero Delay Buffer
|
Cypress Semiconductor Corp.
|
5962R9308902HXA 5962-9308902HXC 5962L9308902HXA 59 |
SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References -48V Hot-Swap Controllers with External RSENSE and High Gate Pulldown Current Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps DC-to-DC Voltage Converter 型DC - DC电压转换
|
EPCOS AG
|
5962F9584501VYC 5962H9584501VYC 5962R9584501VYC 59 |
2-Wire, Serial, 8-Bit DACs with Rail-to-Rail Outputs 5-Pin, Multiple-Input, Programmable Reset ICs Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23 Low-Cost, Voltage-Output, 16-Bit DACs in µMAX 5V, Low-Power, Voltage-Output, Serial 12-Bit DACs Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in µMAX Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23 Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in µMAX x8的SRAM x8 SRAM x8的SRAM
|
Analog Devices, Inc. California Micro Devices Corporation
|
ADSP-2104LKP-55 ADSP-2104KP-80 ADSP-2109LKP-55 ADS |
ADSP-2104/ADSP-2104L: Low Cost DSP Microcomputers Data Sheet (Rev. 0. 7/96) Low Cost DSP Microcomputers
|
ANALOG DEVICES INC Analog Devices, Inc.
|
HFBR-5001 HFBR-5111 HFBR-5112 HFBR-5113 HFBR-5198 |
Low Cost, Industry Standard FDDI MIC Transceivers Low cost, industry standart FDDI MIC transceiver
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|