PART |
Description |
Maker |
AD5040 AD5063 AD5062 AD5060 AD5061 AD5060ARJZ-2REE |
Full Accurate 3 V/5 V 14-Bit Vout nanoDAC™ Converter, Output Buffered, in a Sot 23 Full Accurate 3 V/5 V 16-Bit Vout nanoDAC™ Converter, Output Buffered, in a Sot 23 Full Accurate 14/16 Bit Vout nanoDac Buffered 3V/5V Sot 23 Full Accurate 14/16 Bit Vout nanoDac Buffered, 3V/5V, Sot 23
|
AD[Analog Devices] Analog Devices, Inc.
|
AD5062BRJ-1 AD5062BRJ-2 AD5062BRJ-3 AD5063BRM-1 |
Full Accurate 16 Bit Vout nanoDac, 2.7V- 5.5V, in a Sot 23
|
Analog Devices, Inc.
|
AD5063 |
(AD5062 / AD5063) Full Accurate 16 Bit Vout nanoDac
|
Analog Devices
|
MAX6776LTT MAX6776XKT MAX6777LTT MAX6776LTAT MAX67 |
Low-Power, 1%-Accurate Battery Monitors in 渭DFN and SC70 Packages Low-Power, 1%-Accurate Battery Monitors in μDFN and SC70 Packages Low-Power, 1%-Accurate Battery Monitor in µDFN and SC70 Packages 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO6
|
Maxim Integrated Products, Inc.
|
MAX1932 MAX1932ETC MAXB1932ETC MAX1932ETCT |
Digitally Controlled / 0.5% Accurate / Safest APD Bias Supply Digitally Controlled, 0.5% Accurate, Safest APD Bias Supply SWITCHING CONTROLLER, 360 kHz SWITCHING FREQ-MAX, QCC12 "Digitally Controlled, 0.5% Accurate, Safest APD Bias Supply" Digitally Controlled, 0.5% Accurate, Safest APD Bias Supply
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
EVAL-ADT7310EBZ ADT7310TRZ ADT7310TRZ-REEL ADT7310 |
±0.5°C Accurate, 16-Bit Digital SPI Temperature Sensor 卤0.5掳C Accurate, 16-Bit Digital SPI Temperature Sensor 隆戮0.5隆?C Accurate, 16-Bit Digital SPI Temperature Sensor
|
Analog Devices
|
AQ200GY-N3-12-TRL AQ200GY-N3-12-BUL AQ200GY-M3-12- |
3oC Accurate with Hysteresis 120oC Thermostat SOT23, TO-92, PSOT23-6, SC70 Packages 3ìC Accurate with Hysteresis 120ìC Thermostat SOT23, TO-92, PSOT23-6, SC70 Packages
|
Acutechnology Semiconductor
|
MAX4430 MAX4430ESA MAX4430EUK-T MAX4431 MAX4431ESA |
Dual-Supply, 180MHz, 16-Bit Accurate, Ultra-Low-Distortion Op Amps Dual-Supply / 180MHz / 16-Bit Accurate / Ultra-Low Distortion Op Amps Dual-Supply, 180MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps " Dual- Supply, 180MHz, 16-Bit Accurate, Ultra-Low- Distortion Op Amp in SOT23 Package"
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
MAX1458AAE MAX1458CAE MAX1458C_D MAX1458 1868 |
From old datasheet system 1%-Accurate Digitally Trimmed Sensor Signal Conditioner 1%-Accurate, Digitally Trimmed Sensor Signal Conditioner
|
Maixm MAXIM[Maxim Integrated Products]
|
PL2303SA |
Full Compliant with USB Specification v2.0 (Full-Speed)
|
List of Unclassifed Man...
|
MAX1450 1867 MAX1450CAP MAX1450EAP MAX1450C_D MAX1 |
Tactile Switch; Operating Force Max:160g-cm; Circuitry:SPST; Switch Operation:On-(On); Actuator Style:Flat Plunger; Contact Current Max:50mA; Switch Terminals:Through Hole; Leaded Process Compatible:Yes; Mounting Type:PCB RoHS Compliant: Yes Low-Cost / 1%-Accurate Signal Conditioner for Piezoresistive Sensors From old datasheet system Low-Cost, 1%-Accurate Signal Conditioner for Piezoresistive Sensors
|
模拟信号调理 Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm
|
AS5171 |
Accurate angle measurement
|
ams AG
|