PART |
Description |
Maker |
N457 |
的ISO / IEC裕廊1/SIC 2/WG 3 7位和8位代码和扩展秘书处:埃洛 ISO/IEC JTC 1/SIC 2/WG 3 7-bit and 8-bit codes and their extension SECRETARIAT : ELOT
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC
|
HI7190 |
A/D, 10MHz, SigmA Delta Converter, 24-Bit, High Precision, 22-Bits Resolution No Missing Codes
|
Intersil
|
AD7536 AD7536AD AD7536AQ AD7536BD AD7536BQ AD7536J |
14-Bit, Multiplying Iout, 8-bit bus Low-Power, Serial 12-Bit Sampling Analog-To-Digital Converter 16-SOIC -40 to 85 LC2MOS 14-BIT uP-COMPATIBLE DAC PARALLEL, WORD INPUT LOADING, 0.8 us SETTLING TIME, 14-BIT DAC, PQCC28
|
AD[Analog Devices] Analog Devices, Inc.
|
M41000002M M41000002R M41000002W AM41DL3228GB30IS |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
|
AMD[Advanced Micro Devices]
|
AM41DL1634DB30IT AM41DL1634DB45IS AM41DL1634DB70IS |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
|
AMD[Advanced Micro Devices]
|
W25X40AL W25X40ALDAIZ W25X40ALSNIZ W25X40ALZPIG W2 |
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
|
Winbond
|
W25X10L W25X20L W25X10LSNEG W25X80L W25X80LZPEG W2 |
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
|
Winbond
|
W25X10A W25X10AVDAIZ W25X10AVSNIG W25X10AVZPIG |
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
|
Winbond
|
AD7520JN AD7531 AD7531KN AD7530 AD7521 AD7521KN AD |
320 x 240 pixel format, LED or CFL Backlight 10位,12位,乘法D / A转换 10-Bit, 12-Bit, Multiplying D/A Converters PARALLEL, WORD INPUT LOADING, 1 us SETTLING TIME, 12-BIT DAC, PDIP18 Replaced by ADS8505 : 16-Bit 10us Sampling CMOS Analog-to-Digital Converter 28-SOIC 10-Bit/ 12-Bit/ Multiplying D/A Converters
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
M6MGB331S8AKT M6MGT331S8AKT |
33,554,432-BIT (2,097,152 - WORD BY 16-BIT /4,194,304-WORD BY 8-BIT) CMOS FLASH MEMORY & 8,388,608-BIT (524,288-WORD BY 16-BIT /1,048,576-WORD BY 8-BI
|
Renesas Electronics Corporation.
|
CS5525 CS5525-AP CS5525-AS CS5525-BP CS5525-BS CS5 |
16/20-Bit, Multirange A/D Converters with 4-Bit Latch 16 BIT / 20 BIT MULTI RANGE ADC WITH 4 BIT LATCH
|
CIRRUS[Cirrus Logic]
|
MR53V3252J |
2,097,152-Word X 16-Bit or 4,194,304-Word X 8-Bit 8Word X 16-Bit or 16Word X 8-Bit/Page Mode MASK ROM From old datasheet system
|
OKI
|