Part Number Hot Search : 
XXXCA AKD4631 60N03S L188E KAQY210 W49V002T M8400 EPB025A
Product Description
Full Text Search
  codes Datasheet PDF File

For codes Found Datasheets File :: 28471    Search Time::1.516ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    GSX-533 GSX-533111NF GSX-5331P3AF GSX533 GSX-533/223FFFREQ

Golledge Electronics Ltd
Part No. GSX-533 GSX-533111NF GSX-5331P3AF GSX533 GSX-533/223FFFREQ
OCR Text codes Parameters Frequency range: 12.0 ~ 44.0MHz Calibration tolerance: 10ppm 15ppm 20ppm Other values (7.5 ~ 100ppm) 10ppm 15ppm 20ppm 30ppm Other values (7.5 ~ 100ppm) 1 P 2 specify 1 P 2 3 specify 1 2 3 specify Temperature stab...
Description QUARTZ CRYSTAL RESONATOR, 12 MHz - 44 MHz
SM Crystal for Bluetooth / wireless

File Size 109.60K  /  2 Page

View it Online

Download Datasheet





    GSX-333 GSX-333111NF GSX-3331P3AF GSX333

http://
Golledge Electronics Ltd
Part No. GSX-333 GSX-333111NF GSX-3331P3AF GSX333
OCR Text ...values (7.5 ~ 100ppm) Option codes 1 P 2 specify 1 P 2 3 specify 1 2 3 specify Temperature stability: 3.30 (max) 2.60 (max) 0.70 (max) ACTUAL SIZE 0.70 Operating temperature range: -10 to +60C -20 to +70C -30 to +80C Other ...
Description SM crystal for Bluetooth / Wireless

File Size 82.88K  /  2 Page

View it Online

Download Datasheet

    GSX-323 GSX-323111NF GSX-3231P3AF GSX323

GOLLEDGE[Golledge Electronics Ltd]
Part No. GSX-323 GSX-323111NF GSX-3231P3AF GSX323
OCR Text ...values (7.5 ~ 100ppm) Option codes 1 P 2 specify 1 P 2 3 specify 1 2 3 specify Temperature stability: 2.50 0.10 2.00 0.10 0.60 (max) ACTUAL SIZE 0.40 1 4 0.90 2 3 0.20 0.60 4 1 3 2 1.00 1.00 Operating temperature range: -...
Description SM crystal for Bluetooth / wireless

File Size 80.23K  /  2 Page

View it Online

Download Datasheet

    Linear Technology, Corp.
Part No. LTC2337-18 LTC2337-18-15
OCR Text ... 4 lsb inl maximum, no missing codes at 18-bits with 100db snr. the ltc2337-18 has an onboard single-shot capable reference buffer and low drift (20 ppm/c max) 2.048v temperature compensated reference. the ltc2337-18 als...
Description 18-Bit, 500ksps, 卤10.24V True Bipolar, Fully Differential Input ADC with 100dB SNR

File Size 750.99K  /  24 Page

View it Online

Download Datasheet

    FM25L256 FM25L256-DG FM25L256-G FM25L256-S

Ramtron International Corporation
Part No. FM25L256 FM25L256-DG FM25L256-G FM25L256-S
OCR Text ...PI protocol is controlled by op-codes. These op-codes specify the commands to the device. After /CS is activated the first byte transferred from the bus master is the op-code. Following the op-code, any addresses and data are then transferr...
Description 256Kb FRAM Serial 3V Memory - Extended Temp

File Size 145.19K  /  14 Page

View it Online

Download Datasheet

    MLEGRN-A1-0000-000001 MLEGRN-A1-0000-000101 MLEGRN-A1-0000-000X01 MLEAWT-A1-0000-0002E7 MLEAWT-A1-0000-0003E5 MLEAWT-H1-

Cree, Inc
Part No. MLEGRN-A1-0000-000001 MLEGRN-A1-0000-000101 MLEGRN-A1-0000-000X01 MLEAWT-A1-0000-0002E7 MLEAWT-A1-0000-0003E5 MLEAWT-H1-0000-0001E7 MLEAWT-H1-0000-0003E1 MLEAWT-H1-0000-0003E3 MLEAWT-A1-0000-000351 MLEAWT-P1-0000-0001E7 MLEAWT-U1-0000-0000E7 MLEAMB-A1-0000-000X01 MLEAWT-A1-0000-0001E7 MLEAWT-A1-0000-0002E5 MLEAWT-A1-0000-000451 MLEBLU-A1-0000-000U01 MLESWT-A1-0000-0002E5 MLESWT-A1-0000-000351 MLESWT-A1-0000-0002E7 MLESWT-A1-0000-0001E7 MLESWT-A1-0000-0003E5 MLESWT-A1-0000-000451 MLEROY-A1-0000-000501 MLESWT-H1-0000-0003E1
OCR Text ...ble provides several base order codes for xlamp m l-e le ds. it is important to note that the base order codes listed here are a subset of the total available order codes for the product family. for more order codes, as well as a complet...
Description Available in white (2600 K to 8300 K CCT), 80-, 85- and 90?CRI minimum

File Size 1,331.29K  /  26 Page

View it Online

Download Datasheet

    AT25FS040

ATMEL Corporation
Part No. AT25FS040
OCR Text ...1/2 or Entire Array Flexible Op codes for Maximum Compatibility Self-timed Program Cycle - 30 s/Byte Typical Single Cycle Reprogramming (Erase and Program) for Status Register High Reliability - Endurance: 10,000 Write Cycles Typical 8-lead...
Description High Speed Small Sectored SPI Flash Memory

File Size 350.65K  /  23 Page

View it Online

Download Datasheet

    Samsung Electronic
SAMSUNG[Samsung semiconductor]
Part No. 16T202DA1J
OCR Text ...ter (DR). IR stores instruction codes, such as display clear and cursor shift, and address information for DD-RAM and CG-RAM. The IR can only be written from the host MPU. DR temporarily stores data to be written into DD-RAM or CG-RAM and t...
Description VACUUM FLUORESCENT DISPLAY MODULE

File Size 382.17K  /  18 Page

View it Online

Download Datasheet

    B43305A2337M000 B43305A2397M000 B43305A2477M000 B43305G2827M000 B43305 B43305A2108M000 B43305A2108M002 B43305A2108M007 B

EPCOS[EPCOS]
Part No. B43305A2337M000 B43305A2397M000 B43305A2477M000 B43305G2827M000 B43305 B43305A2108M000 B43305A2108M002 B43305A2108M007 B43305A2128M000 B43305A2128M002 B43305A2128M007 B43305A2158M000 B43305A2158M002 B43305A2158M007 B43305A2188M000 B43305A2188M002 B43305A2188M007 B43305A2228M000 B43305A2228M002 B43305A2228M007 B43305A2278M000 B43305A2278M002 B43305A2278M007 B43305A2337M002 B43305A2337M007 B43305A2338M000 B43305A2338M002 B43305A2338M007 B43305A2397M002 B43305A2397M007 B43305A2477M002 B43305A2477M007 B43305A2567M000 B43305A2567M002 B43305A2567M007 B43305A2687M000 B43305A2687M002 B43305A2687M007 B43305A2827M000 B43305A2827M002 B43305A2827M007 B43305A5107M007 B43305A5127M007 B43305A5157M007 B43305A5187M007 B43305A5227M007 B43305A5277M007 B43305A5337M007 B43305A5397M007 B43305A5477M007 B43305A5567M007 B43305A5686M007 B43305A5687M007 B43305A5826M007 B43305A5827M007 B43305B2108M000 B43305B2108M002 B43305B2108M007 B43305B2128M000 B43305B2128M002 B43305B2128M007 B43305B2158M000 B43305B2158M002 B43305B2158M007 B43305B2188M000 B43305B2188M002 B43305B2188M007 B43305B2228M000 B43305B2228M002 B43305B2228M007 B43305B2477M000 B43305B2477M002 B43305B2477M007 B43305B2567M000 B43305B2567M002 B43305B25
OCR Text ...osition for insertion. Ordering codes for terminal styles Snap-in capacitors Terminal versions Standard terminals (6.3 1) mm Short terminals (4.5 3 terminals (4.5 1) mm 1) mm Identification in 3rd block of ordering code M000 M007 M002 Or...
Description General-purpose grade capacitors

File Size 1,007.03K  /  17 Page

View it Online

Download Datasheet

For codes Found Datasheets File :: 28471    Search Time::1.516ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of codes

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
9.1527791023254