PART |
Description |
Maker |
P6EU-XXXXZH30 P6EU P6EU-0505ZH30 P6EU-0509ZH30 P6E |
Input voltage:12V, output voltage /-15V ( /-34mA), 3KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-9V ( /-55mA), 3KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-12V ( /-42mA), 3KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-5V ( /-100mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-15V ( /-34mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-9V ( /-55mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-12V ( /-42mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-5V ( /-100mA), 3KV isolated 1W unregulated dual output RF Coaxial Connector Adapter; Convert From:SMA Plug; Convert To:1.0/2.3 Jack; Body Style:Straight Adapter, Plug-Jack RoHS Compliant: Yes 3KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP6 千伏隔震1W的未稳压双输SIP6
|
PEAK[PEAK electronics GmbH] Electronic Theatre Controls, Inc.
|
P8SG-247R2ZH30 P8SG-0505ZH30 P8SG-053R6ZH30 P8SG-1 |
Input voltage:24V, output voltage /-7.2V ( /-100mA), 3KV isolated 1.5W regulated dual output Input voltage:24V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated dual output Input voltage:24V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-3.6V ( /-200mA), 3KV isolated 1.5W regulated dual output 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 3千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
FEC40-12T3315 FEC40 FEC40-12D12 FEC40-12D15 FEC40- |
OFFER SINGLE,DUAL,DUAL POSITIVE(TOTAL OUTPUT CURRENT 8A)AND TRIPLE OUTPUT 提供单,双,双阳性(总输出电A)及三路输出
|
Electronic Theatre Controls, Inc. ETC[ETC] Power Mate Technology
|
P6LU-XXXXZH52 P6LU-0505ZH52 P6LU-053R3ZH52 P6LU-12 |
Input voltage:12V, output voltage /-15V ( /-34mA), 5.2KV isolated 1W unregulated dual output Input voltage:24V, output voltage /-7.2V ( /-69mA), 5.2KV isolated 1W unregulated dual output 5.2 KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP7 5.2千伏隔震1W的未稳压双输出SIP7 Input voltage:12V, output voltage /-5V ( /-100mA), 5.2KV isolated 1W unregulated dual output
|
PEAK[PEAK electronics GmbH]
|
ST450RAB104JLZ ST450RAB105JLZ ST450RAB123JLZ ST450 |
Chip Inductors for Critical Applications
|
Coilcraft lnc.
|
ST515PMN500MLZ ST515PMN820MLZ ST515PMN101MLZ ST515 |
Power Inductor for Critical Applications
|
Coilcraft lnc.
|
ST336RAD51NLZ ST336RAD39NLZ ST336RAD6N2JLZ ST336RA |
Chip Inductors for Critical Applications
|
Coilcraft lnc.
|
SI-3003KWM |
1 A, Low-Dropout, Dual Output, 1.8 V & 2.5 V Regulator DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, SSO5 SI-3003KWM 1 A, Low-Dropout, Dual Output, 1.8 V & 2.5 V Regulator 1 A, Low-Dropout, Dual Output, 1.8 V & 2.5 V Regulator
|
Sanken Electric Co., Ltd. Allegro MicroSystems
|
MC33364D1R2G MC33364DG MC33364D1G MC33364D2G MC333 |
Critical Conduction GreenLinet SMPS Controller
|
ON Semiconductor
|
CP336FRA902MAZ CP336FRA901MAZ CP336FRA262MAZ CP336 |
Common Mode Chokes for Critical Applications
|
Coilcraft lnc.
|
R2A20133BSP |
Critical Conduction Mode PFC Control IC
|
Renesas Electronics Corporation
|
R2A20113SP09 |
Critical Conduction Mode PFC Control IC
|
Renesas Electronics Corporation
|