|
|
|
Fairchild Semiconductor, Corp.
|
Part No. |
FAN7528MX
|
Description |
dual output critical conduction Mode PFC Controller 0.4 A POWER FACTOR CONTROLLER, PDSO8
|
File Size |
2,588.21K /
21 Page |
View
it Online |
Download Datasheet |
|
|
|
PEAK[PEAK electronics GmbH] Electronic Theatre Controls, Inc.
|
Part No. |
P6EU-XXXXZH30 P6EU P6EU-0505ZH30 P6EU-0509ZH30 P6EU-0512ZH30 P6EU-0515ZH30 P6EU-1205ZH30 P6EU-1209ZH30 P6EU-1212ZH30 P6EU-1215ZH30
|
Description |
Input voltage:12V, output voltage /-15V ( /-34mA), 3KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-9V ( /-55mA), 3KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-12V ( /-42mA), 3KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-5V ( /-100mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-15V ( /-34mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-9V ( /-55mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-12V ( /-42mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-5V ( /-100mA), 3KV isolated 1W unregulated dual output RF Coaxial Connector Adapter; Convert From:SMA Plug; Convert To:1.0/2.3 Jack; Body Style:Straight Adapter, Plug-Jack RoHS Compliant: Yes 3KV ISOLATED 1W UNREGULATED dual output SIP6 千伏隔震1W的未稳压双输SIP6
|
File Size |
151.05K /
2 Page |
View
it Online |
Download Datasheet |
|
|
|
PEAK[PEAK electronics GmbH]
|
Part No. |
P8SG-247R2ZH30 P8SG-0505ZH30 P8SG-053R6ZH30 P8SG-1205ZH30 P8SG-1212ZH30 P8SG-2405ZH30 P8SG-2415ZH30
|
Description |
Input voltage:24V, output voltage /-7.2V ( /-100mA), 3KV isolated 1.5W regulated dual output Input voltage:24V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated dual output Input voltage:24V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-3.6V ( /-200mA), 3KV isolated 1.5W regulated dual output 3 KV ISOLATED 1.5 W REGULATED dual output DIP24 3千伏隔震1.5糯稳压双输出DIP24
|
File Size |
113.63K /
2 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|