PART |
Description |
Maker |
S3902 S3903 S3903-1024Q S3903-512Q |
MOSFET, Switching; VDSS (V): 400; ID (A): 17; Pch : -; RDS (ON) typ. (ohm) @10V: 0.25; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V MOSFET, Switching; VDSS (V): 450; ID (A): 14; Pch : -; RDS (ON) typ. (ohm) @10V: 0.43; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V NMOS linear image sensor Current output, high UV sensitivity, excellent linearity, low power consumption MOSFET, Switching; VDSS (V): 450; ID (A): 22; Pch : -; RDS (ON) typ. (ohm) @10V: 0.25; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 1800; toff (µs) typ: -; Package: TO-3P
|
Hamamatsu Photonics
|
S4707-01 |
MOSFET, Switching; VDSS (V): 600; ID (A): 21; Pch : 150; RDS (ON) typ. (ohm) @10V: 0.315; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 2600; toff (µs) typ: 0.107; Package: TO-3P
|
Hamamatsu Photonics
|
S6968-01 |
MOSFET, Switching; VDSS (V): 60; ID (A): 2; Pch : 0.8; RDS (ON) typ. (ohm) @10V: -; RDS (ON) typ. (ohm) @4V[4.5V]: [0.111]; RDS (ON) typ. (ohm) @2.5V: 0.129; Ciss (pF) typ: 320; toff (µs) typ: 0.0397; Package: MPAK
|
Hamamatsu Photonics
|
S3921 S3921-512Q S3921-128Q |
NMOS linear image sensor Voltage output type with current-integration readout circuit and impedance conversion circuit MOSFET, Switching; VDSS (V): 500; ID (A): 12; Pch : 30; RDS (ON) typ. (ohm) @10V: 0.515; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 1100; toff (µs) typ: 0.077; Package: TO-220FN
|
Hamamatsu Photonics
|
2SC3011 |
High Gain :|S21e|2=12dB(TYP.) Low Noise Figure: NF=2.3dB(Typ.) f=1GHz
|
TY Semiconductor Co., Ltd
|
AIDM9 AIDM17J AIDM150 AIDM125 AIDM13G AIDM175 AIDM |
2-Channel Differential Input 24-Bit No Latency Delta Sigma ADC; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C .): 1Mbit/s; Current Transfer Ratio: 10% (min) (19% (min) for rank O) @I_F(IN)=16mA; Isolation voltage BVs @1minute (min) (V_rms): 5000; Safety Standard 24-Bit µPower No Latency Delta-Sigma ADC in SO-8; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C IF Wave Detection ICs; Application: Cordless Telephone; Operating Voltage: 1.8-5.5V; Package: SSOP16 (0.65); Comments: Mixer/ IF Amp/ Noise Detection ) Typ.: 4.5; Package Type: 2-11D1B ) Typ.: 2.5; Package Type: 2-11D1B IC Output Photocouplers and Photorelays; Features: Buffer logic type(totem pole output); Package: MFSOP6; Surface Mount Type: Y; Number of Pins: 5 IC Output Photocouplers and Photorelays; Features: Inverter logic type(totem pole output); Package: SDIP6; Surface Mount Type: Y; Number of Pins: 6 Serial 12-Bit, 3.5Msps Sampling ADCs with Shutdown; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C High-Frequency Switching Power Transistors (2SA Series); Surface Mount Type: Y; Package: PW-MINI; Number Of Pins: 3; Publication Class: High Frequency Switching Power Transistor MOSFETs - Nch VDSS=30V; Surface Mount Type: N; Package: PW-MOLD; R DS On (Ω): (max 0.12) (max 0.1); I_S (A): (max 5) C-Band Power GaAs IMFETs; Frequency Band (GHz): 3.4-3.8; P1dB (dBm): 42.5; G1dB (dB): 12.5; Ids (A) Typ.: 4.4; IM3 (dBc) Typ.: -45; Rth (°C/W) Typ.: 1.5; Package Type: 2-16G1B 逻辑IC C-Band Power GaAs IMFETs; Frequency Band (GHz): 5.0-5.3; P1dB (dBm): 42.5; G1dB (dB): 8.5; Ids (A) Typ.: 4.4; IM3 (dBc) Typ.: -45; Rth (°C/W) Typ.: 1.5; Package Type: 2-16G1B 逻辑IC Logic IC 逻辑IC C-Band Power GaAs IMFETs; Frequency Band (GHz): 5.3-5.9; P1dB (dBm): 45.5; G1dB (dB): 8.5; Ids (A) Typ.: 8; IM3 (dBc) Typ.: -45; Rth (°C/W) Typ.: 1.2; Package Type: 2-16G1B 逻辑IC C-Band Power GaAs IMFETs; Frequency Band (GHz): 5.9-6.4; P1dB (dBm): 38.5; G1dB (dB): 10; Ids (A) Typ.: 1.6; IM3 (dBc) Typ.: -47; Rth (°C/W) Typ.: 3.8; Package Type: 2-11D1B 逻辑IC MOSFETs - Nch VDSS=30V; Surface Mount Type: N/Y; Package: TO-220FL/SM; R DS On (Ω): (max 0.02); I_S (A): (max 45)
|
Glenair, Inc. Square D by Schneider Electric
|
LO503NBG1-15Q |
Blue green 15 degrees 5 mm LED lamp with water transparent lens. Wavelength(typ.) 505 nm. Luminous intensity(typ.) 4500 mcd.
|
Marktech Optoelectronics
|
IRFP23N50LPBF |
23 A, 500 V, 0.235 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AC HEXFET Power MOSFET ( VDSS = 500V , RDS(on)typ. = 0.190ヘ , Trr typ. = 170ns , ID = 23A ) HEXFET Power MOSFET ( VDSS = 500V , RDS(on)typ. = 0.190Ω , Trr typ. = 170ns , ID = 23A )
|
International Rectifier
|
7 3X 6X 2X 4 5 4X 501104 501141 501177 501128 5011 |
Serially Interfaced, 8-Digit, LED Display Drivers SCHLAUCHSCHELLE VERZINKT TYP 3X 5ST Inhalt pro Packung: 5 Stk. NiCd/NiMH Battery Fast-Charge Controllers SCHLAUCHSCHELLE VERZINKT TYP 6 5ST Inhalt pro Packung: 5 Stk. SCHLAUCHSCHELLE VERZINKT TYP 2X 5ST Inhalt pro Packung: 5 Stk. SCHLAUCHSCHELLE VERZINKT TYP 4 5ST Inhalt pro Packung: 5 Stk. SCHLAUCHSCHELLE VERZINKT TYP 5 5ST Inhalt pro Packung: 5 Stk. Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits SCHLAUCHSCHELLE ROSTFREI TYP 000 5ST Inhalt pro Packung: 5 Stk. SCHLAUCHSCHELLE ROSTFREI TYP 00 5ST Inhalt pro Packung: 5 Stk. SCHLAUCHSCHELLE ROSTFREI TYP 0X 5ST Inhalt pro Packung: 5 Stk. SCHLAUCHSCHELLE ROSTFREI TYP 2 5ST Inhalt pro Packung: 5 Stk. Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits SCHLAUCHSCHELLE ROSTFREI典型AST Inhalt亲Packung沙头角
|
TE Connectivity, Ltd.
|
FCH22N60N |
N-Channel SupreMOSMOSFET 600V, 22A, 165m Ultra Low Gate Charge (Typ. Qg = 45 nC), Low Effective Output Capacitance (Typ. Coss.eff = 196.4 pF)
|
Fairchild Semiconductor
|
2SC3583 |
NF 1.2 dB TYP. f = 1.0 GHz Ga 13 dB TYP. f = 1.0 GHz NPN Silicon Epitaxial Transistor
|
TY Semiconductor Co., L... TY Semicondutor
|
CMKD7000 |
SMD Switching Diode Dual Pair: In Series SURFACE MOUNT ULTRAmini DUAL PAIR OF SERIES CONFIGURED ULTRA-HIGH SPEED SILICON SWITCHING DIODES
|
Central Semiconductor C...
|