PART |
Description |
Maker |
ESDBV5V0AE1 |
For sensitive ESD protection, Low reverse stand-off voltage:5V
|
Micro Commercial Components Micro Commercial Compon...
|
P4KE11 P4KE10 P4KE100 P4KE100A P4KE20 P4KE20C P4KE |
Reverse stand-off voltage: 138.00V transient voltage suppressor 16-Bit, Ultralow Glitch, Voltage Output, Digital to Analog Converter 8-MSOP -40 to 105 Low Power, Rail-to-Rail Output, 16-Bit, Serial Input Digital-to-Analog Converter 8-MSOP -40 to 105 14-Bit, Single Channel, Parallel Interface, Multiplying Digital-to-Analog Converter 28-SSOP -40 to 85 Single Output LDO, 750mA, Fixed(2.5V), Fast Transient Response, SVS 8-SOIC -40 to 125 8-bit, Quad, Digital-to-Analog Converter with I<sup>2</sup>C interface 10-MSOP -40 to 85 400W瞬态BOLTAGE抑制 400W TRANSIENT BOLTAGE SUPPRESSORS 400W瞬态BOLTAGE抑制
|
WTE[Won-Top Electronics] Won-Top Electronics Co., Ltd.
|
DTV56 DTV56B DTV56F |
High Voltage Damper Diodes, Forward Current 10A, Reverse Recovery Time 135ns, Reverse Voltage 1500V
|
Vishay
|
BYW29-50 BYWB29-50 BYWF29-50 BYW29-100 BYW29-150 B |
Ultrafast Rectifiers, Forward Current 8.0A, Reverse Recovery Time 25ns, Reverse Voltage 50 to 200V
|
Vishay
|
BYV32 BYVF32 BYVB32 BYV32-200 BYVB32-200 BYVF32-20 |
Dual Ultrafast Rectifiers, Forward Current 18A, Reverse Recovery Time 25ns, Reverse Voltage 50 to 200V From old datasheet system
|
VISAY[Vishay Siliconix] http://
|
SMDJ170CA SMDJ160CA SMDJ17CA SMDJ64CA SMDJ130CA SM |
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 170 Volts
|
StarHope
|
MAX20-20.0CA MAX20-15.0CA MAX20-11.0CA MAX20-17.0C |
HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR (TVS) DIODE STAND-OFF VOLTAGE 5.0 to 22 Volts
|
MDE Semiconductor, Inc.
|
5KP210A 5KP130A 5KP200A 5KP36 5KP6.0A 5KP8.5A 5KP9 |
Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
|
GOOD-ARK Electronics
|
3KP170 3KP8.0 3KP5.0 3KP120 3KP6.0 |
Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
|
GOOD-ARK Electronics
|
ZB2BL4 ZB2BL2 ZB2BV6 ZB2BV3 ZB2BS54 ZB2BW84354 ZB2 |
CONTROL AND SIGNALLING UNITS DIODE TVS 75V 600W BIDIR 5% SMB DIODE TVS 36V 600W BI-DIR SMB 指示灯头 传奇\u0026#39;紧急停止\u0026#39; TVS Diode; TVS Polarization:Bidirectional; Stand-Off Voltage, VRWM:33V; Breakdown Voltage, Vbr:36.7V; Peak Pulse Power PPK @ 10x1000uS:600W; Package/Case:DO-214; Leaded Process Compatible:Yes; Mounting Type:Surface Mount TVS Diode; Diode Type:Bidirectional TVS; Stand-Off Voltage, VRWM:13V; Breakdown Voltage, Vbr:14.4V; Package/Case:DO-214; Leaded Process Compatible LEGEND PLATE B>1-11 DIODE TVS 9.0V 600W UNI 5% SMB TVS Diode; TVS Polarization:Unidirectional; Stand-Off Voltage, VRWM:30V; Breakdown Voltage, Vbr:33.3V; Peak Pulse Power PPK @ 10x1000uS:600W; Package TVS Diode; TVS Polarization:Unidirectional; Stand-Off Voltage, VRWM:51V; Breakdown Voltage, Vbr:56.7V; Peak Pulse Power PPK @ 10x1000uS:600W; Package TVS Diode; TVS Polarization:Bidirectional; Stand-Off Voltage, VRWM:18V; Breakdown Voltage, Vbr:20V; Peak Pulse Power PPK @ 10x1000uS:600W; Package Transient Surge Protection Thyristor; Leaded Process Compatible:Yes; Package/Case:DO-214; Mounting Type:Surface Mount; Polarization:Bipolar; Power Rating:600W; Type:TVS-Bidirectional; Voltage Rating:22V
|
List of Unclassifed Man... Square D by Schneider Electric
|
XC6216B992ML XC6216C992ML XC6216D992ML XE6216B992M |
Voltage Regulators with Stand-by Function - Input Voltage: 28V
|
Torex Semiconductor
|
TECD58A |
Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 6.0 to 60 Volts 2000 Watt Peak Pulse Power
|
StarHope
|