PART |
Description |
Maker |
MMSZ5221ET1 MMSZ5221ET3 MMSZ5221ET3G MMSZ5252ETG M |
Pb Free Device , 2.93V Microprocessor Reset with Active High Complementary Output and 140 msec Minimum Delay; Package: SC-70 (SOT-323) 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 3000 稳压 Zener Voltage Regulators 6.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
ON Semiconductor
|
MH081-MH3RP-MH1RP-1000 MH081-MH1RP-MH3RP-1000 MH11 |
INTERCONNECTION DEVICE LEAD FREE
|
Samtec, Inc.
|
NBXHGA017LN1TAG NBXHGA017LNHTAG |
2.5/3.3 V, 156.25 MHz LVPECL Clock Oscillator This is a Pb?Free Device
|
http://
|
NFSL757DT |
Pb-free Reflow Soldering Application, Built-in ESD Protection Device
|
NICHIA CORPORATION
|
NGTB25N120IHLWG |
Incorporated into the device is a rugged co?packaged free wheeling diode with a low forward voltage.
|
ON Semiconductor
|
IL440-1-X019 IL440-3-X019 IL440-2X001 |
Optocoupler - Trigger Device Output, 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER, LEAD FREE, PLASTIC, SMD-6, DIP-6 Optocoupler - Trigger Device Output, 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER, LEAD FREE, PLASTIC, DIP-6
|
Vishay Semiconductors
|
MN13821 MN13811 MN13822 MN1382 MN13812 MN1381 MN13 |
Others M3A(Pb Free) SSIP003-P-0000S(Pb Free) MINI-3DC(Pb Free)
|
panasonic
|
78283-0001 |
1.27mm (.050) Pitch Micro Serial ATA Device Plug, Right Angle, SMT, without withflanged tabbed housing, 16 circuits, Tape on Reel, Lead- free 1.27mm (.050") Pitch Micro Serial ATA Device Plug, Right Angle, SMT, without withflanged tabbed housing, 16 circuits, Tape on Reel, Lead- free
|
Molex Electronics Ltd.
|
PEEL18LV8Z-25 PEEL18LV8ZJ-25 PEEL18LV8ZJ-25L PEEL1 |
EE PLD, 35 ns, PDSO20 0.170 INCH, TSSOP-20 EE PLD, 35 ns, PDIP20 0.300 INCH, PLASTIC, DIP-20 EE PLD, 35 ns, PDSO20 0.300 INCH, LEAD FREE, SOIC-20 EE PLD, 35 ns, PDIP20 0.300 INCH, LEAD FREE, PLASTIC, DIP-20 EE PLD, 35 ns, PDSO20 0.170 INCH, LEAD FREE, TSSOP-20 EE PLD, 35 ns, PDSO20 0.300 INCH, SOIC-20 EE PLD, 25 ns, PQCC20 LEAD FREE, PLASTIC, LCC-20 EE PLD, 25 ns, PQCC20 PLASTIC, LCC-20 CMOS Programmable Electrically Erasable Logic Device 10 inputs 8 I/Os 8 registers 12 macro cells configurable 20 pins 2.7-3.6V zero power SPLD
|
Integrated Circuit Technology Corp ANACHIP[Anachip Corp]
|
MMSZ5255B MMSZ5244B |
3.08V uP Supervisory Circuit with Active High and Active Low Complementary outputs, Pb-Free Device; Package: Micro8™; No of Pins: 8; Container 5% TOLERANCE
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
NGTB25N120LWG |
Incorporated into the device is a rugged co?packaged free wheeling diode with a low forward voltage. IGBT
|
ON Semiconductor
|
|