PART |
Description |
Maker |
S3C80A4 S3C80A5 S3C80A8 S3P80A5 S3C80B4 S3C80B5 S3 |
SH2 Series, 7147 Group, Two ADC circuits, 5-ch 16-bit MTU2, 3-ch 16-bit MTU2S, Port Output Enable, 2-ch CMT, UBC, AUD FP-100U; Vcc= 4.5 to 5.5 volts, Temp= -40 to 85 C; Package: PLQP0100KB-A S3C8系列8位单芯片CMOS微控制器提供了快速,高效的CPU S3C8-series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor]
|
BC808-16 BC808-25 BC808-40 Q62702-C1689 BC807 BC80 |
From old datasheet system SH2 Series, 7086 Group, Two ADC circuits, 6-ch 16-bit MTU2, 3-ch 16-bit MTU2S, Port Output Enable, 2-ch CMT, UBC, 5v IO, 15 mA IO TFP-100B; Vcc= 3.0 to 5.5 volts, Temp= -40 to 85 C; Package: PTQP0100KA-A PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 500 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 500 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 进步党硅晶体管自动对焦(自动对焦对于一般应用高集电极电流的高电流增益)
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG Fairchild Semiconductor, Corp.
|
R5F21346UDFP R5F21346UDXXXFP R5F21346UNFP R5F21346 |
RENESAS MCU The R8C/34U Group, R8C/34K Group of single-chip MCUs incorporates the R8C CPU core,
|
Renesas Electronics Corporation
|
LP-CC-2-1/2 LP-CC-25 LP-CC-9 LP-CC-10 |
Cartridge Fuse; Current Rating:2.5A; Voltage Rating:600VAC; Fuse Type:Time Delay; Fuse Size/Group:13/32 x 1-1/2 "; Series:LP-CC TIME DELAY BLOW ELECTRIC FUSE, 2.5A, 600VAC, 300VDC, 200000A (IR), INLINE/HOLDER Cartridge Fuse; Current Rating:25A; Voltage Rating:600V; Fuse Type:Time Delay; Fuse Size/Group:10.31 x 38.1mm; Diameter:10.3124mm; Fuse Terminals:Ferrule; Leaded Process Compatible:No; Length:38.1mm RoHS Compliant: No Cartridge Fuse; Current Rating:9A; Voltage Rating:600VAC; Fuse Type:Time Delay; Fuse Size/Group:13/32 x 1-1/2 "; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Series:LP-CC RoHS Compliant: No Cartridge Fuse; Current Rating:10A; Voltage Rating:600V; Fuse Type:Time Delay; Fuse Size/Group:10.31 x 38.1mm; Diameter:10.3124mm; Fuse Terminals:Ferrule; Leaded Process Compatible:No; Length:38.1mm RoHS Compliant: No
|
Cooper Bussmann, Inc. COOPER INDUSTRIES
|
Z85C30-10BUA Z85C30-10DC Z85C30-10BQA AM85C30-8/BQ |
16MHZ, MLF, IND TEMP, GREEN(MCU AVR) 16MHZ, PDIP, IND TEMP, GREEN(MCU AVR) 16MHZ, MLF, IND TEMP, 5V(MCU AVR) 16MHZ, MLF, IND TEMP, GREEN, 5V(MCU AVR) 16MHZ, MLF, IND TEMP(MCU AVR) 16MHZ, TQFP, IND TEMP, GREEN, 5V(MCU AVR) Cartridge Fuse; Current Rating:2A; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:5 x 15 mm; Body Material:Glass; Diameter:4.5mm; Fuse Terminals:Ferrule; Leaded Process Compatible:Yes; Length:14.48mm; Series:225 RoHS Compliant: Yes ATMEGA644V-10PU & AT86RF230-ZU(AVRZLINK) Communications Controller 通信控制 Cartridge Fuse; Current Rating:1A; Voltage Rating:250V; Fuse Type:Time Delay; Fuse Size/Group:5 x 15 mm; Body Material:Glass; Diameter:4.5mm; Fuse Terminals:Ferrule; Leaded Process Compatible:Yes; Length:14.48mm; Series:229 通信控制 Cartridge Fuse; Current Rating:1A; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:5 x 15 mm; Body Material:Glass; Diameter:4.5mm; Fuse Terminals:Ferrule; Leaded Process Compatible:Yes; Length:14.48mm; Series:225 通信控制 16MHZ, TQFP, IND TEMP, 5V(MCU AVR) 通信控制 16MHZ, TQFP, IND TEMP, GREEN(MCU AVR) 通信控制
|
Advanced Micro Devices, Inc. Amphenol, Corp. Electronic Theatre Controls, Inc.
|
FWH-500A COOPERINDUSTRIES-FWH-225A |
Semiconductor Fuse; Current Rating:500A; Voltage Rating:500V; Fuse Size/Group:1.5 x 2.09 "; Fuse Type:Fast Acting; Fuse Terminals:Blade; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Series:FWH RoHS Compliant: No
|
COOPER INDUSTRIES
|
FNQ-R-25 FNQ-R-15 |
Cartridge Fuse; Current Rating:25A; Voltage Rating:600V; Fuse Type:Time Delay; Fuse Size/Group:13/32 x 1-1/2 "; Body Material:Melamine; Diameter:0.406mm; Fuse Terminals:Ferrule; Leaded Process Compatible:No; Length:38.1mm Cartridge Fuse; Current Rating:15A; Voltage Rating:600V; Fuse Type:Time Delay; Fuse Size/Group:13/32 x 1-1/2 "; Body Material:Melamine; Diameter:0.406mm; Fuse Terminals:Ferrule; Length:38.1mm; Series:FNQ-R
|
COOPER INDUSTRIES
|
Z80C30-10CME Z85C3008CME Z85C3008/CMB Z85C3010CMB |
FUSEHOLDR 2AG PNL MNT SOLDER QC Cartridge Fuse; Current Rating:80mA; Voltage Rating:250V; Fuse Type:Time Delay; Fuse Size/Group:5 x 20 mm; Body Material:Glass; Diameter:5mm; Fuse Terminals:Ferrule; Length:20mm; Series:218XE 通信控制 Communications Controller 通信控制
|
ZiLOG, Inc.
|
PA73M/883 |
Table 4 Group A Inspection
|
Cirrus Logic
|
PA61M |
TABLE 4 GROUP A INSPECTION
|
Cirrus Logic
|
|