PART |
Description |
Maker |
74AHC1G126GV 74AHCT1G126GM 74AHCT1G126GW 74AHCT1G1 |
Bus buffer-line driver; 3-state 总线缓冲线路驱动器,三 Bus buffer-line driver; 3-state AHCT/VHCT/VT SERIES, 1-BIT DRIVER, TRUE OUTPUT, PDSO6 Bus buffer/line driver; 3-state
|
NXP Semiconductors N.V.
|
74HCT1G125GV 74HCT1G125GW 74HC1G125 74HC1G125GV 74 |
4-Bit Synchronous Binary Counters 16-SOIC -40 to 85 采用16-SOIC封装位同步二进制计数工作温度-40℃到85 74HC1G125; 74HCT1G125; Bus buffer/line drivers; 3-state Bus buffer/line driver; 3-state
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
M74HC241B1R M74HC241RM13TR M74HC241M1R M74HC241TTR |
HC/UH SERIES, DUAL 4-BIT DRIVER, TRUE OUTPUT, PDIP20 OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED) OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
|
STMicroelectronics ST Microelectronics
|
74VHCT16240A 7827 74VHCT16240ATTR |
16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (INVERTED) From old datasheet system 16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (INVERTED)
|
ST Microelectronics STMicroelectronics
|
BXA3 BXA3-24S3V3 BXA3-12S15 BXA3-12S3V3 BXA3-24D05 |
Octal D-type flip flop non-inverting (3-state) with 5V tolerant inputs and outputs Octal D-type latch non-inverting (3-state) with 5V tolerant inputs and outputs DC至DC转换 Low voltage CMOS octal bus transceiver (3-state) with 5V tolerant inputs and outputs Low voltage CMOS quad bus buffer (3-state) with 5 V tolerant inputs and outputs Low voltage CMOS octal bus buffer (3-state) with 5 V tolerant inputs and outputs Low voltage CMOS octal bus buffer (3-state) with 5V tolerant inputs and outputs Low voltage CMOS dual 2 to 4 decoder / demultiplexer OCTAL BUS BUFFER (3-STATE NON INV.) WITH 5V TOLERANT INPUTS AND OUTPUTS Low voltage CMOS 3 to 8 line decoder (inverter) with 5 V tolerant inputs 3W Wide Input DC/DC Converters
|
Electronic Theatre Controls, Inc. ARTESYN[Artesyn Technologies]
|
74ACT244 74ACT244B 74ACT244M 74ACT244T 4825 |
Dual Positive-Edge-Triggered D-Type Flip-Flops With Clear And Preset 14-SOIC 0 to 70 OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED) From old datasheet system
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
74AC16244TTR |
16-BIT BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED) 16-BIT BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
|
ST Microelectronics
|
74LCX162541TTR |
16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
|
ST Microelectronics
|
MM74HC540 MM74HC540MTC MM74HC540N MM74HC540SJ MM74 |
Inverting Octal 3-STATE Buffers Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer Inverting Octal 3-STATE Buffer • Octal 3-STATE Buffer 1.5 A, 260 kHz Low Voltage Buck Regulators with External Bias; Package: DFN18 6x5, 0.5p; No of Pins: 18; Container: Tape and Reel; Qty per Container: 2500 Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
M74HCT126M1R M74HCT126B1R M74HCT126 M74HCT126RM13T |
OCTAL BUS BUFFER (3-STATE) QUAD BUS BUFFER (3-STATE)
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
74LVX16240 74LVX16240TTR |
16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (INVERTED), 5V TOLERANT INPUT
|
STMicroelectronics
|
74ALVCH16244-D |
Low-Voltage 16-Bit Buffer with Bus Hold 1.8/2.5/3.3 V (3-State, Non-Inverting)
|
ON Semiconductor
|