PART |
Description |
Maker |
IRF5Y3205CM |
55V Single N-Channel Hi-Rel MOSFET in a TO-257AA package THRU-HOLE (TO-257AA) 55V, N-CHANNEL POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.022ohm, Id=18A*)
|
IRF[International Rectifier]
|
IRF5N3205 |
55V Single N-Channel Hi-Rel MOSFET in a SMD-1 package POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.008ohm, Id=55A*) SURFACE MOUNT (SMD-1) 55V, N-CHANNEL POWER MOSFET N-CHANNEL(Vdss=55V/ Rds(on)=0.008ohm/ Id=55A*)
|
IRF[International Rectifier]
|
HUFA75329S3S HUFA75329G3 HUFA75329P3 HUFA75329S3ST |
Discrete Automotive N-Channel UltraFET Power MOSFET, 55V, 49A, 0.024 Ohms @ VGS = 10V TO-263/D2PAK Package 49A, 55V, 0.024 Ohm, N-Channel UltraFET Power MOSFETs 49A 55V 0.024 Ohm N-Channel UltraFET Power MOSFETs
|
FAIRCHILD[Fairchild Semiconductor]
|
HUF75333S3S HUF75333G3 HUF75333P3 HUF75333S3 HUF75 |
55V N-Channel UltraFET Power MOSFET 66A, 55V, 0.016 Ohm. N-Channel UltraFET Power MOSFETs
|
FAIRCHILD[Fairchild Semiconductor]
|
STW80NF55-06 8138 |
N-CHANNEL 55V - 0.005ohm - 80A TO-247 STripFETII POWER MOSFET N-CHANNEL 55V - 0.005ohm - 80A TO-247 STripFET II POWER MOSFET N-CHANNEL 55V 0.005 OHM 80A TO-247 STRIPFET II POWER MOSFET From old datasheet system N-CHANNEL 55V - 0.005ohm - 80A TO-247 STripFET⑩ II POWER MOSFET N-CHANNEL 55V 0.005 OHM 80A TO-247 STRIPFET II POWER MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
FDP3205 |
N-Channel PowerTrench? MOSFET 55V, 100A, 7.5mΩ N-Channel PowerTrench㈢ MOSFET 55V, 100A, 7.5mヘ
|
Fairchild Semiconductor
|
IRFZ44N IRFZ44 IRFZ44NPBF |
55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=55V, Rds(on)=17.5mohm, Id=49A)
|
IRF[International Rectifier]
|
IRF7341Q IRF7341QTR |
HEXFET? Power MOSFET 55V Dual N-Channel HEXFET Power MOSFET in a SO-8 package TRANSISTOR | MOSFET | MATCHED PAIR | N-CHANNEL | 55V V(BR)DSS | 5.1A I(D) | SO
|
International Rectifier
|
V357.006449 V371 V384 V373 V321 V377 V315 V319 V30 |
BATTERIE KNOPFZELLE 1.55V D6.8 H2.15 BATTERIE KNOPFZELLE 1.55V D9.5 H3.6 BATTERIE KNOPFZELLE 1.55V D7.9 H5.4 BATTERIE KNOPFZELLE 1.55V D7.9 H2.1 BATTERIE KNOPFZELLE 1.55V D11.6 H4.2 BATTERIE KNOPFZELLE 1.55V D11.6 H2.1 BATTERY BUTTON CELL 1.5V 1.5V的电池扣式电 BATTERIE KNOPFZELLE 1.55V D11.6 H5.4 巴特里KNOPFZELLE 1.55V的D11.6 H5.4 BATTERY SILVER OXIDE BUTTON
|
TE Connectivity, Ltd. Ecliptek, Corp.
|
IRFU4105Z IRFR4105Z |
55V Single N-Channel HEXFET Power MOSFET in a I-Pak package Power MOSFET(Vds=55V, Rds(on)=24.5mohm, Id=30A) 功率MOSFET(讥\u003d 55V的,的Rds(on)\u003d 24.5mohm,身份证\u003d 30A条) Power MOSFET(Vds=55V / Rds(on)=24.5mohm / Id=30A) 55V Single N-Channel HEXFET Power MOSFET in a D-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
HUF75321S3S FN4360 HUF75321P3 |
35A, 55V, 0.034 Ohm, N-Channel UltraFET Power MOSFETs(35A, 55V, 0.034 Ω, N沟道UltraFET功率MOS场效应管) From old datasheet system 35A/ 55V/ 0.034 Ohm/ N-Channel UltraFET Power MOSFETs
|
Intersil Corporation
|
HUFA75309D3 HUFA75309D3S HUFA75309P3 HUFA75309D3ST |
19A, 55V, 0.070 Ohm, N-Channel UltraFET Power MOSFETs 19 A, 55 V, 0.07 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 19A, 55V, 0.070 Ohm, N-Channel UltraFET Power MOSFETs 19 A, 55 V, 0.07 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA 19A/ 55V/ 0.070 Ohm/ N-Channel UltraFET Power MOSFETs TRANSISTOR | MOSFET | N-CHANNEL | 55V V(BR)DSS | 19A I(D) | TO-252AA
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|