Part Number Hot Search : 
AD637K 100R2 13005 CDRH5D28 GT23MABE AEO35K48 SA160AG 3EVKI
Product Description
Full Text Search
  0.0065 Datasheet PDF File

For 0.0065 Found Datasheets File :: 3093    Search Time::2.625ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    70-0065-B

List of Unclassifed Manufacturers
ETC[ETC]
Part No. 70-0065-B
OCR Text ...C P2-4 P2-3 NC P2-2 GND P2-1 P2-0 GND VDD -RDF -WRD -RDR -WRC A19 A18 TEST C3 10p C4 10p R3 1K 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 ...0065 Thursday, September 01, 2005 2 Rev A Sheet 1 1 of 17 5 4 3 2 1 D ...
Description RSC-4x Demo/Evaluation Board: RSC-4000

File Size 213.93K  /  17 Page

View it Online

Download Datasheet





    19286-0065

Molex Electronics Ltd.
Part No. 19286-0065
OCR Text ...-0065 19286-0065 8 6 4 2 1 1/0 2/0 3/0 4/0 250MCM 300MCM 350MCM 400MCM 500MCM 40 PSI 45 PSI 50 PSI 55 PSI 65 PSI 65 PSI 70 PSI 75 PSI 75 PSI 85 PSI 90 PSI 90 PSI 100 PSI 100 PSI * The pressure settings shown in the chart refer to t...
Description Putt Pump DielessHead Crimper for Insulated and Non-Insulated Terminals and Splices

File Size 81.01K  /  1 Page

View it Online

Download Datasheet

    Optima Precision
Part No. 310-0065-780
OCR Text ...arge numerical aperture (NA) of 0.48 captures a large percentage of the beam from most common laser diodes -- coupling efficiencies typicall...0065-780 305-0464-780 305-4606-670 305-8040-780 UNIT PRICE (Qty 1-49 pcs.) DESCRIPTION CONJUGATE ...
Description Laser Diode, 780nm Wave Length

File Size 173.60K  /  4 Page

View it Online

Download Datasheet

    71850-0065 A-71850-0065 0015446804 15-44-6804 15-44-6854 15-44-5180 15-44-5860 15-44-5864 15-44-5868 15-44-5862 15-44-58

Molex Electronics Ltd.
Part No. 71850-0065 A-71850-0065 0015446804 15-44-6804 15-44-6854 15-44-5180 15-44-5860 15-44-5864 15-44-5868 15-44-5862 15-44-5866 A-71850-0150 A-71850-0151 A-71850-0152 A-71850-0153 A-71850-0154 A-71850-0155 A-71850-0197 15-44-6850 15-44-6852 15-44-6856 15-44-6858 15-44-5170 A-71850-0095 A-71850-0074 15-44-5872 15-44-5870 15-44-5874 15-44-5876 15-44-5878 A-71850-0129 A-71850-0212 15-44-5850 15-44-5854 15-44-5852 15-44-5820 15-44-5160 15-44-5174 15-44-5172 15-44-5178 A-71850-0204 A-71850-0075 A-71850-0077 A-71850-0076 A-71850-0079 A-71850-0067 A-71850-0071 A-71850-0078 A-71850-0069 A-71850-0073 A-71850-0066 A-71850-0070 A-71850-0230 A-71850-0231 A-71850-0200 0015446842-ND A-71850-0166 0015446846-ND 0015-44-6842 0015-44-6862 0015-44-6846 0015-44-6876 0015-44-6878 15-44-5808 15-44-5810 15-44-5814 15-44-5806 15-44-5818 15-44-5822 15-44-5812 15-44-5816 15-44-5824
OCR Text ...Interface: Style 4 Black 25 94V-0 No Phosphor Bronze Tin Tin High Temperature Thermoplastic 2 Vertical 0.120 In 3.05 mm No None 0.062 In 1.6...0065 Reference - Drawing Numbers Packaging Specification Product Specification Sales Drawing PK-...
Description 2.54mm (.100") Pitch C-Grid庐 Receptacle, Through Hole, Dual Row, High Profile, Vertical, High-Temperature, 4 Circuits
2.54mm (.100) Pitch C-Grid? Receptacle, Through Hole, Dual Row, High Profile, Vertical, High-Temperature, 4 Circuits

File Size 372.58K  /  4 Page

View it Online

Download Datasheet

    VDS8608A8A VDS8608A8A-75 VDS8608A8A-75A

A-DATA[A-Data Technology]
Part No. VDS8608A8A VDS8608A8A-75 VDS8608A8A-75A
OCR Text ...lastic TSOP II 400 mil Rev 1.0 December, 2001 1 V-Data Pin Description PIN CLK CKE NAME System Clock Clock Enable FUNCTION Active on the positive edge to sample all inputs. VDS8608A8A Masks system clock to freeze operation ...
Description Synchronous DRAM(8M X 8 Bit X 4 Banks)

File Size 209.44K  /  8 Page

View it Online

Download Datasheet

    http://
EMMICRO[EM Microelectronic - MARIN SA]
Part No. V6300 V6300ASP5B V6300RSP5B V6301RSP5B V6300BSP5B V6300CSP5B V6300DSP5B V6300ESP5B V6300FSP5B V6300GSP5B V6300HSP5B V6300ISP5B V6300JSP5B V6300KSP5B V6300LSP5B V6300MSP5B V6300NSP5B V6300OSP5B V6300PSP5B V6300QSP5B V6301 V6301ASP5B V6301BSP5B V6301CSP5B V6301DSP5B V6301ESP5B V6301FSP5B V6301GSP5B V6301HSP5B V6301ISP5B V6301JSP5B V6301KSP5B V6301LSP5B V6301MSP5B V6301NSP5B V6301OSP5B V6301PSP5B V6301QSP5B
OCR Text ... VDD Vmin Vmax TSTO Conditions -0.3V to +10V VSS - 0.3V VDD + 0.3V -65C to +150C Table 1 Absolute Maximum Ratings Parameter Voltage at VDD to VSS Minimum voltage at RES or RES Maximum voltage at RES or RES Storage Temperature Range ...
Description ULTRA LOW POWER 3-PIN POWER-ON RESET IC

File Size 342.53K  /  6 Page

View it Online

Download Datasheet

    Vishay Intertechnology
Part No. VJ2220YXXXX
OCR Text ... Capacitance Range: 100 pF to 1.0 F. Temperature Coefficient of Capacitance (TCC): X7R: 15 % from - 55 C to + 125 C, with 0 Vdc applied. Dissipation Factor (DF): 25 V ratings: 3.5 % maximum at 1.0 Vrms and 1kHz. 50 V, 100 V ratings: 2.5 %...
Description (VJ Series) Multilayer Ceramic Chip Capacitors

File Size 123.70K  /  4 Page

View it Online

Download Datasheet

    UTC[Unisonic Technologies]
Part No. UTC8507 8507
OCR Text ...=0dB Rg=620 Vin=0dB,CMUTE=GND 8.0 -0.5 -1.0 -1.5 ELECTRICAL CHARACTERISTICS (Vcc=3V,f=1kHz,Ta=25,unless otherwise noted) MIN TYP 2.4 4.0 12.5 0 0 0 0.5 3.0 80 1.35 130 0 0 0 0 0.5 10.0 80 800 MAX 7.0 6.5 17.0 +0.5 +1.0 +1.5 1.0 5.5...
Description LINEAR INTEGRATED CIRCUIT

File Size 118.13K  /  6 Page

View it Online

Download Datasheet

    Unisem Group
UNISEM[UNISEM]
Part No. US3012 US3012ACW US3012CW
OCR Text ...CKAGE ORDER INFORMATION Ta (C) 0 TO 70 0 TO 70 Rev. 1.0 5/6/98 Device US3012CW US3012ACW Package 20 pin Plastic SOIC WB 20 pin Plastic SOIC WB VID Voltage Range 1.3V to 3.5V 1.8V to 3.5V 4-1 US3012/3012A ABSOLUTE MAXIMUM R...
Description 5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC

File Size 74.09K  /  11 Page

View it Online

Download Datasheet

    UPD45128163G5-A10I-9JF UPD45128163G5-A10LI-9JF UPD45128163G5-A75I-9JF UPD45128163G5-A75LI-9JF UPD45128163-I UPD45128163G

ELPIDA[Elpida Memory]
Part No. UPD45128163G5-A10I-9JF UPD45128163G5-A10LI-9JF UPD45128163G5-A75I-9JF UPD45128163G5-A75LI-9JF UPD45128163-I UPD45128163G5-A80LI-9JF UPD45128163G5-A80I-9JF
OCR Text ...16 organization * Single 3.3 V 0.3 V power supply * LVTTL compatible inputs and outputs * 4,096 refresh cycles / 64 ms * Burst termination by Burst stop command and Precharge command The information in this document is subject to change...
Description 128M-BIT SYNCHRONOUS DRAM 4-BANK, LVTTL WTR (WIDE TEMPERATURE RANGE)

File Size 760.81K  /  86 Page

View it Online

Download Datasheet

For 0.0065 Found Datasheets File :: 3093    Search Time::2.625ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 0.0065

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.20476603508